Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS12885Q+R Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS12885Q+R
Description  Real-Time Clock
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS12885Q+R Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS12885Q+R Datasheet HTML 1Page - Maxim Integrated Products DS12885Q+R Datasheet HTML 2Page - Maxim Integrated Products DS12885Q+R Datasheet HTML 3Page - Maxim Integrated Products DS12885Q+R Datasheet HTML 4Page - Maxim Integrated Products DS12885Q+R Datasheet HTML 5Page - Maxim Integrated Products DS12885Q+R Datasheet HTML 6Page - Maxim Integrated Products DS12885Q+R Datasheet HTML 7Page - Maxim Integrated Products DS12885Q+R Datasheet HTML 8Page - Maxim Integrated Products DS12885Q+R Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
General Description
The DS12885, DS12887, and DS12C887 real-time
clocks (RTCs) are designed to be direct replacements
for the DS1285 and DS1287. The devices provide a
real-time clock/calendar, one time-of-day alarm, three
maskable interrupts with a common interrupt output, a
programmable square wave, and 114 bytes of battery-
backed static RAM (113 bytes in the DS12C887 and
DS12C887A). The DS12887 integrates a quartz crystal
and lithium energy source into a 24-pin encapsulated
DIP package. The DS12C887 adds a century byte at
address 32h. For all devices, the date at the end of the
month is automatically adjusted for months with fewer
than 31 days, including correction for leap years. The
devices
also
operate
in
either
24-hour
or
12-hour format with an AM/PM indicator. A precision
temperature-compensated circuit monitors the status of
VCC. If a primary power failure is detected, the device
automatically switches to a backup supply. A lithium
coin-cell battery can be connected to the VBAT input
pin on the DS12885 to maintain time and date operation
when primary power is absent. The device is accessed
through a multiplexed byte-wide interface, which sup-
ports both Intel and Motorola modes.
Applications
Embedded Systems
Utility Meters
Security Systems
Network Hubs, Bridges, and Routers
Features
♦ Drop-In Replacement for IBM AT Computer
Clock/Calendar
♦ RTC Counts Seconds, Minutes, Hours, Day, Date,
Month, and Year with Leap Year Compensation
Through 2099
♦ Binary or BCD Time Representation
♦ 12-Hour or 24-Hour Clock with AM and PM in
12-Hour Mode
♦ Daylight Saving Time Option
♦ Selectable Intel or Motorola Bus Timing
♦ Interfaced with Software as 128 RAM Locations
♦ 14 Bytes of Clock and Control Registers
♦ 114 Bytes of General-Purpose, Battery-Backed
RAM (113 Bytes in the DS12C887 and
DS12C887A)
♦ RAM Clear Function (DS12885, DS12887A, and
DS12C887A)
♦ Interrupt Output with Three Independently
Maskable Interrupt Flags
♦ Time-of-Day Alarm Once Per Second to Once
Per Day
♦ Periodic Rates from 122μs to 500ms
♦ End-of-Clock Update Cycle Flag
♦ Programmable Square-Wave Output
♦ Automatic Power-Fail Detect and Switch Circuitry
♦ Optional 28-Pin PLCC Surface Mount Package or
32-Pin TQFP (DS12885)
♦ Optional Encapsulated DIP (EDIP) Package with
Integrated Crystal and Battery (DS12887,
DS12887A, DS12C887, DS12C887A)
♦ Optional Industrial Temperature Range Available
♦ Underwriters Laboratory (UL) Recognized
Real-Time Clock
______________________________________________
Maxim Integrated Products
1
DS12885
DS83C520
R/W
AS
GND
X2
X1
VCC
VCC
CRYSTAL
DS
VBAT
AD(0–7)
SQW
RESET
IRQ
RCLR
CS
MOT
Typical Operating Circuit
Rev 3; 2/07
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations and Ordering Information appear at end of data sheet.


Similar Part No. - DS12885Q+R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS12885Q++ MAXIM-DS12885Q+ Datasheet
268Kb / 22P
   Real-Time Clocks
19-5213; Rev 4; 4/10
DS12885Q+TR MAXIM-DS12885Q+TR Datasheet
268Kb / 22P
   Real-Time Clocks
19-5213; Rev 4; 4/10
More results

Similar Description - DS12885Q+R

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
   Real Time Clock
logo
Dallas Semiconductor
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
   Real Time Clock
logo
Epson ToYoCom
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
   Real time clock
logo
List of Unclassifed Man...
TC8250P ETC-TC8250P Datasheet
412Kb / 20P
   Real time clock
logo
Seiko Instruments Inc
S-3511A SII-S-3511A Datasheet
1Mb / 28P
   REAL-TIME CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com