Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1049CV33-15ZSXE Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1049CV33-15ZSXE
Description  4-Mbit (512K x 8) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1049CV33-15ZSXE Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1049CV33-15ZSXE Datasheet HTML 1Page - Cypress Semiconductor CY7C1049CV33-15ZSXE Datasheet HTML 2Page - Cypress Semiconductor CY7C1049CV33-15ZSXE Datasheet HTML 3Page - Cypress Semiconductor CY7C1049CV33-15ZSXE Datasheet HTML 4Page - Cypress Semiconductor CY7C1049CV33-15ZSXE Datasheet HTML 5Page - Cypress Semiconductor CY7C1049CV33-15ZSXE Datasheet HTML 6Page - Cypress Semiconductor CY7C1049CV33-15ZSXE Datasheet HTML 7Page - Cypress Semiconductor CY7C1049CV33-15ZSXE Datasheet HTML 8Page - Cypress Semiconductor CY7C1049CV33-15ZSXE Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CY7C1049CV33
Document #: 38-05006 Rev. *E
Page 4 of 11
AC Test Loads and Waveforms[5]
Notes:
4. Tested initially and after any design or process changes that may affect these parameters.
5. AC characteristics (except High-Z) for all 8-ns and 10-ns parts are tested using the load conditions shown in Figure (a). All other speeds are tested using the
Thevenin load shown in Figure (b). High-Z characteristics are tested for all speeds using the test load shown in Figure (d).
ISB1
Automatic CE
Power-down Current
—TTL Inputs
Max. VCC, CE > VIH;
VIN > VIH or
VIN < VIL, f = fMAX
Com’l / Ind’l
40
40
mA
Automotive
45
-
mA
ISB2
Automatic CE
Power-down Current
—CMOS Inputs
Max. VCC,
CE > VCC – 0.3V,
VIN > VCC – 0.3V,
or VIN < 0.3V, f = 0
Com’l/Ind’l
10
10
mA
Automotive
15
-
mA
Thermal Resistance[4]
Parameter
Description
Test Conditions
36-pin SOJ
(Non Pb-Free)
36-pin SOJ
(Pb-Free)
44-TSOP-II
(Non Pb-Free)
44-TSOP-II
(Pb-Free)
Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)
Test conditions follow
standard test methods
and procedures for
measuring thermal
impedance, per EIA /
JESD51.
46.51
46.51
41.66
41.66
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)
18.8
18.8
10.56
10.56
°C/W
Capacitance[4]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 3.3V
8pF
COUT
I/O Capacitance
8
pF
Electrical Characteristics Over the Operating Range (continued)
Parameter
Description
Test Conditions
-15
-20
Unit
Min.
Max.
Min.
Max.
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
3.3V
OUTPUT
30 pF
* CAPACITIVE LOAD CONSISTS
OF ALL COMPONENTS OF THE
TEST ENVIRONMENT
(b)
R 317
R2
351
Rise Time: 1 V/ns
Fall Time: 1 V/ns
30 pF*
OUTPUT
Z = 50
50
1.5V
(c)
(a)
3.3V
OUTPUT
5 pF
(d)
R 317
R2
351
8-, 10-ns devices:
12-, 15-, 20-ns devices:
High-Z characteristics:


Similar Part No. - CY7C1049CV33-15ZSXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33-15ZSXE CYPRESS-CY7C1049CV33-15ZSXE Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
CY7C1049CV33-15ZSXE CYPRESS-CY7C1049CV33-15ZSXE Datasheet
873Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM TTL-compatible inputs and outputs
More results

Similar Description - CY7C1049CV33-15ZSXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_10 Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN Datasheet
525Kb / 9P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30 Datasheet
1,008Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33 Datasheet
433Kb / 8P
   4-Mbit (512K x 8) Static RAM
CY62148BLL-70SXI CYPRESS-CY62148BLL-70SXI Datasheet
343Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_10 Datasheet
499Kb / 10P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com