Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS12885S+T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS12885S+T
Description  Real-Time Clock
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS12885S+T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS12885S+T Datasheet HTML 6Page - Maxim Integrated Products DS12885S+T Datasheet HTML 7Page - Maxim Integrated Products DS12885S+T Datasheet HTML 8Page - Maxim Integrated Products DS12885S+T Datasheet HTML 9Page - Maxim Integrated Products DS12885S+T Datasheet HTML 10Page - Maxim Integrated Products DS12885S+T Datasheet HTML 11Page - Maxim Integrated Products DS12885S+T Datasheet HTML 12Page - Maxim Integrated Products DS12885S+T Datasheet HTML 13Page - Maxim Integrated Products DS12885S+T Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Real-Time Clock
10
____________________________________________________________________
Pin Description (continued)
PIN
SO,
PDIP
EDIP
PLCC
TQFP
NAME
FUNCTION
19
19
23
21
IRQ
Active-Low Interrupt Request Output. The IRQ pin is an active-low output of the
device that can be used as an interrupt input to a processor. The IRQ output
remains low as long as the status bit causing the interrupt is present and the
corresponding interrupt-enable bit is set. The processor program normally
reads the C register to clear the IRQ pin. The RESET pin also clears pending
interrupts. When no interrupt conditions are present, the IRQ level is in the high-
impedance state. Multiple interrupting devices can be connected to an IRQ
bus, provided that they are all open drain. The IRQ pin is an open-drain output
and requires an external pullup resistor to VCC.
20
24
22
VBAT
Connection for a Primary Battery. (DS12885 Only.) Battery voltage must be held
between the minimum and maximum limits for proper operation. If a backup
supply is not supplied, VBAT must be grounded. Connect the battery directly to
the VBAT pin. Diodes in series between the VBAT pin and the battery may
prevent proper operation. UL recognized to ensure against reverse charging
when used with a lithium battery.
21
21
(DS12887A/
DS12C887A)
25
24
RCLR
Active-Low RAM Clear. The RCLR pin is used to clear (set to logic 1) all the
general-purpose RAM, but does not affect the RAM associated with the RTC. To
clear the RAM, RCLR must be forced to an input logic 0 during battery-backup
mode when VCC is not applied. The RCLR function is designed to be used
through a human interface (shorting to ground manually or by a switch) and not
to be driven with external buffers. This pin is internally pulled up. Do not use an
external pullup resistor on this pin.
23
23
27
26
SQW
Square-Wave Output. The SQW pin can output a signal from one of 13 taps
provided by the 15 internal divider stages of the RTC. The frequency of the
SQW pin can be changed by programming Register A, as shown in Table 1.
The SQW signal can be turned on and off using the SQWE bit in Register B. The
SQW signal is not available when VCC is less than VPF.
24
24
28
28
VCC
DC Power Pin for Primary Power Supply. When VCC is applied within normal
limits, the device is fully accessible and data can be written and read. When
VCC is below VPF reads and writes are inhibited.


Similar Part No. - DS12885S+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS12885S+TR MAXIM-DS12885S+TR Datasheet
268Kb / 22P
   Real-Time Clocks
19-5213; Rev 4; 4/10
More results

Similar Description - DS12885S+T

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
   Real Time Clock
logo
Dallas Semiconductor
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
   Real Time Clock
logo
Epson ToYoCom
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
   Real time clock
logo
List of Unclassifed Man...
TC8250P ETC-TC8250P Datasheet
412Kb / 20P
   Real time clock
logo
Seiko Instruments Inc
S-3511A SII-S-3511A Datasheet
1Mb / 28P
   REAL-TIME CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com