Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS17285E-3 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS17285E-3
Description  Real-Time Clocks
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS17285E-3 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS17285E-3 Datasheet HTML 7Page - Maxim Integrated Products DS17285E-3 Datasheet HTML 8Page - Maxim Integrated Products DS17285E-3 Datasheet HTML 9Page - Maxim Integrated Products DS17285E-3 Datasheet HTML 10Page - Maxim Integrated Products DS17285E-3 Datasheet HTML 11Page - Maxim Integrated Products DS17285E-3 Datasheet HTML 12Page - Maxim Integrated Products DS17285E-3 Datasheet HTML 13Page - Maxim Integrated Products DS17285E-3 Datasheet HTML 14Page - Maxim Integrated Products DS17285E-3 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Detailed Description
The DS17x85 is a successor to the DS1285 real-time
clock (RTC). The device provides 18 bytes of real-time
clock/calendar, alarm, and control/status registers and
114 bytes of nonvolatile battery-backed RAM. The
device also provides additional extended RAM in either
2k/4k/8kbytes (DS17285/DS17485/DS17885). A time-
of-day alarm, six maskable interrupts with a common
interrupt output, and a programmable square-wave
output are available. It also operates in either 24-hour
or 12-hour format with an AM/PM indicator. A precision
temperature-compensated circuit monitors the status of
VCC. If a primary power-supply failure is detected, the
device automatically switches to a backup supply. The
backup supply input supports a primary battery, such
as a lithium coin cell. The device is accessed by a mul-
tiplexed address/data bus.
Oscillator Circuit
The DS17x85 uses an external 32.768kHz crystal. The
oscillator circuit does not require any external resistors
or capacitors to operate. Table 1 specifies several
crystal parameters for the external crystal, and Figure 2
shows a functional schematic of the oscillator circuit.
The oscillator is controlled by an enable bit in the con-
trol register. Oscillator startup times are highly depen-
dent upon crystal characteristics, PC board leakage,
and layout. High ESR and excessive capacitive loads
are the major contributors to long startup times. A cir-
cuit using a crystal with the recommended characteris-
tics and proper layout usually starts within one second.
An external 32.768kHz oscillator can also drive the
DS17x85. In this configuration, the X1 pin is connected
to the external oscillator signal and the X2 pin is floated.
Clock Accuracy
The accuracy of the clock is dependent upon the accu-
racy of the crystal and the accuracy of the match
between the capacitive load of the oscillator circuit and
the capacitive load for which the crystal was trimmed.
Additional error will be added by crystal frequency drift
caused by temperature shifts. External circuit noise
coupled into the oscillator circuit may result in the clock
running fast. Figure 3 shows a typical PC board layout
for isolation of the crystal and oscillator from noise.
Refer to Application Note 58: Crystal Considerations
with Dallas Real-Time Clocks for detailed information.
Clock Accuracy (DS17287,
DS17487, and DS17887)
The encapsulated DIP (EDIP) modules are trimmed at
the factory to ±1 minute per month accuracy at 25°C.
Real-Time Clocks
____________________________________________________________________
11
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Nominal
fO
32.768
kHz
Series
Resistance
ESR
50
kΩ
Load
Capacitance
CL
6 or
12.5
pF
Table 1. Crystal Specifications* (DS17x85
Only)
*The crystal, traces, and crystal input pins should be isolated
from RF generating signals. Refer to Application Note 58:
Crystal Considerations for Dallas Real-Time Clocks for addi-
tional specifications.
COUNTDOWN
CHAIN
X1
X2
CRYSTAL
CL1CL2
RTC REGISTERS
DS17285/87
DS17485/87
DS17885/87
Figure 2. Oscillator Circuit Showing Internal Bias Network
LOCAL GROUND PLANE (TOP LAYER)
CRYSTAL
GND
X2
X1
NOTE: AVOID ROUTING SIGNAL LINES
IN THE CROSSHATCHED AREA
(UPPER LEFT QUADRANT) OF
THE PACKAGE UNLESS THERE IS
A GROUND PLANE BETWEEN THE
SIGNAL LINE AND THE DEVICE PACKAGE.
Figure 3. Layout Example


Similar Part No. - DS17285E-3

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS17285E-3 DALLAS-DS17285E-3 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
logo
Maxim Integrated Produc...
DS17285E-3++ MAXIM-DS17285E-3+ Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
More results

Similar Description - DS17285E-3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS12885 MAXIM-DS12885_10 Datasheet
268Kb / 22P
   Real-Time Clocks
19-5213; Rev 4; 4/10
DS17285 MAXIM-DS17285_1 Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
Mercury United Electron...
ME83 MERCURY-ME83 Datasheet
399Kb / 5P
   Frequency reference for real time clocks
logo
Abracon Corporation
ASH7K ABRACON-ASH7K Datasheet
1Mb / 2P
   Clock drivers for Real Time Clocks
12.27.11
logo
Maxim Integrated Produc...
DS1501 MAXIM-DS1501 Datasheet
277Kb / 21P
   Y2K-Compliant Watchdog Real-Time Clocks
REV: 011607
logo
STMicroelectronics
M41T62 STMICROELECTRONICS-M41T62_10 Datasheet
695Kb / 41P
   Serial real-time clocks with alarm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com