Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS12C887A+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS12C887A+
Description  Real-Time Clock
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS12C887A+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS12C887A+ Datasheet HTML 3Page - Maxim Integrated Products DS12C887A+ Datasheet HTML 4Page - Maxim Integrated Products DS12C887A+ Datasheet HTML 5Page - Maxim Integrated Products DS12C887A+ Datasheet HTML 6Page - Maxim Integrated Products DS12C887A+ Datasheet HTML 7Page - Maxim Integrated Products DS12C887A+ Datasheet HTML 8Page - Maxim Integrated Products DS12C887A+ Datasheet HTML 9Page - Maxim Integrated Products DS12C887A+ Datasheet HTML 10Page - Maxim Integrated Products DS12C887A+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Real-Time Clock
_____________________________________________________________________
7
Typical Operating Characteristics
(VCC = +5.0V, TA = +25°C, unless otherwise noted.)
OSCILLATOR FREQUENCY
vs. VCC
VCC (V)
5.3
5.0
4.8
32768.10
32768.20
32768.30
32768.40
32768.50
32768.60
32768.70
32768.00
4.5
5.5
IBAT1 vs. VBAT
vs. TEMPERATURE
VBAT (V)
3.8
2.8
3.0
3.3
3.5
200
300
250
150
2.5
4.0
VCC = 0V
+85
°C
+25
°C
0
°C
-40
°C
+70
°C
+40
°C
POWER
CONTROL
GND
OSC
BUS
INTERFACE
VCC
X1
X2
RESET
CS
DS
AS
R/W
MOT
AD0–AD7
DIVIDE
BY 8
DIVIDE
BY 64
DIVIDE
BY 64
16:1 MUX
SQUARE-
WAVE
GENERATOR
REGISTERS A, B, C, D
CLOCK/CALENDAR AND
ALARM REGISTERS
USER RAM
114 BYTES
CLOCK/CALENDAR
UPDATE LOGIC
IRQ
SQW
IRQ
GENERATOR
BUFFERED CLOCK/
CALENDAR AND ALARM
REGISTERS
VBAT
RLCR
DS12885
Functional Diagram


Similar Part No. - DS12C887A+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS12C887A++ MAXIM-DS12C887A+ Datasheet
268Kb / 22P
   Real-Time Clocks
19-5213; Rev 4; 4/10
More results

Similar Description - DS12C887A+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
   Real Time Clock
logo
Dallas Semiconductor
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
   Real Time Clock
logo
Epson ToYoCom
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
   Real time clock
logo
List of Unclassifed Man...
TC8250P ETC-TC8250P Datasheet
412Kb / 20P
   Real time clock
logo
Seiko Instruments Inc
S-3511A SII-S-3511A Datasheet
1Mb / 28P
   REAL-TIME CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com