Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9925 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9925
Description  DMOS DUAL FULL BRIDGE DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9925 Datasheet(HTML) 1 Page - STMicroelectronics

  L9925 Datasheet HTML 1Page - STMicroelectronics L9925 Datasheet HTML 2Page - STMicroelectronics L9925 Datasheet HTML 3Page - STMicroelectronics L9925 Datasheet HTML 4Page - STMicroelectronics L9925 Datasheet HTML 5Page - STMicroelectronics L9925 Datasheet HTML 6Page - STMicroelectronics L9925 Datasheet HTML 7Page - STMicroelectronics L9925 Datasheet HTML 8Page - STMicroelectronics L9925 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2 INDEPENDENTLY CONTROLLED
H-BRIDGES
RDS,ON <0.9
Ω @Tamb =25°C, VS = 14V
0.8A DC CURRENT WITHOUT HEAT SINK
LOW QUIESCENT MODE Iq <200
µA
THEMAL PROTECTION
CROSS CONDUCTION PROTECTION
SUPPLY VOLTAGE UP TO 40V
CMOS COMPATIBLE INPUTS
OUTPUT SHORT-CIRCUIT PROTECTION
DESCRIPTION
The L9925 is a dual full bridge driver for stepper
motor applications. Realized in BCD (Bipolar,
CMOS & DOS) techology, logic circuits, precise
linear blocks and power transistors are combined
to optimize circuit performance and minimize off
chip components. Schmitt triggers are used for all
input stages and are fully compatible with 5V
CMOS logic levels. When both enable signals are
low, the IC is commanded to a low quiescent cur-
rent state and will draw less than 200
µA from the
battery.
The charge pump is integrated on chip; no exter-
nal components are required. Full performance is
maintaned for 9V <VS <16V. Extended ranges of
6V <<VS <9V and 16V <VS <40V yields full func-
tionally but with relaxed performance. Over tem-
perature protection and ESD protection to all pins
ensures relability and reduces system integration
failures.
...................................................................................................
....................................................................................................
........
March 1999
®
CHARGE
PUMP
TEMP
OUT1
VS1
OUT2
IN2
PGND1
VS2
OUT3
OUT4
IN1
EN1
GND
EN2
IN3
IN4
2nd FULL BRIDGE
1st FULL BRIDGE
5V
REGULATOR
EN1
EN1
EN1
EN2
40V
7V
7V
7V
T1
T1
T2
T2
T1 T2
CHARGE
PUMP
D99AT423
BLOCK DIAGRAM
SO28
ORDERING NUMBER: L9925
L9925
DMOS DUAL FULL BRIDGE DRIVER
1/9


Similar Part No. - L9925

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9929 STMICROELECTRONICS-L9929 Datasheet
629Kb / 23P
   SPI CONTROLLED H-BRIDGE
May 2005 Rev. 2
L9929XP STMICROELECTRONICS-L9929XP Datasheet
629Kb / 23P
   SPI CONTROLLED H-BRIDGE
May 2005 Rev. 2
More results

Similar Description - L9925

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6226 STMICROELECTRONICS-L6226 Datasheet
404Kb / 22P
   DMOS DUAL FULL BRIDGE DRIVER
L6205PD013TR STMICROELECTRONICS-L6205PD013TR Datasheet
400Kb / 21P
   DMOS DUAL FULL BRIDGE DRIVER
L6226PDTR STMICROELECTRONICS-L6226PDTR Datasheet
533Kb / 31P
   DMOS dual full bridge driver
L6206PD013TR STMICROELECTRONICS-L6206PD013TR Datasheet
426Kb / 23P
   DMOS DUAL FULL BRIDGE DRIVER
E-L6205PD STMICROELECTRONICS-E-L6205PD Datasheet
400Kb / 21P
   DMOS DUAL FULL BRIDGE DRIVER
L6204 STMICROELECTRONICS-L6204_03 Datasheet
667Kb / 12P
   DMOS DUAL FULL BRIDGE DRIVER
L6226Q STMICROELECTRONICS-L6226Q Datasheet
478Kb / 28P
   DMOS dual full bridge driver
L6225DTR STMICROELECTRONICS-L6225DTR Datasheet
389Kb / 20P
   DMOS DUAL FULL BRIDGE DRIVER
September 2003
L6206 STMICROELECTRONICS-L6206 Datasheet
413Kb / 23P
   DMOS DUAL FULL BRIDGE DRIVER
logo
Allegro MicroSystems
3971 ALLEGRO-3971 Datasheet
141Kb / 8P
   DUAL DMOS FULL-BRIDGE DRIVER
May 2, 2000
logo
STMicroelectronics
L6204 STMICROELECTRONICS-L6204 Datasheet
197Kb / 10P
   DMOS DUAL FULL BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com