Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1305BV18-100BZC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1305BV18-100BZC
Description  18-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1305BV18-100BZC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1305BV18-100BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1305BV18-100BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1305BV18-100BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1305BV18-100BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1305BV18-100BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1305BV18-100BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1305BV18-100BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1305BV18-100BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1305BV18-100BZC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
PRELIMINARY
CY7C1305BV18
CY7C1307BV18
Document #: 38-05629 Rev. **
Page 8 of 20
Maximum Ratings
(Above which the useful life may be impaired.)
Storage Temperature ................................. –65°C to +150°C
Ambient Temperature with
Power Applied ............................................ –55°C to +125°C
Supply Voltage on VDD
Relative to GND ............................................ –0.5V to +2.9V
DC Applied to Outputs
in High-Z State ................................... –0.5V to VDDQ + 0.5V
DC Input Voltage[11]............................. –0.5V to VDDQ + 0.5V
Current into Outputs (LOW)......................................... 20 mA
Static Discharge Voltage ......................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current .................................................. > 200 mA
Operating Range
Range
Ambient
Temperature (TA)
VDD
[12]
VDDQ
[12]
Com’l
0°C to +70°C
1.8 ± 0.1V
1.4V to VDD
Electrical Characteristics Over the Operating Range[13]
DC Electrical Characteristics
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Power Supply Voltage
1.7
1.8
1.9
V
VDDQ
I/O Supply Voltage
1.4
1.5
VDD
V
VOH
Output HIGH Voltage
Note 14
VDDQ/2 – 0.12
VDDQ/2 + 0.12
V
VOL
Output LOW Voltage
Note 15
VDDQ/2 – 0.12
VDDQ/2 + 0.12
V
VOH(LOW)
Output HIGH Voltage
IOH = –0.1 mA, Nominal Impedance
VDDQ – 0.2
VDDQ
V
VOL(LOW)
Output LOW Voltage
IOL = 0.1 mA, Nominal Impedance
VSS
0.2
V
VIH
Input HIGH Voltage[11]
VREF + 0.1
VDDQ + 0.3
V
VIL
Input LOW Voltage[11, 16]
–0.3
VREF – 0.1
V
IX
Input Load Current
GND
≤ V
I ≤ VDDQ
–5
5
µA
IOZ
Output Leakage Current
GND
≤ V
I ≤ VDDQ, Output Disabled
–5
5
µA
VREF
Input Reference Voltage[17]
Typical value = 0.75V
0.68
0.75
0.95
V
IDD
VDD Operating Supply
VDD = Max.,
IOUT = 0 mA,
f = fMAX = 1/tCYC
167 MHz
TBD
mA
133 MHz
TBD
mA
100 MHz
TBD
mA
ISB1
Automatic
Power-Down
Current
Max. VDD, Both Ports
Deselected,
VIN ≤ VIH or VIN < VIL
f = fMAX = 1/tCYC, Inputs Static
167 MHz
TBD
mA
133 MHz
TBD
mA
100 MHz
TBD
mA
AC Input Requirements
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Unit
VIH
Input High (Logic 1) Voltage
VREF + 0.2
V
VIL
Input Low (Logic 0) Voltage
VREF – 0.2
V
Thermal Resistance[18]
Parameter
Description
Test Conditions
165 FBGA Package
Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)
Test conditions follow standard test methods and
procedures for measuring thermal impedance, per
EIA/JESD51.
16.7
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)
2.5
°C/W
Notes:
11. Overshoot: VIH(AC) < VDDQ +0.85V (Pulse width less than tCYC/2), Undershoot: VIL(AC) > -1.5V (Pulse width less than tCYC/2).
12. Power-up: Assumes a linear ramp from 0V to VDD(min.) within 200 ms. During this time VIH < VDD and VDDQ < VDD.
13. All voltage referenced to Ground.
14. Output are impedance controlled. IOH = –(VDDQ/2)/(RQ/5) for values of 175Ω <= RQ <= 350Ω.
15. Output are impedance controlled. IOL = (VDDQ/2)/(RQ/5) for values of 175Ω <= RQ <= 350Ω.
16. This spec is for all inputs except C and C Clock. For C and C Clock, VIL(Max.) = VREF – 0.2V.
17. VREF (Min.) = 0.68V or 0.46VDDQ, whichever is larger, VREF (Max.) = 0.95V or 0.54VDDQ, whichever is smaller.
18. Tested initially and after any design or process change that may affect these parameters. 38-05629


Similar Part No. - CY7C1305BV18-100BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1305BV25 CYPRESS-CY7C1305BV25 Datasheet
247Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
CY7C1305BV25 CYPRESS-CY7C1305BV25 Datasheet
918Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1305BV25-100BZC CYPRESS-CY7C1305BV25-100BZC Datasheet
247Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
CY7C1305BV25-133BZC CYPRESS-CY7C1305BV25-133BZC Datasheet
247Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
CY7C1305BV25-167BZC CYPRESS-CY7C1305BV25-167BZC Datasheet
247Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
More results

Similar Description - CY7C1305BV18-100BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1305AV25 CYPRESS-CY7C1305AV25 Datasheet
333Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
CY7C1305BV25 CYPRESS-CY7C1305BV25 Datasheet
247Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
CY7C1305BV25 CYPRESS-CY7C1305BV25_06 Datasheet
918Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1303BV18 CYPRESS-CY7C1303BV18 Datasheet
246Kb / 19P
   18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1303CV25 CYPRESS-CY7C1303CV25 Datasheet
539Kb / 21P
   18-Mbit Burst of 2 Pipelined SRAM with QDR Architecture
CY7C1303BV25 CYPRESS-CY7C1303BV25 Datasheet
817Kb / 19P
   18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1304CV25 CYPRESS-CY7C1304CV25 Datasheet
300Kb / 18P
   9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1304DV25 CYPRESS-CY7C1304DV25_06 Datasheet
424Kb / 18P
   9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1305AV18 CYPRESS-CY7C1305AV18 Datasheet
480Kb / 20P
   18-Mb Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1303AV25 CYPRESS-CY7C1303AV25 Datasheet
479Kb / 19P
   18-Mb Burst of 2 Pipelined SRAM with QDR??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com