Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS17485SN-5 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS17485SN-5
Description  Real-Time Clocks
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS17485SN-5 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS17485SN-5 Datasheet HTML 6Page - Maxim Integrated Products DS17485SN-5 Datasheet HTML 7Page - Maxim Integrated Products DS17485SN-5 Datasheet HTML 8Page - Maxim Integrated Products DS17485SN-5 Datasheet HTML 9Page - Maxim Integrated Products DS17485SN-5 Datasheet HTML 10Page - Maxim Integrated Products DS17485SN-5 Datasheet HTML 11Page - Maxim Integrated Products DS17485SN-5 Datasheet HTML 12Page - Maxim Integrated Products DS17485SN-5 Datasheet HTML 13Page - Maxim Integrated Products DS17485SN-5 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Real-Time Clocks
10
____________________________________________________________________
X1
OSCILLATOR
POWER
CONTROL
X2
DS17x87
ONLY
VBAT
GND
DIVIDE
BY 8
REGISTERS A, B, C, D
CLOCK/CALENDAR
UPDATE LOGIC
EXTENDED
USER RAM
2k/4k/8k
BYTES
SELECT
EXTENDED RAM ADDR/
DATA REGISTERS
EXTENDED CONTROL/
STATUS REGISTERS
64-BIT SERIAL NUMBER
CENTURY COUNTER
DATE ALARM
RTC ADDRESS-2
RTC ADDRESS-3
DIVIDE BY
64
DIVIDE BY
64
16:1 MUX
SQUARE-
WAVE
GENERATOR
SQW
IRQ
PWR
KS
RLCR
IRQ
GENERATOR
VCC
VBAUX
BUS
INTERFACE
CS
WR
RD
ALE
AD0–AD7
CLOCK/CALENDAR AND
ALARM REGISTERS
BUFFERED CLOCK/
CALENDAR AND ALARM
REGISTERS
USER RAM
114 BYTES
RAM
CLEAR
LOGIC
DS17x85/87
Figure 1. Functional Diagram


Similar Part No. - DS17485SN-5

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS17485SN-5 DALLAS-DS17485SN-5 Datasheet
427Kb / 38P
   3V/5V Real-Time Clock
logo
Maxim Integrated Produc...
DS17485SN-5++ MAXIM-DS17485SN-5+ Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
More results

Similar Description - DS17485SN-5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS12885 MAXIM-DS12885_10 Datasheet
268Kb / 22P
   Real-Time Clocks
19-5213; Rev 4; 4/10
DS17285 MAXIM-DS17285_1 Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
Mercury United Electron...
ME83 MERCURY-ME83 Datasheet
399Kb / 5P
   Frequency reference for real time clocks
logo
Abracon Corporation
ASH7K ABRACON-ASH7K Datasheet
1Mb / 2P
   Clock drivers for Real Time Clocks
12.27.11
logo
Maxim Integrated Produc...
DS1501 MAXIM-DS1501 Datasheet
277Kb / 21P
   Y2K-Compliant Watchdog Real-Time Clocks
REV: 011607
logo
STMicroelectronics
M41T62 STMICROELECTRONICS-M41T62_10 Datasheet
695Kb / 41P
   Serial real-time clocks with alarm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com