Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1319AV18-250BZC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1319AV18-250BZC
Description  18-Mbit DDR-II SRAM 4-Word Burst Architecture
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1319AV18-250BZC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1319AV18-250BZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1319AV18-250BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1319AV18-250BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1319AV18-250BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1319AV18-250BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1319AV18-250BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1319AV18-250BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1319AV18-250BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1319AV18-250BZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
PRELIMINARY
CY7C1317AV18
CY7C1319AV18
CY7C1321AV18
Document #: 38-05500 Rev. *B
Page 2 of 20
Logic Block Diagram (CY7C1319AV18)
1M x 18 Array
CLK
A(19:0)
Gen.
K
K
Control
Logic
Address
Register
Read Data Reg.
R/W
DQ[17:0]
Output
Logic
Reg.
Reg.
Reg.
36
18
72
18
BWS[1:0]
VREF
Write
Reg
36
20
C
C
Write
Reg
Write
Reg
Write
Reg
18
LD
Control
Burst
Logic
A(1:0)
A(19:2)
18
CQ
CQ
2
R/W
DOFF
Logic Block Diagram
512K x 36 Array
CLK
A(18:0)
Gen.
K
K
Control
Logic
Address
Register
Read Data Reg.
R/W
DQ[35:0]
Output
Logic
Reg.
Reg.
Reg.
72
36
144
36
BWS[3:0]
VREF
Write
Reg
72
19
C
C
Write
Reg
Write
Reg
Write
Reg
36
LD
Control
Burst
Logic
A(1:0)
A(18:2)
17
CQ
CQ
2
R/W
DOFF
Selection Guide
250 MHz
200 MHz
167 MHz
Unit
Maximum Operating Frequency
250
200
167
MHz
Maximum Operating Current
800
750
700
mA


Similar Part No. - CY7C1319AV18-250BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1319BV18 CYPRESS-CY7C1319BV18 Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1319BV18-167BZC CYPRESS-CY7C1319BV18-167BZC Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1319BV18-167BZI CYPRESS-CY7C1319BV18-167BZI Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1319BV18-167BZXC CYPRESS-CY7C1319BV18-167BZXC Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1319BV18-167BZXI CYPRESS-CY7C1319BV18-167BZXI Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
More results

Similar Description - CY7C1319AV18-250BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1317CV18 CYPRESS-CY7C1317CV18 Datasheet
696Kb / 31P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1317BV18 CYPRESS-CY7C1317BV18 Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1318CV18 CYPRESS-CY7C1318CV18_11 Datasheet
1Mb / 29P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1319KV18 CYPRESS-CY7C1319KV18_13 Datasheet
503Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18_06 Datasheet
515Kb / 28P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1317KV18 CYPRESS-CY7C1317KV18 Datasheet
1Mb / 33P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18 Datasheet
257Kb / 24P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C13201KV18 CYPRESS-CY7C13201KV18 Datasheet
1Mb / 23P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1319KV18 CYPRESS-CY7C1319KV18_12 Datasheet
465Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1318BV18 CYPRESS-CY7C1318BV18_11 Datasheet
1Mb / 31P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com