Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1323AV25-167BZC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1323AV25-167BZC
Description  18-Mbit 4-Word Burst SRAM with DDR-I Architecture
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1323AV25-167BZC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1323AV25-167BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1323AV25-167BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1323AV25-167BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1323AV25-167BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1323AV25-167BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1323AV25-167BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1323AV25-167BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1323AV25-167BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1323AV25-167BZC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
PRELIMINARY
CY7C1323AV25
Document #: 38-05501 Rev. *A
Page 8 of 18
Capacitance[18]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VDD = 2.5V
VDDQ = 1.5V
5pF
CCLK
Clock Input Capacitance
6
pF
CO
Output Capacitance
7
pF
AC Test Loads and Waveforms
Switching Characteristics Over the Operating Range [19]
Cypress
Parameter
Consortium
Parameter
Description
-167
-133
-100
Unit
Min. Max. Min. Max. Min. Max.
tPower[20]
VCC (typical) to the First Access Read or Write
10
10
10
µs
Cycle Time
tCYC
tKHKH
K Clock and C Clock Cycle Time
6.0
7.5
10.0
ns
tKH
tKHKL
Input Clock (K/K and C/C) HIGH
2.4
3.2
3.5
ns
tKL
tKLKH
Input Clock (K/K and C/C) LOW
2.4
3.2
3.5
ns
tKHKH
tKHKH
K/K Clock Rise to K/K Clock Rise and C/C to C/C Rise
(rising edge to rising edge)
2.8
3.2
3.4
4.1
4.4
5.4
ns
tKHCH
tKHCH
K/K Clock Rise to C/C clock Rise (rising edge to rising
edge)
0.0
2.0
0.0
2.5
0.0
3.0
ns
Set-up Times
tSA
tSA
Address Set-up to Clock (K and K) Rise
0.7
0.8
1.0
ns
tSC
tSC
Control Set-up to Clock (K and K) Rise (RPS, WPS,
BWS0, BWS1)
0.7
0.8
1.0
ns
tSD
tSD
D[35:0] Set-up to Clock (K and K) Rise
0.7
0.8
1.0
ns
Hold Times
tHA
tHA
Address Hold after Clock (K and K) Rise
0.7
0.8
1.0
ns
tHC
tHC
Control Signals Hold after Clock (K and K) Rise (RPS,
WPS, BWS0, BWS1)
0.7
0.8
1.0
ns
tHD
tHD
D[35:0] Hold after Clock (K and K) Rise
0.7
0.8
1.0
ns
Notes:
19. Unless otherwise noted, test conditions assume signal transition time of 2 V/ns, timing reference levels of 0.75V,VREF = 0.75V, RQ = 250Ω, VDDQ = 1.5V, input
pulse levels of 0.25V to 1.25V, and output loading of the specified IOL/IOH and load capacitance shown in (a) of AC Test Loads.
20. This part has a voltage regulator that steps down the voltage internally; tPower is the time power needs to be supplied above VDD minimum initially before a Read
or Write operation can be initiated.
21. tCHZ, tCLZ, are specified with a load capacitance of 5 pF as in part (b) of AC Test Loads. Transition is measured ± 100 mV from steady-state voltage.
22. At any given voltage and temperature tCHZ is less than tCLZ and, tCHZ less than tCO.
1.25V
0.25V
R = 50
5pF
INCLUDING
JIG AND
SCOPE
ALL INPUT PULSES
Device
RL = 50Ω
Z0 = 50Ω
VREF = 0.75V
VDDQ/2
[17]
0.75V
Under
Test
VDDQ/2
Device
Under
Test
OUTPUT
VDDQ/2
VREF
VREF
OUTPUT
ZQ
ZQ
(a)
RQ=
250
(b)
RQ =
250


Similar Part No. - CY7C1323AV25-167BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1323BV25 CYPRESS-CY7C1323BV25 Datasheet
811Kb / 18P
   18-Mbit 4-Word Burst SRAM with DDR-I Architecture
CY7C1323BV25-167BZC CYPRESS-CY7C1323BV25-167BZC Datasheet
811Kb / 18P
   18-Mbit 4-Word Burst SRAM with DDR-I Architecture
CY7C1323BV25-167BZI CYPRESS-CY7C1323BV25-167BZI Datasheet
811Kb / 18P
   18-Mbit 4-Word Burst SRAM with DDR-I Architecture
CY7C1323BV25-167BZXC CYPRESS-CY7C1323BV25-167BZXC Datasheet
811Kb / 18P
   18-Mbit 4-Word Burst SRAM with DDR-I Architecture
CY7C1323BV25-167BZXI CYPRESS-CY7C1323BV25-167BZXI Datasheet
811Kb / 18P
   18-Mbit 4-Word Burst SRAM with DDR-I Architecture
More results

Similar Description - CY7C1323AV25-167BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1323BV25 CYPRESS-CY7C1323BV25 Datasheet
811Kb / 18P
   18-Mbit 4-Word Burst SRAM with DDR-I Architecture
CY7C1308DV25 CYPRESS-CY7C1308DV25 Datasheet
811Kb / 18P
   9-Mbit 4-Word Burst SRAM with DDR-I Architecture
CY7C1317CV18 CYPRESS-CY7C1317CV18 Datasheet
696Kb / 31P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1308DV25C CYPRESS-CY7C1308DV25C Datasheet
675Kb / 18P
   9 Mbit DDR I SRAM 4-Word Burst Architecture
CY7C1317AV18 CYPRESS-CY7C1317AV18 Datasheet
492Kb / 20P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1308CV25 CYPRESS-CY7C1308CV25 Datasheet
367Kb / 18P
   9-Mbit 4-Word Burst SRAM with DDR-I Architecture
CY7C1317BV18 CYPRESS-CY7C1317BV18 Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1318CV18 CYPRESS-CY7C1318CV18_11 Datasheet
1Mb / 29P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1319KV18 CYPRESS-CY7C1319KV18_13 Datasheet
503Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18_06 Datasheet
515Kb / 28P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com