Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1323AV25-100BZC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1323AV25-100BZC
Description  18-Mbit 4-Word Burst SRAM with DDR-I Architecture
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1323AV25-100BZC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1323AV25-100BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1323AV25-100BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1323AV25-100BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1323AV25-100BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1323AV25-100BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1323AV25-100BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1323AV25-100BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1323AV25-100BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1323AV25-100BZC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
PRELIMINARY
CY7C1323AV25
Document #: 38-05501 Rev. *A
Page 6 of 18
Write Cycle Descriptions[2, 10]
BWS0
BWS1
BWS2
BWS3
KK
Comments
LLLL
L-H
-
During the Data portion of a Write sequence, all four bytes (D[35:0]) are written
into the device.
LLLL
-
L-H During the Data portion of a Write sequence, all four bytes (D[35:0]) are written
into the device.
L
H
H
H
L-H
-
During the Data portion of a Write sequence, only the lower byte (D[8:0]) is
written into the device. D[35:9] will remain unaltered.
L
H
H
H
-
L-H During the Data portion of a Write sequence, only the lower byte (D[8:0]) is
written into the device. D[35:9] will remain unaltered.
H
L
H
H
L-H
-
During the Data portion of a Write sequence, only the byte (D[17:9]) is written
into the device. D[8:0] and D[35:18] will remain unaltered.
H
L
H
H
-
L-H During the Data portion of a Write sequence, only the byte (D[17:9]) is written
into the device. D[8:0] and D[35:18] will remain unaltered.
H
H
L
H
L-H
-
During the Data portion of a Write sequence, only the byte (D[26:18]) is written
into the device. D[17:0] and D[35:27] will remain unaltered.
H
H
L
H
-
L-H During the Data portion of a Write sequence, only the byte (D[26:18]) is written
into the device. D[17:0] and D[35:27] will remain unaltered.
H
H
H
L
L-H
During the Data portion of a Write sequence, only the byte (D[35:27]) is written
into the device. D[26:0] will remain unaltered.
H
H
H
L
-
L-H During the Data portion of a Write sequence, only the byte (D[35:27]) is written
into the device. D[26:0] will remain unaltered.
H
H
H
H
L-H
-
No data is written into the device during this portion of a Write operation.
H
H
H
H
-
L-H No data is written into the device during this portion of a Write operation.
Note:
10. Assumes a Write cycle was initiated per the Write Port Cycle Description Truth Table. BWS0, BWS1, BWS2, BWS3 can be altered on different portions of a Write
cycle, as long as the set-up and hold requirements are achieved.


Similar Part No. - CY7C1323AV25-100BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1323BV25 CYPRESS-CY7C1323BV25 Datasheet
811Kb / 18P
   18-Mbit 4-Word Burst SRAM with DDR-I Architecture
CY7C1323BV25-167BZC CYPRESS-CY7C1323BV25-167BZC Datasheet
811Kb / 18P
   18-Mbit 4-Word Burst SRAM with DDR-I Architecture
CY7C1323BV25-167BZI CYPRESS-CY7C1323BV25-167BZI Datasheet
811Kb / 18P
   18-Mbit 4-Word Burst SRAM with DDR-I Architecture
CY7C1323BV25-167BZXC CYPRESS-CY7C1323BV25-167BZXC Datasheet
811Kb / 18P
   18-Mbit 4-Word Burst SRAM with DDR-I Architecture
CY7C1323BV25-167BZXI CYPRESS-CY7C1323BV25-167BZXI Datasheet
811Kb / 18P
   18-Mbit 4-Word Burst SRAM with DDR-I Architecture
More results

Similar Description - CY7C1323AV25-100BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1323BV25 CYPRESS-CY7C1323BV25 Datasheet
811Kb / 18P
   18-Mbit 4-Word Burst SRAM with DDR-I Architecture
CY7C1308DV25 CYPRESS-CY7C1308DV25 Datasheet
811Kb / 18P
   9-Mbit 4-Word Burst SRAM with DDR-I Architecture
CY7C1317CV18 CYPRESS-CY7C1317CV18 Datasheet
696Kb / 31P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1308DV25C CYPRESS-CY7C1308DV25C Datasheet
675Kb / 18P
   9 Mbit DDR I SRAM 4-Word Burst Architecture
CY7C1317AV18 CYPRESS-CY7C1317AV18 Datasheet
492Kb / 20P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1308CV25 CYPRESS-CY7C1308CV25 Datasheet
367Kb / 18P
   9-Mbit 4-Word Burst SRAM with DDR-I Architecture
CY7C1317BV18 CYPRESS-CY7C1317BV18 Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1318CV18 CYPRESS-CY7C1318CV18_11 Datasheet
1Mb / 29P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1319KV18 CYPRESS-CY7C1319KV18_13 Datasheet
503Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18_06 Datasheet
515Kb / 28P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com