Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS17885-3 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS17885-3
Description  Real-Time Clocks
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS17885-3 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS17885-3 Datasheet HTML 5Page - Maxim Integrated Products DS17885-3 Datasheet HTML 6Page - Maxim Integrated Products DS17885-3 Datasheet HTML 7Page - Maxim Integrated Products DS17885-3 Datasheet HTML 8Page - Maxim Integrated Products DS17885-3 Datasheet HTML 9Page - Maxim Integrated Products DS17885-3 Datasheet HTML 10Page - Maxim Integrated Products DS17885-3 Datasheet HTML 11Page - Maxim Integrated Products DS17885-3 Datasheet HTML 12Page - Maxim Integrated Products DS17885-3 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Real-Time Clocks
_____________________________________________________________________
9
Pin Description (continued)
PIN
24
28
NAME
FUNCTION
21
3
RCLR
Active-Low RAM Clear Input. This pin is used to clear (set to logic 1) all the 114 bytes of
general-purpose RAM but does not affect the RAM associated with the real time clock or
extended RAM. RCLR may be invoked while the part is powered from any supply. The RCLR
function is designed to be used via a human interface (shorting to ground manually or by a
switch) and not to be driven with external buffers. This pin is internally pulled up. Do not use
an external pullup resistor on this pin.
22
4
VBAUX
Auxiliary Battery Input. Required for kickstart and wake-up functions. This input also supports
clock/calendar and user RAM if VBAT is at lower voltage or is not used. A standard +3V lithium
cell or other energy source can be used. Diodes placed in series between VBAUX and the
battery may prevent proper operation. UL recognized to ensure against reverse charging
current when used with a lithium battery (www.maxim-ic.com/qa/info/ul/). For 3V VCC
operation, VBAUX must be held between +2.5V and +3.7V. For 5V VCC operation, VBAUX must
be held between +2.5V and +5.2V. If VBAUX is not used it should be grounded and the
auxiliary-battery-enable bit bank 1, register 4BH, should = 0.
23
5
SQW
Square-Wave Output. When VCC rises above VPF, bits DV1 and E32k are set to 1. This
condition enables a 32kHz square-wave output. A square wave is output if either SQWE = 1 or
E32k = 1. If E32k = 1, then 32kHz is output regardless of the other control bits. If E32k = 0,
then the output frequency is dependent on the control bits in Register A. The SQW pin can
output a signal from one of 13 taps provided by the 15 internal divider stages of the RTC. The
frequency of the SQW pin can be changed by programming Register A, as shown in Table 3.
The SQW signal can be turned on and off using the SQWE bit in Register B or the E32k bit in
extended register 4Bh. A 32kHz square wave is also available when VCC is less than VPF if
E32k = 1, ABE = 1, and voltage is applied to the VBAUX pin. When disabled, SQW is high
impedance when VCC is below VPF.
24
6, 7
VCC
DC Power Pin for Primary Power Supply. When VCC is applied within normal limits, the device
is fully accessible and data can be written and read. When VCC is below VPF reads and writes
are inhibited.
2, 3, 16,
20
(DS17x87
only)
11, 18
N.C.
No Connection


Similar Part No. - DS17885-3

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS17885-3 DALLAS-DS17885-3 Datasheet
410Kb / 38P
   3V/5V Real-Time Clock
logo
Maxim Integrated Produc...
DS17885-3++ MAXIM-DS17885-3+ Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
More results

Similar Description - DS17885-3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS12885 MAXIM-DS12885_10 Datasheet
268Kb / 22P
   Real-Time Clocks
19-5213; Rev 4; 4/10
DS17285 MAXIM-DS17285_1 Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
Mercury United Electron...
ME83 MERCURY-ME83 Datasheet
399Kb / 5P
   Frequency reference for real time clocks
logo
Abracon Corporation
ASH7K ABRACON-ASH7K Datasheet
1Mb / 2P
   Clock drivers for Real Time Clocks
12.27.11
logo
Maxim Integrated Produc...
DS1501 MAXIM-DS1501 Datasheet
277Kb / 21P
   Y2K-Compliant Watchdog Real-Time Clocks
REV: 011607
logo
STMicroelectronics
M41T62 STMICROELECTRONICS-M41T62_10 Datasheet
695Kb / 41P
   Serial real-time clocks with alarm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com