Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1327G Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1327G
Description  4-Mbit (256K x 18) Pipelined Sync SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1327G Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1327G_06 Datasheet HTML 1Page - Cypress Semiconductor CY7C1327G_06 Datasheet HTML 2Page - Cypress Semiconductor CY7C1327G_06 Datasheet HTML 3Page - Cypress Semiconductor CY7C1327G_06 Datasheet HTML 4Page - Cypress Semiconductor CY7C1327G_06 Datasheet HTML 5Page - Cypress Semiconductor CY7C1327G_06 Datasheet HTML 6Page - Cypress Semiconductor CY7C1327G_06 Datasheet HTML 7Page - Cypress Semiconductor CY7C1327G_06 Datasheet HTML 8Page - Cypress Semiconductor CY7C1327G_06 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
CY7C1327G
Document #: 38-05519 Rev. *F
Page 2 of 18
Selection Guide
250 MHz
200 MHz
166 MHz
133 MHz
Unit
Maximum Access Time
2.6
2.8
3.5
4.0
ns
Maximum Operating Current
325
265
240
225
mA
Maximum CMOS Standby Current
40
40
40
40
mA
Pin Configurations
A
NC
NC
VDDQ
VSS
NC
DQPA
DQA
DQA
VSS
VDDQ
DQA
DQA
VSS
NC
VDD
ZZ
DQA
DQA
VDDQ
VSS
DQA
DQA
NC
NC
VSS
VDDQ
NC
NC
NC
NC
NC
NC
VDDQ
VSS
NC
NC
DQB
DQB
VSS
VDDQ
DQB
DQB
NC
VDD
NC
VSS
DQB
DQB
VDDQ
VSS
DQB
DQB
DQPB
NC
VSS
VDDQ
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
BYTE A
BYTE B
CY7C1327G
100-Pin TQFP Pinout


Similar Part No. - CY7C1327G_06

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1327G-100AXC CYPRESS-CY7C1327G-100AXC Datasheet
340Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1327G-100AXI CYPRESS-CY7C1327G-100AXI Datasheet
340Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1327G-100BGC CYPRESS-CY7C1327G-100BGC Datasheet
340Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1327G-100BGI CYPRESS-CY7C1327G-100BGI Datasheet
340Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1327G-100BGXC CYPRESS-CY7C1327G-100BGXC Datasheet
340Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
More results

Similar Description - CY7C1327G_06

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1327G CYPRESS-CY7C1327G Datasheet
340Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1328G CYPRESS-CY7C1328G Datasheet
379Kb / 16P
   4-Mbit (256K x 18) Pipelined DCD Sync SRAM
CY7C1327F CYPRESS-CY7C1327F Datasheet
572Kb / 17P
   4-Mb (256K x 18) Pipelined Sync SRAM
CY7C1328F CYPRESS-CY7C1328F Datasheet
341Kb / 17P
   4-Mb (256K x 18) Pipelined DCD Sync SRAM
CY7C1364C CYPRESS-CY7C1364C Datasheet
399Kb / 18P
   9-Mbit (256K x 32) Pipelined Sync SRAM
CY7C1366C CYPRESS-CY7C1366C_06 Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C Datasheet
458Kb / 27P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1327G CYPRESS-CY7C1327G_13 Datasheet
779Kb / 23P
   4-Mbit (256 K x 18) Pipelined Sync SRAM
CY7C1325G CYPRESS-CY7C1325G Datasheet
337Kb / 16P
   4-Mbit (256K x 18) Flow-Through Sync SRAM
CY7C1368C CYPRESS-CY7C1368C Datasheet
402Kb / 18P
   9-Mbit (256K x 32) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com