Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1323BV25-167BZXI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1323BV25-167BZXI
Description  18-Mbit 4-Word Burst SRAM with DDR-I Architecture
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1323BV25-167BZXI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1323BV25-167BZXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1323BV25-167BZXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1323BV25-167BZXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1323BV25-167BZXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1323BV25-167BZXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1323BV25-167BZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1323BV25-167BZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1323BV25-167BZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1323BV25-167BZXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
CY7C1323BV25
Document #: 38-05631 Rev. *A
Page 2 of 18
Selection Guide
167 MHz
Unit
Maximum Operating Frequency
167
MHz
Maximum Operating Current
700
mA
Pin Configuration
Pin Definitions
Name
I/O
Description
DQ[35:0]
Input/Output-
Synchronous
Data Input/Output signals. Inputs are sampled on the rising edge of K and K clocks
during valid write operations. These pins drive out the requested data during a Read
operation. Valid data is driven out on the rising edge of both the C and C clocks during
Read operations or K and K when in single clock mode. When Read access is deselected,
Q[35:0] are automatically three-stated.
LD
Input-
Synchronous
Synchronous Load. This input is brought LOW when a bus cycle sequence is to be
defined. This definition includes address and read/write direction. All transactions
operate on a burst of 4 data (two clock periods of bus activity).
BWS0, BWS1,
BWS2, BWS3
Input-
Synchronous
Byte Write Select 0, 1, 2 and 3
− active LOW. Sampled on the rising edge of the K and
K clocks during Write operations. Used to select which byte is written into the device
during the current portion of the Write operations. Bytes not written remain unaltered.
CY7C1323BV25
− BWS
0 controls D[8:0], BWS1 controls D[17:9], BWS2 controls D[26:18]
and BWS3 controls D[35:27]
All the Byte Write Selects are sampled on the same edge as the data. Deselecting a Byte
Write Select will cause the corresponding byte of data to be ignored and not written into
the device.
A, A0, A1
Input-
Synchronous
Address inputs. These address inputs are multiplexed for both Read and Write opera-
tions. A0 and A1 are the inputs to the burst counter. These are incremented in a linear
fashion internally. 19 address inputs are needed to access the entire memory array.
All the address inputs are ignored when the part is deselected.
R/W
Input-
Synchronous
Synchronous Read/Write Input. When LD is LOW, this input designates the access
type (Read when R/W is HIGH, Write when R/W is LOW) for loaded address. R/W must
meet the set-up and hold times around edge of K.
23
4
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
A
CQ
NC
NC
NC
NC
NC
NC
GND/144M NC/36M
BWS2
K
R/W
BWS1
DQ27
DQ18
NC
NC
NC
TDO
NC
NC
DQ31
NC
NC
NC
TCK
NC
DQ28
A
BWS3
K
BWS0
VSS
AA0
A1
DQ19
VSS
VSS
VSS
VSS
VDD
A
VSS
VSS
VSS
VDD
DQ20
DQ21
VDDQ
DQ32
DQ23
DQ34
DQ25
DQ26
A
VDDQ
VSS
VDDQ
VDD
VDD
DQ22
VDDQ
VDD
VDDQ
VDD
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VSS
VSS
VSS
VSS
A
A
C
VSS
A
A
A
DQ29
VSS
NC
VSS
DQ30
NC
VREF
VSS
VDD
VSS
VSS
A
VSS
C
NC
DQ33
NC
DQ35
DQ24
VDD
A
89
10
11
DQ0
A
GND/72M
LD
CQ
A
NC
NC
DQ8
VSS
NC
DQ17
DQ7
NC
VSS
NC
DQ6
DQ14
NC
NC
VREF
NC
DQ3
VDDQ
NC
VDDQ
NC
DQ5
VDDQ
VDDQ
VDDQ
DQ4
VDDQ
NC
DQ13
NC
VDDQ
VDDQ
NC
VSS
NC
DQ1
NC
TDI
TMS
VSS
A
NC
A
DQ16
DQ15
NC
ZQ
DQ12
DQ2
DQ10
DQ11
DQ9
NC
A
CY7C1323BV25 (256K × 36)
165-ball FBGA (13 x 15 x 1.4 mm) Pinout


Similar Part No. - CY7C1323BV25-167BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1323AV25 CYPRESS-CY7C1323AV25 Datasheet
492Kb / 18P
   18-Mbit 4-Word Burst SRAM with DDR-I Architecture
CY7C1323AV25-100BZC CYPRESS-CY7C1323AV25-100BZC Datasheet
492Kb / 18P
   18-Mbit 4-Word Burst SRAM with DDR-I Architecture
CY7C1323AV25-133BZC CYPRESS-CY7C1323AV25-133BZC Datasheet
492Kb / 18P
   18-Mbit 4-Word Burst SRAM with DDR-I Architecture
CY7C1323AV25-167BZC CYPRESS-CY7C1323AV25-167BZC Datasheet
492Kb / 18P
   18-Mbit 4-Word Burst SRAM with DDR-I Architecture
More results

Similar Description - CY7C1323BV25-167BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1323AV25 CYPRESS-CY7C1323AV25 Datasheet
492Kb / 18P
   18-Mbit 4-Word Burst SRAM with DDR-I Architecture
CY7C1308DV25 CYPRESS-CY7C1308DV25 Datasheet
811Kb / 18P
   9-Mbit 4-Word Burst SRAM with DDR-I Architecture
CY7C1317CV18 CYPRESS-CY7C1317CV18 Datasheet
696Kb / 31P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1308DV25C CYPRESS-CY7C1308DV25C Datasheet
675Kb / 18P
   9 Mbit DDR I SRAM 4-Word Burst Architecture
CY7C1317AV18 CYPRESS-CY7C1317AV18 Datasheet
492Kb / 20P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1308CV25 CYPRESS-CY7C1308CV25 Datasheet
367Kb / 18P
   9-Mbit 4-Word Burst SRAM with DDR-I Architecture
CY7C1317BV18 CYPRESS-CY7C1317BV18 Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1318CV18 CYPRESS-CY7C1318CV18_11 Datasheet
1Mb / 29P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1319KV18 CYPRESS-CY7C1319KV18_13 Datasheet
503Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18_06 Datasheet
515Kb / 28P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com