Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1321CV18-300BZXC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1321CV18-300BZXC
Description  18-Mbit DDR-II SRAM 4-Word Burst Architecture
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1321CV18-300BZXC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1321CV18-300BZXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1321CV18-300BZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1321CV18-300BZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1321CV18-300BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1321CV18-300BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1321CV18-300BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1321CV18-300BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1321CV18-300BZXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1321CV18-300BZXC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
CY7C1317CV18, CY7C1917CV18
CY7C1319CV18, CY7C1321CV18
Document Number: 001-07161 Rev. *B
Page 6 of 31
Pin Definitions
Pin Name
IO
Pin Description
DQ[x:0]
Input Output-
Synchronous
Data Input Output Signals. Inputs are sampled on the rising edge of K and K clocks during valid write
operations. These pins drive out the requested data during a read operation. Valid data is driven out on
the rising edge of both the C and C clocks during read operations or K and K when in single clock mode.
When read access is deselected, Q[x:0] are automatically tri-stated.
CY7C1317CV18
− DQ
[7:0]
CY7C1917CV18
− DQ
[8:0]
CY7C1319CV18
− DQ
[17:0]
CY7C1321CV18
− DQ
[35:0]
LD
Input-
Synchronous
Synchronous Load. This input is brought LOW when a bus cycle sequence is defined. This definition
includes address and read/write direction. All transactions operate on a burst of 4 data (two clock periods
of bus activity).
NWS0,
NWS1
Input-
Synchronous
Nibble Write Select 0, 1
− Active LOW (CY7C1317CV18 only). Sampled on the rising edge of the K
and K clocks during write operations. Used to select which nibble is written into the device during the
current portion of the write operations. Nibbles not written remain unaltered.
NWS0 controls D[3:0] and NWS1 controls D[7:4].
All the Nibble Write Selects are sampled on the same edge as the data. Deselecting a Nibble Write Select
ignores the corresponding nibble of data and it is not written into the device.
BWS0,
BWS1,
BWS2,
BWS3
Input-
Synchronous
Byte Write Select 0, 1, 2, and 3
− Active LOW. Sampled on the rising edge of the K and K clocks during
write operations. Used to select which byte is written into the device during the current portion of the Write
operations. Bytes not written remain unaltered.
CY7C1917CV18
− BWS
0 controls D[8:0]
CY7C1319CV18
− BWS
0 controls D[8:0] and BWS1 controls D[17:9].
CY7C1321CV18
− BWS
0 controls D[8:0], BWS1 controls D[17:9], BWS2 controls D[26:18] and BWS3 controls
D[35:27].
All the Byte Write Selects are sampled on the same edge as the data. Deselecting a Byte Write Select
ignores the corresponding byte of data and it is not written into the device.
A, A0, A1
Input-
Synchronous
Address Inputs. These address inputs are multiplexed for both read and write operations. Internally, the
device is organized as 2M x 8 (4 arrays each of 512K x 8) for CY7C1317CV18 and 2M x 9 (4 arrays each
of 512K x 9) for CY7C1917CV18, 1M x 18 (4 arrays each of 256K x 18) for CY7C1319CV18, and 512K
x 36 (4 arrays each of 128K x 36) for CY7C1321CV18.
CY7C1317CV18 – Because the least two significant bits of the address internally are “00”, only 19 external
address inputs are needed to access the entire memory array.
CY7C1917CV18 – Because the least two significant bits of the address internally are “00”, only 19 external
address inputs are needed to access the entire memory array.
CY7C1319CV18 – A0 and A1 are the inputs to the burst counter. These are incremented internally in a
linear fashion. 20 address inputs are needed to access the entire memory array.
CY7C1321CV18 – A0 and A1 are the inputs to the burst counter. These are incremented internally in a
linear fashion. 19 address inputs are needed to access the entire memory array.
R/W
Input-
Synchronous
Synchronous Read/Write Input. When LD is LOW, this input designates the access type (read when
R/W is HIGH, write when R/W is LOW) for the loaded address. R/W must meet the setup and hold times
around the edge of K.
C
Input Clock
Positive Input Clock for Output Data. C is used in conjunction with C to clock out the read data from
the device. C and C can be used together to deskew the flight times of various devices on the board back
to the controller. See Application Example on page 10 for more information.
C
Input Clock
Negative Input Clock for Output Data. C is used in conjunction with C to clock out the read data from
the device. C and C can be used together to deskew the flight times of various devices on the board back
to the controller. See Application Example on page 10 for more information.
K
Input Clock
Positive Input Clock Input. The rising edge of K is used to capture synchronous inputs to the device
and to drive out data through Q[x:0] when in single clock mode. All accesses are initiated on the rising
edge of K.
K
Input Clock
Negative Input Clock Input. K is used to capture synchronous data being presented to the device and
to drive out data through Q[x:0] when in single clock mode.
[+] Feedback


Similar Part No. - CY7C1321CV18-300BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1321AV18 CYPRESS-CY7C1321AV18 Datasheet
492Kb / 20P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1321AV18-167BZC CYPRESS-CY7C1321AV18-167BZC Datasheet
492Kb / 20P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1321AV18-200BZC CYPRESS-CY7C1321AV18-200BZC Datasheet
492Kb / 20P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1321AV18-250BZC CYPRESS-CY7C1321AV18-250BZC Datasheet
492Kb / 20P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1321BV18 CYPRESS-CY7C1321BV18 Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
More results

Similar Description - CY7C1321CV18-300BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1317AV18 CYPRESS-CY7C1317AV18 Datasheet
492Kb / 20P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1317BV18 CYPRESS-CY7C1317BV18 Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1318CV18 CYPRESS-CY7C1318CV18_11 Datasheet
1Mb / 29P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1319KV18 CYPRESS-CY7C1319KV18_13 Datasheet
503Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18_06 Datasheet
515Kb / 28P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1317KV18 CYPRESS-CY7C1317KV18 Datasheet
1Mb / 33P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18 Datasheet
257Kb / 24P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C13201KV18 CYPRESS-CY7C13201KV18 Datasheet
1Mb / 23P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1319KV18 CYPRESS-CY7C1319KV18_12 Datasheet
465Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1318BV18 CYPRESS-CY7C1318BV18_11 Datasheet
1Mb / 31P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com