Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3SK324 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 3SK324
Description  Si Nch Dual Gate MOS FET UHF RF LOW NOISE Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3SK324 Datasheet(HTML) 2 Page - Renesas Technology Corp

  3SK324 Datasheet HTML 1Page - Renesas Technology Corp 3SK324 Datasheet HTML 2Page - Renesas Technology Corp 3SK324 Datasheet HTML 3Page - Renesas Technology Corp 3SK324 Datasheet HTML 4Page - Renesas Technology Corp 3SK324 Datasheet HTML 5Page - Renesas Technology Corp 3SK324 Datasheet HTML 6Page - Renesas Technology Corp 3SK324 Datasheet HTML 7Page - Renesas Technology Corp 3SK324 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3SK324
Rev.1.00, May 18,2005, page 2 of 7
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
6
V
ID = 200
µA, VG1S = VG2S = 0
Gate1 to source breakdown voltage
V(BR)G1SS
±6
V
IG1 =
±10 µA, VG2S = VDS = 0
Gate2 to source breakdown voltage
V(BR)G2SS
±6
V
IG2 =
±10 µA, VG1S = VDS = 0
Gate1 to source cutoff current
IG1SS
±100
nA
VG1S =
±5 V, VG2S = VDS = 0
Gate2 to source cutoff current
IG2SS
±100
nA
VG2S =
±5 V, VG1S = VDS = 0
Gate1 to source cutoff voltage
VG1S(off)
0
0.5
1
V
VDS = 5 V, VG2S = 3V, ID = 100
µA
Gate2 to source cutoff voltage
VG2S(off)
0.3
0.7
1.1
V
VDS = 5 V, VG1S = 3 V, ID = 100
µA
Forward transfer admittance
|yfs|
30
42
mS
VDS = 3.5 V, ID = 10 mA,
VG2S = 3 V, f = 1 kHz
Power gain
PG
20
24
dB
Noise figure
NF
1.0
1.6
dB
VDS = 3.5 V, ID = 10 mA,
VG2S = 3 V, f = 900 MHz
900MHz PG, NF Test Circuit
Input
(50
Ω)
Output
(50
Ω)
C2
C1
L1
L2
L3
L4
S
G1
G2
R1
R2
C3
R3
RFC
C6
C5
C4
D
VG2
VG1
VD
C1, C2
C3
C4 to C6
R1
R2
R3
Variable Capacitor (10 pF MAX)
Disk Capacitor (1000 pF)
Air Capacitor (1000 pF)
47 k
47 k
4.7 k
:
:
:
:
:
:
26
L2:
18
L4:
29
L3:
(
φ1 mm Copper wire)
Unit : mm
RFC :
φ1mm Copper wire with enamel 4 turns inside dia 6 mm
21
L1:
10


Similar Part No. - 3SK324

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3SK324UG RENESAS-3SK324UG Datasheet
179Kb / 8P
   Si Nch Dual Gate MOS FET UHF RF LOW NOISE Amplifier
More results

Similar Description - 3SK324

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3SK323 RENESAS-3SK323 Datasheet
179Kb / 8P
   Si Nch Dual Gate MOS FET UHF RF LOW NOISE Amplifier
3SK318 RENESAS-3SK318 Datasheet
183Kb / 8P
   Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
3SK319 RENESAS-3SK319 Datasheet
100Kb / 8P
   Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
logo
Hitachi Semiconductor
3SK319 HITACHI-3SK319 Datasheet
49Kb / 9P
   Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
3SK318 HITACHI-3SK318 Datasheet
54Kb / 9P
   Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
3SK300 HITACHI-3SK300 Datasheet
39Kb / 9P
   Silicon N Channel Dual Gate MOS FET UHF / VHF RF Amplifier
3SK317 HITACHI-3SK317 Datasheet
38Kb / 8P
   Silicon N-Channel Dual Gate MOS FET UHF / VHF RF Amplifier
logo
Renesas Technology Corp
3SK317 RENESAS-3SK317 Datasheet
76Kb / 7P
   Silicon N-Channel Dual Gate MOS FET UHF / VHF RF Amplifier
3SK300 RENESAS-3SK300 Datasheet
159Kb / 7P
   Silicon N Channel Dual Gate MOS FET UHF / VHF RF Amplifier
logo
Hitachi Semiconductor
3SK309 HITACHI-3SK309 Datasheet
59Kb / 11P
   GaAs N Channel Dual Gate MES FET UHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com