Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1207AP Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1207AP
Description  PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1207AP Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1207AP Datasheet HTML 1Page - ON Semiconductor NCP1207AP Datasheet HTML 2Page - ON Semiconductor NCP1207AP Datasheet HTML 3Page - ON Semiconductor NCP1207AP Datasheet HTML 4Page - ON Semiconductor NCP1207AP Datasheet HTML 5Page - ON Semiconductor NCP1207AP Datasheet HTML 6Page - ON Semiconductor NCP1207AP Datasheet HTML 7Page - ON Semiconductor NCP1207AP Datasheet HTML 8Page - ON Semiconductor NCP1207AP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NCP1207A, NCP1207B
http://onsemi.com
3
Figure 2. Internal Circuit Architecture
+
-
VCC
HV
GND
Drv
Demag
-
+
Fault
Mngt.
+
-
7.0
mA
To Internal
Supply
+
12 V, 10 V,
5.3 V (fault)
PON
4.5/1.5
ms
Delay
+
+
5.0 V
OVP
/1.44
8/4.5
ms
Blanking
-
+
5.0
ms
Timeout
Demag
Demag
Overload?
Timeout
Reset
S
R
S*
Q
R*
Q
380 ns
L.E.B.
/3
1.0 V
10 V
50 mV
CS
FB
200
mA
when Drv
is OFF
Driver: src = 20
sink = 10
*S and R are level triggered whereas S is edge
triggered. R has priority over the other inputs.
VCC
Resd
Rint
4.2 V
Soft-Start = 1 ms
-
+
+
VUVLO
MAXIMUM RATINGS
Rating
Symbol
Value
Units
Power Supply Voltage, VCC Pin, Continuous Voltage
VCC Static
20
V
Transient Power Supply Voltage, Duration < 10 ms, IVCC < 20 mA
VCC Pulse
25
V
Maximum Voltage on Pin 5 (Drv)
-
20
V
Maximum Voltage on all other pins except Pin 8 (HV), Pin 6 (VCC) and Pin 5 (Drv)
-
-0.3 to 10
V
Maximum Current for all pins except VCC (6), HV (8) and Demag (1) when 10 V ESD diodes are
activated
-
5.0
mA
Maximum Current in Pin 1
Idem
+3.0/-2.0
mA
Thermal Resistance, Junction-to-Case
RqJC
57
°C/W
Thermal Resistance, Junction-to-Air, SOIC version
RqJA
178
°C/W
Thermal Resistance, Junction-to-Air, DIP8 version
RqJA
100
°C/W
Operating Junction Temperature
TJ
-40 to +125
°C
Maximum Junction Temperature
TJMAX
150
°C
Temperature Shutdown
-
155
°C
Hysteresis in Shutdown
-
30
°C
Storage Temperature Range
-
-60 to +150
°C
ESD Capability, HBM Model (All pins except HV)
-
2.0
kV
ESD Capability, Machine Model
-
200
V
Maximum Voltage on Pin 8 (HV), Pin 6 (VCC) decoupled to ground with 10 mF
VHVMAX
500
V
Minimum Voltage on Pin 8 (HV), Pin 6 (VCC) decoupled to ground with 10 mF
VHVMIN
40
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.


Similar Part No. - NCP1207AP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1207AP ONSEMI-NCP1207AP Datasheet
197Kb / 16P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2004 ??Rev. 1
NCP1207AP ONSEMI-NCP1207AP Datasheet
327Kb / 17P
   PWM Current?묺ode Controller for Free Running Quasi?뭃esonant Operation
October, 2006 ??Rev. 3
NCP1207APG ONSEMI-NCP1207APG Datasheet
327Kb / 17P
   PWM Current?묺ode Controller for Free Running Quasi?뭃esonant Operation
October, 2006 ??Rev. 3
NCP1207APG ONSEMI-NCP1207APG Datasheet
236Kb / 18P
   PWM Current-Mode Controller
May, 2016 ??Rev. 14
NCP1207APG ONSEMI-NCP1207APG Datasheet
490Kb / 21P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
September, 2022 - Rev. 15
More results

Similar Description - NCP1207AP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1338 ONSEMI-NCP1338 Datasheet
221Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1338 ONSEMI-NCP1338 Datasheet
160Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1207-D ONSEMI-NCP1207-D Datasheet
202Kb / 18P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
June, 2004 ??Rev. 6
NCP1377 ONSEMI-NCP1377 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207A ONSEMI-NCP1207A_10 Datasheet
401Kb / 17P
   PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1377 ONSEMI-NCP1377_11 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207A ONSEMI-NCP1207A Datasheet
197Kb / 16P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2004 ??Rev. 1
NCP1207AADAPGEVB ONSEMI-NCP1207AADAPGEVB Datasheet
291Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
August, 2013 ??Rev. 12
NCP1207B ONSEMI-NCP1207B Datasheet
401Kb / 17P
   PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1377 ONSEMI-NCP1377 Datasheet
165Kb / 16P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com