Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG3242 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG3242
Description  2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3242 Datasheet(HTML) 5 Page - Analog Devices

  ADG3242_06 Datasheet HTML 1Page - Analog Devices ADG3242_06 Datasheet HTML 2Page - Analog Devices ADG3242_06 Datasheet HTML 3Page - Analog Devices ADG3242_06 Datasheet HTML 4Page - Analog Devices ADG3242_06 Datasheet HTML 5Page - Analog Devices ADG3242_06 Datasheet HTML 6Page - Analog Devices ADG3242_06 Datasheet HTML 7Page - Analog Devices ADG3242_06 Datasheet HTML 8Page - Analog Devices ADG3242_06 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADG3242
Rev. A | Page 5 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
BE 1
A0 2
A1 3
GND 4
VCC
8
SEL
7
B0
6
B1
5
ADG3242
TOP VIEW
(Not to Scale)
ADI DIE MARK
A0
A1
B0
B1
GND
SEL VCC BE
ADG3242
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Figure 3. Die Pad Configuration (Die size: 550 μm × 820 μm)
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
BE
Bus Enable (Active Low).
2
A0
Port A0, Input or Output.
3
A1
Port A1, Input or Output.
4
GND
Ground (0 V) Reference.
5
B1
Port B1, Input or Output.
6
B0
Port B0, Input or Output.
7
SEL
Level Translation Select.
8
VCC
Positive Power Supply Voltage.
Table 4. Die Pad Coordinates (Measured from the Center of the Die)
Mnemonic
X(μm)
Y(μm)
BE
+93
+303
A0
+102
+150
A1
+168
−139
GND
+126
−266
B1
−88
−247
B0
−168
+121
SEL
−111
+279
VCC
−7
+303
Table 5. Truth Table
BE
SEL1
Function
L
L
A0 = B0, A1 = B1, 3.3 V to 1.8 V Level Shifting.
L
H
A0 = B0, A1 = B1, 3.3 V to 2.5 V/2.5 V to 1.8 V Level Shifting.
H
X
Disconnect.
1
SEL = 0 V only when VDD = 3.3 V ± 10%.


Similar Part No. - ADG3242_06

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3242BCZ-SF3 AD-ADG3242BCZ-SF3 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
Rev. A
ADG3242BRJ-R2 AD-ADG3242BRJ-R2 Datasheet
247Kb / 12P
   2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch
REV. 0
ADG3242BRJ-R2 AD-ADG3242BRJ-R2 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
Rev. A
ADG3242BRJ-REEL AD-ADG3242BRJ-REEL Datasheet
247Kb / 12P
   2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch
REV. 0
ADG3242BRJ-REEL AD-ADG3242BRJ-REEL Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
Rev. A
More results

Similar Description - ADG3242_06

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3242 AD-ADG3242_15 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
ADG3242 AD-ADG3242 Datasheet
247Kb / 12P
   2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch
REV. 0
ADG3242 AD-ADG3242_V01 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
Rev. A
ADG3243 AD-ADG3243 Datasheet
187Kb / 12P
   2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
REV. 0
ADG3243 AD-ADG3243_15 Datasheet
216Kb / 12P
   2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
REV. 0
ADG3241 AD-ADG3241 Datasheet
213Kb / 12P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
REV. A
ADG3241 AD-ADG3241_V01 Datasheet
313Kb / 16P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
Rev. B
ADG3241 AD-ADG3241_15 Datasheet
313Kb / 16P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
REV. B
ADG3246 AD-ADG3246_15 Datasheet
367Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3245BRU AD-ADG3245BRU Datasheet
324Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com