Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5382 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5382
Description  700 MHz to 2.7 GHz Quadrature Demodulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5382 Datasheet(HTML) 3 Page - Analog Devices

  ADL5382 Datasheet HTML 1Page - Analog Devices ADL5382 Datasheet HTML 2Page - Analog Devices ADL5382 Datasheet HTML 3Page - Analog Devices ADL5382 Datasheet HTML 4Page - Analog Devices ADL5382 Datasheet HTML 5Page - Analog Devices ADL5382 Datasheet HTML 6Page - Analog Devices ADL5382 Datasheet HTML 7Page - Analog Devices ADL5382 Datasheet HTML 8Page - Analog Devices ADL5382 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADL5382
Rev. 0 | Page 3 of 28
SPECIFICATIONS
VS = 5 V, TA = 25°C, fLO = 900 MHz, fIF = 4.5 MHz, PLO = 0 dBm, BIAS pin open, ZO = 50 Ω, unless otherwise noted. Baseband outputs
differentially loaded with 450 Ω. Loss of the balun used to drive the RF port was de-embedded from these measurements.
Table 1.
Parameter
Condition
Min
Typ
Max
Unit
OPERATING CONDITIONS
LO and RF Frequency Range
0.7
2.7
GHz
LO INPUT
LOIP, LOIN
Input Return Loss
LO driven differentially through a balun at 900 MHz
−11
dB
LO Input Level
−6
0
+6
dBm
I/Q BASEBAND OUTPUTS
QHI, QLO, IHI, ILO
Voltage Conversion Gain
450 Ω differential load on I and Q outputs at 900 MHz
3.9
dB
200 Ω differential load on I and Q outputs at 900 MHz
3.0
dB
Demodulation Bandwidth
1 V p-p signal, 3 dB bandwidth
370
MHz
Quadrature Phase Error
At 900 MHz
0.2
Degrees
I/Q Amplitude Imbalance
0.05
dB
Output DC Offset (Differential)
0 dBm LO input at 900 MHz
±5
mV
Output Common Mode
VPOS − 2.8
V
0.1 dB Gain Flatness
50
MHz
Output Swing
Differential 200 Ω load
2
V p-p
Peak Output Current
Each pin
12
mA
POWER SUPPLIES
VPA, VPL, VPB, VPX
Voltage
4.75
5.25
V
Current
BIAS pin open
220
mA
RBIAS = 4 kΩ
196
mA
DYNAMIC PERFORMANCE at RF = 900 MHz
Conversion Gain
3.9
dB
Input P1dB
14.7
dBm
Second-Order Input Intercept (IIP2)
−5 dBm each input tone
73
dBm
Third-Order Input Intercept (IIP3)
−5 dBm each input tone
33.5
dBm
LO to RF
RFIN, RFIP terminated in 50 Ω
−92
dBm
RF to LO
LOIN, LOIP terminated in 50 Ω
−89
dBc
IQ Magnitude Imbalance
0.05
dB
IQ Phase Imbalance
0.2
Degrees
LO to IQ
RFIN, RFIP terminated in 50 Ω
−43
dBm
Noise Figure
14.0
dB
Noise Figure under Blocking Conditions
With a −5 dBm interferer 5 MHz away
19.9
dB
DYNAMIC PERFORMANCE at RF = 1900 MHz
Conversion Gain
3.9
dB
Input P1dB
14.4
dBm
Second-Order Input Intercept (IIP2)
−5 dBm each input tone
65
dBm
Third-Order Input Intercept (IIP3)
−5 dBm each input tone
30.5
dBm
LO to RF
RFIN, RFIP terminated in 50 Ω
−71
dBm
RF to LO
LOIN, LOIP terminated in 50 Ω
−78
dBc
IQ Magnitude Imbalance
0.05
dB
IQ Phase Imbalance
0.2
Degrees
LO to IQ
RFIN, RFIP terminated in 50 Ω
−41
dBm
Noise Figure
15.6
dB
Noise Figure under Blocking Conditions
With a −5 dBm interferer 5 MHz away
20.5
dB


Similar Part No. - ADL5382

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5380 AD-ADL5380 Datasheet
840Kb / 36P
   400 MHz to 6 GHz Quadrature Demodulator
REV. 0
ADL5380 AD-ADL5380 Datasheet
429Kb / 5P
   Wideband LO PLL Synthesizer with Simple Interface to Quadrature Demodulators
REV. 0
ADL5380-29A-EVALZ AD-ADL5380-29A-EVALZ Datasheet
840Kb / 36P
   400 MHz to 6 GHz Quadrature Demodulator
REV. 0
ADL5380-30A-EVALZ AD-ADL5380-30A-EVALZ Datasheet
840Kb / 36P
   400 MHz to 6 GHz Quadrature Demodulator
REV. 0
ADL5380ACPZ-R7 AD-ADL5380ACPZ-R7 Datasheet
840Kb / 36P
   400 MHz to 6 GHz Quadrature Demodulator
REV. 0
More results

Similar Description - ADL5382

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SRQ-2116Z SIRENZA-SRQ-2116Z Datasheet
196Kb / 16P
   700-3800 MHz Direct Quadrature Demodulator
logo
Analog Devices
AD8347 AD-AD8347_15 Datasheet
630Kb / 28P
   0.8 GHz to 2.7 GHz Direct Conversion Quadrature Demodulator
REV. A
AD8347 AD-AD8347 Datasheet
750Kb / 20P
   0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
REV. 0
ADL5380 AD-ADL5380 Datasheet
840Kb / 36P
   400 MHz to 6 GHz Quadrature Demodulator
REV. 0
ADL5387 AD-ADL5387 Datasheet
761Kb / 28P
   50 MHz to 2 GHz Quadrature Demodulator
REV. 0
ADL5387 AD-ADL5387_V01 Datasheet
865Kb / 27P
   30 MHz to 2 GHz Quadrature Demodulator
Rev. C
ADRF6807 AD-ADRF6807 Datasheet
1,004Kb / 36P
   700 MHz to 1050 MHz Quadrature
REV. B
AD8348 AD-AD8348_15 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348ARUZ-REEL7 AD-AD8348ARUZ-REEL7 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com