Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM5230ARWZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADUM5230ARWZ
Description  Isolated Half-Bridge Driver with Integrated High-Side Supply
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM5230ARWZ Datasheet(HTML) 5 Page - Analog Devices

  ADUM5230ARWZ Datasheet HTML 1Page - Analog Devices ADUM5230ARWZ Datasheet HTML 2Page - Analog Devices ADUM5230ARWZ Datasheet HTML 3Page - Analog Devices ADUM5230ARWZ Datasheet HTML 4Page - Analog Devices ADUM5230ARWZ Datasheet HTML 5Page - Analog Devices ADUM5230ARWZ Datasheet HTML 6Page - Analog Devices ADUM5230ARWZ Datasheet HTML 7Page - Analog Devices ADUM5230ARWZ Datasheet HTML 8Page - Analog Devices ADUM5230ARWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ADuM5230
Rev. 0 | Page 5 of 16
PACKAGE CHARACTERISTICS
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Resistance (Input-to-Output)1
RI-O
1012
Ω
Capacitance (Input-to-Output)1
CI-O
2.0
pF
f = 1 MHz
Input Capacitance
CI
4.0
pF
IC Junction-to-Ambient Thermal Resistance
θJA
48
°C/W
1 The device is considered a two-terminal device: Pin 1 to Pin 8 are shorted together, and Pin 9 to Pin 16 are shorted together.
REGULATORY INFORMATION
The ADuM5230 will be approved by the organization listed in Table 3.
Table 3.
UL1 (pending)
Recognized under 1577 component recognition program, File E214100
1 In accordance with UL1577, each ADuM5230 is proof-tested by applying an insulation test voltage ≥3000 V rms for 1 sec (current leakage detection limit = 5 μA).
INSULATION AND SAFETY-RELATED SPECIFICATIONS
Table 4.
Parameter
Symbol
Value
Unit
Conditions
Rated Dielectric Insulation Voltage
2500
V rms
1 minute duration
Minimum External Air Gap (Clearance)
L(I01)
3.5 min
mm
Measured from input conductors to output conductors,
shortest distance through air
Minimum External Tracking (Creepage)
L(I02)
3.5 min
mm
Measured from input conductors to output conductors,
shortest distance path along body
Minimum Internal Gap (Internal
Clearance)
0.017 min
mm
Distance through the insulation
Tracking Resistance (Comparative
Tracking Index)
CTI
>175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
600
500
400
300
200
100
0
–40
0
40
80
120
160
200
AMBIENT TEMPERATURE (°C)
Figure 2. Thermal Derating Curve, Dependence of Safety Limiting Values on
Case Temperature, per DIN EN 60747-5-2
RECOMMENDED OPERATING CONDITIONS
Table 5.
Parameter
Value
Operating Temperature (TA)
−40°C to +105°C
Input Supply Voltage1 (VDD1)
4.5 V to 5.5 V
Channel B Supply Voltage1 (VDDB)
12 V to 18.5 V
Input Signal Rise and Fall Times
1 ms
Minimum VDD1 Power-On Slew Rate2 (PSLEW)
400 V/ms
1 All voltages are relative to their respective ground.
2 The ADuM5230 power supply may fail to initialize properly if VDD1 is applied
too slowly.


Similar Part No. - ADUM5230ARWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5230ARWZ AD-ADUM5230ARWZ Datasheet
770Kb / 15P
   Isolated Half-Bridge Driver with Integrated High-Side Supply
Rev. C
ADUM5230ARWZ-RL AD-ADUM5230ARWZ-RL Datasheet
770Kb / 15P
   Isolated Half-Bridge Driver with Integrated High-Side Supply
Rev. C
More results

Similar Description - ADUM5230ARWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM6132 AD-ADUM6132 Datasheet
266Kb / 12P
   Isolated Half-Bridge Driver with Integrated Isolated High-Side Supply
Rev. PrG March 19, 2008
ADUM5230 AD-ADUM5230_V01 Datasheet
770Kb / 15P
   Isolated Half-Bridge Driver with Integrated High-Side Supply
Rev. C
ADUM6132 AD-ADUM6132_V01 Datasheet
317Kb / 16P
   Isolated Half-Bridge Gate Driver with Integrated Isolated High-Side Supply
Rev. B
ADUM6132 AD-ADUM6132_08 Datasheet
371Kb / 16P
   Isolated Half-Bridge Gate Driver with Integrated Isolated High-Side Supply
REV. 0
logo
Infineon Technologies A...
BTN9990LV INFINEON-BTN9990LV Datasheet
681Kb / 33P
   High current PN half-bridge with integrated driver
Rev. 1.0 2021-10-12
IFX007T INFINEON-IFX007T Datasheet
1Mb / 25P
   High Current PN Half Bridge with Integrated Driver
Rev. 1.0 2018-09-11
BTN9970LV INFINEON-BTN9970LV Datasheet
680Kb / 33P
   High current PN half-bridge with integrated driver
Rev. 1.0 2021-10-12
logo
Monolithic Power System...
MP8040 MPS-MP8040 Datasheet
249Kb / 8P
   High Current Integrated Half Bridge Driver
logo
Analog Devices
ADUM3223 AD-ADUM3223 Datasheet
422Kb / 20P
   Isolated Precision Half-Bridge Driver
REV. 0
logo
ON Semiconductor
NCV57200 ONSEMI-NCV57200 Datasheet
310Kb / 11P
   Half Bridge Gate Driver(Isolated High & Non-Isolated Low)
December, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com