Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG3242BRJZ-REEL7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG3242BRJZ-REEL7
Description  2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3242BRJZ-REEL7 Datasheet(HTML) 3 Page - Analog Devices

  ADG3242BRJZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG3242BRJZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG3242BRJZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG3242BRJZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG3242BRJZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG3242BRJZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG3242BRJZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG3242BRJZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG3242BRJZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADG3242
Rev. A | Page 3 of 16
SPECIFICATIONS
VCC = 2.3 V to 3.6 V, GND = 0 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 1.
B Version1
Parameter
Symbol
Conditions
Min
Typ2
Max
Unit
DC ELECTRICAL CHARACTERISTICS
Input High Voltage
VINH
VCC = 2.7 V to 3.6 V
2.0
V
VCC = 2.3 V to 2.7 V
1.7
V
Input Low Voltage
VINL
VCC = 2.7 V to 3.6 V
0.8
V
VCC = 2.3 V to 2.7 V
0.7
V
Input Leakage Current
II
±0.01
±1
μA
Off State Leakage Current
IOZ
0 ≤ A, B ≤ VCC
±0.01
±1
μA
On State Leakage Current
0 ≤ A, B ≤ VCC
±0.01
±1
μA
Maximum Pass Voltage
VP
VA/VB = VCC = SEL = 3.3 V, IO = −5 μA
2.0
2.5
2.9
V
VA/VB = VCC = SEL = 2.5 V, IO = −5 μA
1.5
1.8
2.1
V
VA/VB = VCC = 3.3 V, SEL = 0 V, IO = −5 μA
1.5
1.8
2.1
V
CAPACITANCE3
A Port Off Capacitance
CA OFF
f = 1 MHz
3.5
pF
B Port Off Capacitance
CB OFF
f = 1 MHz
3.5
pF
A, B Port On Capacitance
CA, CB ON
f = 1 MHz
7
pF
Control Input Capacitance
CIN
f = 1 MHz
4
pF
SWITCHING CHARACTERISTICS3
Propagation Delay A to B or B to A, tPD4
tPHL, tPLH
CL = 50 pF, VCC = SEL = 3 V
0.225
ns
Propagation Delay Matching5
5
ps
Bus Enable Time BE to A or B6
tPZH, tPZL
VCC = 3.0 V to 3.6 V; SEL = VCC
1
3.2
4.6
ns
VCC = 3.0 V to 3.6 V; SEL = 0 V
1
3
4
ns
VCC = 2.3 V to 2.7 V; SEL = VCC
1
3
4
ns
Bus Disable Time BE to A or B6
tPHZ, tPLZ
VCC = 3.0 V to 3.6 V; SEL = VCC
1
3
4
ns
VCC = 3.0 V to 3.6 V; SEL = 0 V
1
2.5
3.8
ns
VCC = 2.3 V to 2.7 V; SEL = VCC
1
2.5
3.4
ns
Maximum Data Rate
VCC = SEL = 3.3 V; VA/VB = 2 V
1.5
Gbps
Channel Jitter
VCC = SEL = 3.3 V; VA/VB = 2 V
45
ps p-p
DIGITAL SWITCH
On Resistance
RON
VCC = 3 V, SEL = VCC, VA = 0 V, IBA = 8 mA
4.5
8
Ω
VCC = 3 V, SEL = VCC, VA = 1.7 V, IBA = 8 mA
12
28
Ω
VCC = 2.3 V, SEL = VCC, VA = 0 V, IBA = 8 mA
5
9
Ω
VCC = 2.3 V, SEL = VCC, VA = 1 V, IBA = 8 mA
9
18
Ω
VCC = 3 V, SEL = 0 V, VA = 0 V, IBA = 8 mA
5
8
Ω
VCC = 3 V, SEL = 0 V, VA = 1 V, IBA = 8 mA
12
Ω
On Resistance Matching
∆RON
VCC = 3 V, SEL = VCC, VA = 0 V, IA = 8 mA
0.1
0.5
Ω
VCC = 3 V, SEL = 0 V, VA = 0 V, IA = 8 mA
0.1
0.5
Ω
POWER REQUIREMENTS
VCC
2.3
3.6
V
Quiescent Power Supply Current
ICC
Digital inputs = 0 V or VCC; SEL = VCC
0.01
1
μA
Digital inputs = 0 V or VCC ; SEL = 0 V
0.1
0.2
mA
Increase in ICC per Input7
∆ICC
VCC = 3.6 V, BE = 3.0 V; SEL = VCC
0.15
8
μA
1 Temperature range is as follows: B version: −40°C to +85°C.
2 Typical values are at 25°C, unless otherwise stated.
3 Guaranteed by design, not subject to production test.
4 The digital switch contributes no propagation delay other than the RC delay of the typical RON of the switch and the load capacitance when driven by an ideal voltage
source. Because the time constant is much smaller than the rise/fall times of typical driving signals, it adds very little propagation delay to the system. Propagation
delay of the digital switch when used in a system is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
5 Propagation delay matching between channels is calculated from the on resistance matching and load capacitance of 50 pF.
6 See Timing Measurement Information section.
7 This current applies to the Control Pin BE only. The A and B ports contribute no significant ac or dc currents as they transition.


Similar Part No. - ADG3242BRJZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3242BRJZ-REEL7 AD-ADG3242BRJZ-REEL7 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
Rev. A
More results

Similar Description - ADG3242BRJZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3242 AD-ADG3242_15 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
ADG3242 AD-ADG3242 Datasheet
247Kb / 12P
   2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch
REV. 0
ADG3242 AD-ADG3242_V01 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
Rev. A
ADG3243 AD-ADG3243 Datasheet
187Kb / 12P
   2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
REV. 0
ADG3243 AD-ADG3243_15 Datasheet
216Kb / 12P
   2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
REV. 0
ADG3241 AD-ADG3241 Datasheet
213Kb / 12P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
REV. A
ADG3241 AD-ADG3241_V01 Datasheet
313Kb / 16P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
Rev. B
ADG3241 AD-ADG3241_15 Datasheet
313Kb / 16P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
REV. B
ADG3246 AD-ADG3246_15 Datasheet
367Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3245BRU AD-ADG3245BRU Datasheet
324Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com