Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1321BV18-200BZXC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1321BV18-200BZXC
Description  18-Mbit DDR-II SRAM 4-Word Burst Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1321BV18-200BZXC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1321BV18-200BZXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1321BV18-200BZXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1321BV18-200BZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1321BV18-200BZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1321BV18-200BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1321BV18-200BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1321BV18-200BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1321BV18-200BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1321BV18-200BZXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
CY7C1317BV18
CY7C1917BV18
CY7C1319BV18
CY7C1321BV18
Document Number: 38-05622 Rev. *C
Page 5 of 28
Pin Configurations (continued)
CY7C1319BV18 (1M x 18)
23
4
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
A
CQ
NC
NC
NC
NC
DOFF
NC
NC/72M
A
BWS1
K
R/W
NC/144M
DQ9
NC
NC
NC
NC
TDO
NC
NC
NC
NC
NC
NC
TCK
NC
NC
A
NC/288M
K
BWS0
VSS
AA0
A1
DQ10
VSS
VSS
VSS
VSS
VDD
A
VSS
VSS
VSS
VDD
DQ11
NC
VDDQ
NC
DQ14
NC
DQ16
DQ17
A
VDDQ
VSS
VDDQ
VDD
VDD
DQ13
VDDQ
VDD
VDDQ
VDD
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VSS
VSS
VSS
VSS
A
A
C
VSS
A
A
A
NC
VSS
NC
VSS
DQ12
NC
VREF
VSS
VDD
VSS
VSS
A
VSS
C
NC
DQ15
NC
NC
NC
VDD
A
89
10
11
DQ0
A
NC/36M
LD
CQ
A
NC
NC
DQ8
VSS
NC
DQ7
NC
NC
VSS
NC
DQ6
NC
NC
NC
VREF
NC
DQ3
VDDQ
NC
VDDQ
NC
DQ5
VDDQ
VDDQ
VDDQ
NC
VDDQ
NC
DQ4
NC
VDDQ
VDDQ
NC
VSS
NC
NC
NC
TDI
TMS
VSS
A
NC
A
NC
NC
NC
ZQ
NC
DQ2
NC
DQ1
NC
NC
A
165-ball FBGA (13 x 15 x 1.4 mm) Pinout
CY7C1321BV18 (512K x 36)
234
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
A
CQ
NC
NC
NC
NC
DOFF
NC
NC/144M NC/36M
BWS2
K
R/W
BWS1
DQ27
DQ18
NC
NC
NC
TDO
NC
NC
DQ31
NC
NC
NC
TCK
NC
DQ28
A
BWS3
K
BWS0
VSS
AA0
A1
DQ19
VSS
VSS
VSS
VSS
VDD
A
VSS
VSS
VSS
VDD
DQ20
DQ21
VDDQ
DQ32
DQ23
DQ34
DQ25
DQ26
A
VDDQ
VSS
VDDQ
VDD
VDD
DQ22
VDDQ
VDD
VDDQ
VDD
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VSS
VSS
VSS
VSS
A
A
C
VSS
A
A
A
DQ29
VSS
NC
VSS
DQ30
NC
VREF
VSS
VDD
VSS
VSS
A
VSS
C
NC
DQ33
NC
DQ35
DQ24
VDD
A
89
10
11
DQ0
A
NC/72M
LD
CQ
A
NC
NC
DQ8
VSS
NC
DQ17
DQ7
NC
VSS
NC
DQ6
DQ14
NC
NC
VREF
NC
DQ3
VDDQ
NC
VDDQ
NC
DQ5
VDDQ
VDDQ
VDDQ
DQ4
VDDQ
NC
DQ13
NC
VDDQ
VDDQ
NC
VSS
NC
DQ1
NC
TDI
TMS
VSS
A
NC
A
DQ16
DQ15
NC
ZQ
DQ12
DQ2
DQ10
DQ11
DQ9
NC
A


Similar Part No. - CY7C1321BV18-200BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1321AV18 CYPRESS-CY7C1321AV18 Datasheet
492Kb / 20P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1321AV18-167BZC CYPRESS-CY7C1321AV18-167BZC Datasheet
492Kb / 20P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1321AV18-200BZC CYPRESS-CY7C1321AV18-200BZC Datasheet
492Kb / 20P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1321AV18-250BZC CYPRESS-CY7C1321AV18-250BZC Datasheet
492Kb / 20P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1321CV18 CYPRESS-CY7C1321CV18 Datasheet
696Kb / 31P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
More results

Similar Description - CY7C1321BV18-200BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1317CV18 CYPRESS-CY7C1317CV18 Datasheet
696Kb / 31P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1317AV18 CYPRESS-CY7C1317AV18 Datasheet
492Kb / 20P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1318CV18 CYPRESS-CY7C1318CV18_11 Datasheet
1Mb / 29P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1319KV18 CYPRESS-CY7C1319KV18_13 Datasheet
503Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18_06 Datasheet
515Kb / 28P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1317KV18 CYPRESS-CY7C1317KV18 Datasheet
1Mb / 33P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18 Datasheet
257Kb / 24P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C13201KV18 CYPRESS-CY7C13201KV18 Datasheet
1Mb / 23P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1319KV18 CYPRESS-CY7C1319KV18_12 Datasheet
465Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1318BV18 CYPRESS-CY7C1318BV18_11 Datasheet
1Mb / 31P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com