Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1364B-166AC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1364B-166AC
Description  9-Mb (256K x 32) Pipelined Sync SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1364B-166AC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1364B-166AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1364B-166AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1364B-166AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1364B-166AC Datasheet HTML 9Page - Cypress Semiconductor CY7C1364B-166AC Datasheet HTML 10Page - Cypress Semiconductor CY7C1364B-166AC Datasheet HTML 11Page - Cypress Semiconductor CY7C1364B-166AC Datasheet HTML 12Page - Cypress Semiconductor CY7C1364B-166AC Datasheet HTML 13Page - Cypress Semiconductor CY7C1364B-166AC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CY7C1364B
Document #: 38-05420 Rev. **
Page 10 of 16
Switching Characteristics Over the Operating Range[11,12]
Parameter
Description
-200
-166
Unit
Min.
Max.
Min.
Max.
tPOWER
VDD(Typical) to the First Access[13]
11
ms
Clock
tCYC
Clock Cycle Time
5.0
6.0
ns
tCH
Clock HIGH
2.0
2.4
ns
tCL
Clock LOW
2.0
2.4
ns
Output Times
tCO
Data Output Valid after CLK Rise
3.0
3.5
ns
tDOH
Data Output Hold after CLK Rise
1.25
1.25
ns
tCLZ
Clock to Low-Z[14, 15, 16]
1.25
1.25
ns
tCHZ
Clock to High-Z[14, 15, 16]
1.25
3.0
1.25
3.5
ns
tOEV
OE LOW to Output Valid
3.0
3.5
ns
tOELZ
OE LOW to Output Low-Z[14, 15, 16]
0
0
ns
tOEHZ
OE HIGH to Output High-Z
[14, 15, 16]
3.0
3.5
ns
Set-up Times
tAS
Address Set-up before CLK Rise
1.5
1.5
ns
tADS
ADSC, ADSP Set-up before CLK Rise
1.5
1.5
ns
tADVS
ADV Set-up before CLK Rise
1.5
1.5
ns
tWES
GW, BWE, BW[A:D] Set-up before CLK Rise
1.5
1.5
ns
tDS
Data Input Set-up before CLK Rise
1.5
1.5
ns
tCES
Chip Enable Set-up before CLK Rise
1.5
1.5
ns
Hold Times
tAH
Address Hold after CLK Rise
0.5
0.5
ns
tADH
ADSP , ADSC Hold after CLK Rise
0.5
0.5
ns
tADVH
ADV Hold after CLK Rise
0.5
0.5
ns
tWEH
GW,BWE, BW[A : D] Hold after CLK Rise
0.5
0.5
ns
tDH
Data Input Hold after CLK Rise
0.5
0.5
ns
tCEH
Chip Enable Hold after CLK Rise
0.5
0.5
ns
Notes:
11. Timing reference level is 1.5V when VDDQ = 3.3V.
12. Test conditions shown in (a) of AC Test Loads unless otherwise noted.
13. This part has a voltage regulator internally; tPOWER is the time that the power needs to be supplied above VDD minimum initially before a Read or Write operation
can be initiated.
14. tCHZ, tCLZ,tOELZ, and tOEHZ are specified with AC test conditions shown in part (b) of AC Test Loads. Transition is measured ± 200 mV from steady-state voltage.
15. At any given voltage and temperature, tOEHZ is less than tOELZ and tCHZ is less than tCLZ to eliminate bus contention between SRAMs when sharing the same
data bus. These specifications do not imply a bus contention condition, but reflect parameters guaranteed over worst case user conditions. Device is designed
to achieve High-Z prior to Low-Z under the same system conditions.
16. This parameter is sampled and not 100% tested.


Similar Part No. - CY7C1364B-166AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1364C CYPRESS-CY7C1364C Datasheet
399Kb / 18P
   9-Mbit (256K x 32) Pipelined Sync SRAM
CY7C1364C-166AJXC CYPRESS-CY7C1364C-166AJXC Datasheet
399Kb / 18P
   9-Mbit (256K x 32) Pipelined Sync SRAM
CY7C1364C-166AJXI CYPRESS-CY7C1364C-166AJXI Datasheet
399Kb / 18P
   9-Mbit (256K x 32) Pipelined Sync SRAM
CY7C1364C-166AXC CYPRESS-CY7C1364C-166AXC Datasheet
399Kb / 18P
   9-Mbit (256K x 32) Pipelined Sync SRAM
CY7C1364C-166AXI CYPRESS-CY7C1364C-166AXI Datasheet
399Kb / 18P
   9-Mbit (256K x 32) Pipelined Sync SRAM
More results

Similar Description - CY7C1364B-166AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1364C CYPRESS-CY7C1364C Datasheet
399Kb / 18P
   9-Mbit (256K x 32) Pipelined Sync SRAM
CY7C1368C CYPRESS-CY7C1368C Datasheet
402Kb / 18P
   9-Mbit (256K x 32) Pipelined DCD Sync SRAM
CY7C1327F CYPRESS-CY7C1327F Datasheet
572Kb / 17P
   4-Mb (256K x 18) Pipelined Sync SRAM
CY7C1366B CYPRESS-CY7C1366B Datasheet
550Kb / 32P
   9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1215F CYPRESS-CY7C1215F Datasheet
333Kb / 16P
   1-Mb (32K x 32) Pipelined Sync SRAM
CY7C1328F CYPRESS-CY7C1328F Datasheet
341Kb / 17P
   4-Mb (256K x 18) Pipelined DCD Sync SRAM
CY7C1329G CYPRESS-CY7C1329G Datasheet
322Kb / 16P
   2-Mb (64K x 32) Pipelined Sync SRAM
CY7C1340F CYPRESS-CY7C1340F Datasheet
348Kb / 17P
   4-Mb (128K x 32) Pipelined DCD Sync SRAM
CY7C1365B CYPRESS-CY7C1365B Datasheet
328Kb / 16P
   9-Mb (265K x 32) Flow-Through Sync SRAM
logo
Integrated Circuit Syst...
IC61LV6432 ICST-IC61LV6432 Datasheet
210Kb / 21P
   64K x 32 Pipelined Sync. SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com