Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1379B Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1379B
Description  9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1379B Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1379B Datasheet HTML 1Page - Cypress Semiconductor CY7C1379B Datasheet HTML 2Page - Cypress Semiconductor CY7C1379B Datasheet HTML 3Page - Cypress Semiconductor CY7C1379B Datasheet HTML 4Page - Cypress Semiconductor CY7C1379B Datasheet HTML 5Page - Cypress Semiconductor CY7C1379B Datasheet HTML 6Page - Cypress Semiconductor CY7C1379B Datasheet HTML 7Page - Cypress Semiconductor CY7C1379B Datasheet HTML 8Page - Cypress Semiconductor CY7C1379B Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CY7C1379B
Document #: 38-05438 Rev. *A
Page 4 of 15
OE
86
B8
Input-
Asynchronous
Output Enable, asynchronous input, active LOW. Combined
with the synchronous logic block inside the device to control the
direction of the I/O pins. When LOW, the I/O pins are allowed to
behave as outputs. When deasserted HIGH, I/O pins are
three-stated, and act as input data pins. OE is masked during the
data portion of a write sequence, during the first clock when
emerging from a deselected state, when the device has been
deselected.
CEN
87
A7
Input-
Synchronous
Clock Enable Input, active LOW. When asserted LOW the
Clock signal is recognized by the SRAM. When deasserted
HIGH the Clock signal is masked. Since deasserting CEN does
not deselect the device, CEN can be used to extend the previous
cycle when required.
ZZ
64
H11
Input-
Asynchronous
ZZ “sleep” Input. This active HIGH input places the device in a
non-time critical “sleep” condition with data integrity preserved.
During normal operation, this pin can be connected to VSS or left
floating.
DQs
52,53,56,57,
58,59,62,63,
68,69,72,73,
74,75,78,79,
2,3,6,7,
8,9,12,13,
18,19,22,23,
24,25,28,29
M11,L11,
K11,J11,
J10,K10,
L10,M10,
D10,E10,
F10,G10,
D11,E11,
F11,G11,
D1,E1,F1,
G1,D2,E2,
F2,G2,J1,
K1,L1,M1,
J2,K2,L2
M2
I/O-
Synchronous
Bidirectional Data I/O Lines. As inputs, they feed into an
on-chip data register that is triggered by the rising edge of CLK.
As outputs, they deliver the data contained in the memory loca-
tion specified by address during the clock rise of the Read cycle.
The direction of the pins is controlled by OE and the internal
control logic. When OE is asserted LOW, the pins can behave
as outputs. When HIGH, DQs are placed in a three-state condi-
tion. The outputs are automatically three-stated during the data
portion of a write sequence, during the first clock when emerging
from a deselected state, and when the device is deselected, re-
gardless of the state of OE.
Mode
31
R1
Input
Strap Pin
Mode Input. Selects the burst order of the device.
When tied to GND selects linear burst sequence. When tied to
VDD or left floating selects interleaved burst sequence.
VDD
15,41,65,91
D4,D8,E4,
E8,F4,F8,
G4,G8,H2,
H4,H8,J4,
J8,K4,K8,
L4,L8,M4,
M8
Power Supply Power supply inputs to the core of the device.
VDDQ
4,11,20,27,54,
61,70,77
C3,C9,D3,
D9,E3,E9,
F3,F9,G3,
G9,J3,J9,
K3,K9,L3,
L9,M3,M9,
N3,N9
I/O Power
Supply
Power supply for the I/O circuitry.
CY7C1379B—Pin Definitions(continued)
Name
TQFP
fBGA
I/O
Description


Similar Part No. - CY7C1379B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1379C CYPRESS-CY7C1379C Datasheet
348Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1379B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1379C CYPRESS-CY7C1379C Datasheet
348Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1378C CYPRESS-CY7C1378C Datasheet
310Kb / 13P
   9-Mbit (256K x 32) Pipelined SRAM with NoBL??Architecture
CY7C1378B CYPRESS-CY7C1378B Datasheet
351Kb / 14P
   9-Mbit (256K x 32) Pipelined SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G_07 Datasheet
575Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G Datasheet
229Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1365C CYPRESS-CY7C1365C Datasheet
400Kb / 18P
   9-Mbit (256K x 32) Flow-Through Sync SRAM
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1353F CYPRESS-CY7C1353F Datasheet
324Kb / 13P
   4-Mb (256K x 18) Flow-through SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com