Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1355C-133AXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1355C-133AXI
Description  9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1355C-133AXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1355C-133AXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1355C-133AXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1355C-133AXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1355C-133AXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1355C-133AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1355C-133AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1355C-133AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1355C-133AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1355C-133AXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CY7C1379C
Document #: 38-05688 Rev. *D
Page 4 of 15
OE
86
B8
Input-
Asynchronous
Output Enable, asynchronous input, active LOW. Combined
with the synchronous logic block inside the device to control the
direction of the I/O pins. When LOW, the I/O pins are allowed to
behave as outputs. When deasserted HIGH, I/O pins are
tri-stated, and act as input data pins. OE is masked during the
data portion of a write sequence, during the first clock when
emerging from a deselected state, when the device has been
deselected.
CEN
87
A7
Input-
Synchronous
Clock Enable Input, active LOW. When asserted LOW the
Clock signal is recognized by the SRAM. When deasserted
HIGH the Clock signal is masked. Since deasserting CEN does
not deselect the device, CEN can be used to extend the previous
cycle when required.
ZZ
64
H11
Input-
Asynchronous
ZZ “sleep” Input. This active HIGH input places the device in a
non-time critical “sleep” condition with data integrity preserved.
For normal operation, this pin has to be LOW or left floating. ZZ
pin has an internal pull-down.
DQs
52,53,56,57,
58,59,62,63,
68,69,72,73,
74,75,78,79,
2,3,6,7,
8,9,12,13,
18,19,22,23,
24,25,28,29
M11,L11,
K11,J11,
J10,K10,
L10,M10,
D10,E10,
F10,G10,
D11,E11,
F11,G11,
D1,E1,F1,
G1,D2,E2,
F2,G2,J1,
K1,L1,M1,
J2,K2,L2
M2
I/O-
Synchronous
Bidirectional Data I/O Lines. As inputs, they feed into an
on-chip data register that is triggered by the rising edge of CLK.
As outputs, they deliver the data contained in the memory
location specified by address during the clock rise of the Read
cycle. The direction of the pins is controlled by OE and the
internal control logic. When OE is asserted LOW, the pins can
behave as outputs. When HIGH, DQs are placed in a tri-state
condition. The outputs are automatically tri-stated during the
data portion of a write sequence, during the first clock when
emerging from a deselected state, and when the device is
deselected, regardless of the state of OE.
Mode
31
R1
Input
Strap Pin
Mode Input. Selects the burst order of the device.
When tied to GND selects linear burst sequence. When tied to
VDD or left floating selects interleaved burst sequence.
VDD
15,41,65,91
D4,D8,E4,
E8,F4,F8,
G4,G8,H2,
H4,H8,J4,
J8,K4,K8,
L4,L8,M4,
M8
Power Supply Power supply inputs to the core of the device.
VDDQ
4,11,20,27,54,
61,70,77
C3,C9,D3,
D9,E3,E9,
F3,F9,G3,
G9,J3,J9,
K3,K9,L3,
L9,M3,M9,
N3,N9
I/O Power
Supply
Power supply for the I/O circuitry.
Pin Definitions (continued)
Name
TQFP
FBGA
I/O
Description


Similar Part No. - CY7C1355C-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355C-133AXI CYPRESS-CY7C1355C-133AXI Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1355C-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1379B CYPRESS-CY7C1379B Datasheet
465Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1378C CYPRESS-CY7C1378C Datasheet
310Kb / 13P
   9-Mbit (256K x 32) Pipelined SRAM with NoBL??Architecture
CY7C1378B CYPRESS-CY7C1378B Datasheet
351Kb / 14P
   9-Mbit (256K x 32) Pipelined SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G_07 Datasheet
575Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G Datasheet
229Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1365C CYPRESS-CY7C1365C Datasheet
400Kb / 18P
   9-Mbit (256K x 32) Flow-Through Sync SRAM
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1353F CYPRESS-CY7C1353F Datasheet
324Kb / 13P
   4-Mb (256K x 18) Flow-through SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com