Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1355C-100AXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1355C-100AXI
Description  9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1355C-100AXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1355C-100AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1355C-100AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1355C-100AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1355C-100AXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1355C-100AXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1355C-100AXI Datasheet HTML 12Page - Cypress Semiconductor CY7C1355C-100AXI Datasheet HTML 13Page - Cypress Semiconductor CY7C1355C-100AXI Datasheet HTML 14Page - Cypress Semiconductor CY7C1355C-100AXI Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CY7C1379C
Document #: 38-05688 Rev. *D
Page 11 of 15
Switching Waveforms
Read/Write Waveforms[18, 19, 20]
Notes:
18. For this waveform ZZ is tied LOW.
19. When CE is LOW, CE1 is LOW, CE2 is HIGH and CE3 is LOW. When CE is HIGH, CE1 is HIGH or CE2 is LOW or CE3 is HIGH.
20. Order of the Burst sequence is determined by the status of the MODE (0 = Linear, 1 = Interleaved). Burst operations are optional.
WRITE
D(A1)
123
456789
CLK
tCYC
tCL
tCH
10
CE
tCEH
tCES
WE
CEN
tCENH
tCENS
BW[A:D]
ADV/LD
tAH
tAS
ADDRESS
A1
A2
A3
A4
A5
A6
A7
tDH
tDS
DQ
COMMAND
tCLZ
D(A1)
D(A2)
Q(A4)
Q(A3)
D(A2+1)
tDOH
tCHZ
tCDV
WRITE
D(A2)
BURST
WRITE
D(A2+1)
READ
Q(A3)
READ
Q(A4)
BURST
READ
Q(A4+1)
WRITE
D(A5)
READ
Q(A6)
WRITE
D(A7)
DESELECT
OE
tOEV
tOELZ
tOEHZ
DON’T CARE
UNDEFINED
D(A5)
tDOH
Q(A4+1)
D(A7)
Q(A6)


Similar Part No. - CY7C1355C-100AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355C-100AXI CYPRESS-CY7C1355C-100AXI Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1355C-100AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1379B CYPRESS-CY7C1379B Datasheet
465Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1378C CYPRESS-CY7C1378C Datasheet
310Kb / 13P
   9-Mbit (256K x 32) Pipelined SRAM with NoBL??Architecture
CY7C1378B CYPRESS-CY7C1378B Datasheet
351Kb / 14P
   9-Mbit (256K x 32) Pipelined SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G_07 Datasheet
575Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G Datasheet
229Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1365C CYPRESS-CY7C1365C Datasheet
400Kb / 18P
   9-Mbit (256K x 32) Flow-Through Sync SRAM
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1353F CYPRESS-CY7C1353F Datasheet
324Kb / 13P
   4-Mb (256K x 18) Flow-through SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com