Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1381CV25-133BZC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1381CV25-133BZC
Description  18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1381CV25-133BZC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1381CV25-133BZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1381CV25-133BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1381CV25-133BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1381CV25-133BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1381CV25-133BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1381CV25-133BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1381CV25-133BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1381CV25-133BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1381CV25-133BZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381CV25
CY7C1383CV25
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-05241 Rev. *B
Revised April 19, 2004
Features
• Supports 133-MHz bus operations
• 512K X 36/1M X 18 common I/O
• 2.5V +/–5% core power supply (VDD)
• 2.5V I/O supply (VDDQ)
• Fast clock-to-output times
— 6.5 ns (133-MHz version)
— 7.5 ns (117-MHz version)
— 8.5 ns (100-MHz version)
• Provide high-performance 2-1-1-1 access rate
• User-selectable burst counter supporting Intel
Pentiuminterleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self-timed write
• Asynchronous output enable
• Offered in JEDEC-standard 100-pin TQFP,119-ball BGA
and 165-ball fBGA packages
• JTAG boundary scan for BGA and fBGA packages
• “ZZ” Sleep Mode option
Functional Description[1]
The CY7C1381CV25/CY7C1383CV25 is a 2.5V, 512K x 36
and 1M x 18 Synchronous Flow through SRAMs, respectively
designed to interface with high-speed microprocessors with
minimum glue logic. Maximum access delay from clock rise is
6.5 ns (133-MHz version). A 2-bit on-chip counter captures the
first address in a burst and increments the address automati-
cally for the rest of the burst access. All synchronous inputs
are gated by registers controlled by a positive-edge-triggered
Clock Input (CLK). The synchronous inputs include all
addresses, all data inputs, address-pipelining Chip Enable
(CE1), depth-expansion Chip Enables (CE2 and CE3[2]), Burst
Control inputs (ADSC, ADSP, and ADV), Write Enables (BWx,
and BWE), and Global Write (GW). Asynchronous inputs
include the Output Enable (OE) and the ZZ pin.
The CY7C1381CV25/CY7C1383CV25 allows either inter-
leaved or linear burst sequences, selected by the MODE input
pin. A HIGH selects an interleaved burst sequence, while a
LOW selects a linear burst sequence. Burst accesses can be
initiated with the Processor Address Strobe (ADSP) or the
cache Controller Address Strobe (ADSC) inputs. Address
advancement is controlled by the Address Advancement
(ADV) input.
Addresses and chip enables are registered at rising edge of
clock when either Address Strobe Processor (ADSP) or
Address Strobe Controller (ADSC) are active. Subsequent
burst addresses can be internally generated as controlled by
the Advance pin (ADV).
The CY7C1381CV25/CY7C1383CV25 operates from a +2.5V
core power supply. All outputs also operate with a +2.5 supply.
All
inputs
and
outputs
are
JEDEC-standard
JESD8-5-compatible.
Selection Guide
133 MHz
117 MHz
100 MHz
Unit
Maximum Access Time
6.5
7.5
8.5
ns
Maximum Operating Current
210
190
175
mA
Maximum CMOS Standby Current
70
70
70
mA
Notes:
1. For best–practices recommendations, please refer to the Cypress application note System Design Guidelines on www.cypress.com.
2. CE3, CE2 are for TQFP and 165 fBGA package only. 119 BGA is offered only in 1 Chip Enable.


Similar Part No. - CY7C1381CV25-133BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381C CYPRESS-CY7C1381C Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381C-100AC CYPRESS-CY7C1381C-100AC Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381C-100AI CYPRESS-CY7C1381C-100AI Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381C-100BGC CYPRESS-CY7C1381C-100BGC Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381C-100BGI CYPRESS-CY7C1381C-100BGI Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
More results

Similar Description - CY7C1381CV25-133BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381D CYPRESS-CY7C1381D_07 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381DV25 CYPRESS-CY7C1381DV25 Datasheet
1Mb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1383C CYPRESS-CY7C1383C Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1441AV25 CYPRESS-CY7C1441AV25 Datasheet
529Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1441AV33 CYPRESS-CY7C1441AV33 Datasheet
572Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1371D CYPRESS-CY7C1371D Datasheet
447Kb / 30P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com