Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ431BMAE1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AZ431BMAE1
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ431BMAE1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ431BMAE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ431BMAE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ431BMAE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ431BMAE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ431BMAE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ431BMAE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ431BMAE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ431BMAE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ431BMAE1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431
Data Sheet
Apr. 2005 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
6
Parameter
Test
Circuit
Symbol
Conditions
AZ431 (40V)
Unit
Min
Typ
Max
Reference Voltage
0.4%
4
VREF
VKA=VREF, IKA=10mA
2.490
2.500
2.510
V
0.8%
2.480
2.500
2.520
Deviation of Reference
Voltage Over-Temperature
4
∆V
REF
VKA=VREF
IKA= 10mA
0 to 70oC
4.5
8
mV
-40 to 85oC
4.5
10
Ratio of Change in Reference
Voltage to the Change in
Cathode Voltage
5
∆V
REF
∆V
KA
IKA=10mA
∆ V
KA=
10V to VREF
-1.0
-2.7
mV/V
∆V
KA=
36V to 10V
-0.5
-2.0
Reference Current
5
IREF
IKA=10mA,R1=10KΩ, R2=∞
0.7
4
µ A
Deviation of Reference Current
Over Full Temperature Range
5
∆I
REF
IKA=10mA, R1=10KΩ
R2=
∞, T
A=-40 to 85
oC
0.4
1.2
µ A
Minimum Cathode Current for
Regulation
4
IKA
(MIN)
VKA=VREF
0.4
1.0
mA
Off-State Cathode Current
6
IKA
(OFF)
VKA=36 V, VREF=0
0.05
1.0
µ A
Dynamic Impedance
4
ZKA
VKA=VREF, IKA=1 to 100mA,
f
≤ 1.0KHz
0.15
0.5
Electrical Characteristics for AZ431(40V)
Operating Conditions: TA=25
oC unless otherwise specified.


Similar Part No. - AZ431BMAE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ431BM-A BCDSEMI-AZ431BM-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Shanghai Leiditech Elec...
AZ431BM-A LEIDITECH-AZ431BM-A Datasheet
1Mb / 19P
   Programmable Precise Output Voltage from 2.5V to 36V or 18V
logo
BCD Semiconductor Manuf...
AZ431BM-AE1 BCDSEMI-AZ431BM-AE1 Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Shanghai Leiditech Elec...
AZ431BM-AE1 LEIDITECH-AZ431BM-AE1 Datasheet
1Mb / 19P
   Programmable Precise Output Voltage from 2.5V to 36V or 18V
logo
BCD Semiconductor Manuf...
AZ431BM-ATR BCDSEMI-AZ431BM-ATR Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - AZ431BMAE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com