Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1381CV25-117BZC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1381CV25-117BZC
Description  18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1381CV25-117BZC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1381CV25-117BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1381CV25-117BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1381CV25-117BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1381CV25-117BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1381CV25-117BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1381CV25-117BZC Datasheet HTML 12Page - Cypress Semiconductor CY7C1381CV25-117BZC Datasheet HTML 13Page - Cypress Semiconductor CY7C1381CV25-117BZC Datasheet HTML 14Page - Cypress Semiconductor CY7C1381CV25-117BZC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
CY7C1381CV25
CY7C1383CV25
Document #: 38-05241 Rev. *B
Page 11 of 35
VDD
15,41,65,91
C4,J2,J4,J6,R4
D4,D8,E4,
E8,F4,F8,
G4,G8,
H4,H8,J4,
J8,K4,K8,
L4,L8,M4,
M8
Power Supply Power supply inputs to the core of the
device.
VDDQ
4,11,20,27,
54,61,70,77
A1,A7,F1,F7,J1,
J7,M1,M7,U1,U
7
C3,C9,D3,
D9,E3,E9,
F3,F9,G3,
G9,J3,J9,
K3,K9,L3,
L9,M3,M9,
N3,N9
I/O Power
Supply
Power supply for the I/O circuitry.
VSS
17,40,67,90
D3,D5,E3,E5,F3
,F5,G5,H3,
H5,K3,K5,L3,M3
,
M5,N3,
N5,P3,P5
C4,C5,C6,
C7,C8,D5,
D6,D7,E5,
E6,E7,F5,
F6,F7,G5,
G6,G7,H1,
H2,H5,H6,
H7,J5,J6,J7,K5,
K6,K7,L5,L6,L7,
M5,
M6,M7,N4,
N8
Ground
Ground for the core of the device.
VSSQ
5,10,21,26,
55,60,71,76,
-
-
I/O Ground
Ground for the I/O circuitry.
TDO
-
U5
P7
JTAG serial
output
Synchronous
Serial data-out to the JTAG circuit.
Delivers data on the negative edge of TCK.
If the JTAG feature is not being utilized, this
pin should be left unconnected. This pin is
not available on TQFP packages.
TDI
-
U3
P5
JTAG serial
input
Synchronous
Serial data-In to the JTAG circuit.
Sampled on the rising edge of TCK. If the
JTAG feature is not being utilized, this pin
can be left floating or connected to VDD
through a pull up resistor. This pin is not
available on TQFP packages.
TMS
-
U2
R5
JTAG serial
input
Synchronous
Serial data-In to the JTAG circuit.
Sampled on the rising edge of TCK. If the
JTAG feature is not being utilized, this pin
can be disconnected or connected to VDD.
This pin is not available on TQFP packages.
TCK
-
U4
R7
JTAG-Clock
Clock input to the JTAG circuitry. If the
JTAG feature is not being utilized, this pin
must be connected to VSS. This pin is not
available on TQFP packages.
CY7C1383CV25:Pin Definitions (continued)
Name
TQFP
(3-Chip
Enable)
BGA
(1-Chip
Enable)
fBGA
(3-Chip
Enable)
I/O
Description


Similar Part No. - CY7C1381CV25-117BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381C CYPRESS-CY7C1381C Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381C-100AC CYPRESS-CY7C1381C-100AC Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381C-100AI CYPRESS-CY7C1381C-100AI Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381C-100BGC CYPRESS-CY7C1381C-100BGC Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381C-100BGI CYPRESS-CY7C1381C-100BGI Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
More results

Similar Description - CY7C1381CV25-117BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381D CYPRESS-CY7C1381D_07 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381DV25 CYPRESS-CY7C1381DV25 Datasheet
1Mb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1383C CYPRESS-CY7C1383C Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1441AV25 CYPRESS-CY7C1441AV25 Datasheet
529Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1441AV33 CYPRESS-CY7C1441AV33 Datasheet
572Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1371D CYPRESS-CY7C1371D Datasheet
447Kb / 30P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com