Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1399BL-15ZXC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1399BL-15ZXC
Description  256K(32K x 8) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1399BL-15ZXC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1399BL-15ZXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1399BL-15ZXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1399BL-15ZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1399BL-15ZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1399BL-15ZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1399BL-15ZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1399BL-15ZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1399BL-15ZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1399BL-15ZXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CY7C1399B
Document #: 38-05071 Rev. *D
Page 5 of 10
Switching Characteristics Over the Operating Range[6] (continued)
1399B-15
1399B-20
Parameter
Description
Min.
Max.
Min.
Max.
Unit
Read Cycle
tRC
Read Cycle Time
15
20
ns
tAA
Address to Data Valid
15
20
ns
tOHA
Data Hold from Address Change
3
3
ns
tACE
CE LOW to Data Valid
15
20
ns
tDOE
OE LOW to Data Valid
6
7
ns
tLZOE
OE LOW to Low Z[7]
0
0
ns
tHZOE
OE HIGH to High Z[7, 8]
6
6
ns
tLZCE
CE LOW to Low Z[7]
3
3
ns
tHZCE
CE HIGH to High Z[7, 8]
7
7
ns
tPU
CE LOW to Power-Up
0
0
ns
tPD
CE HIGH to Power-Down
15
20
ns
Write Cycle[9, 10]
tWC
Write Cycle Time
15
20
ns
tSCE
CE LOW to Write End
10
12
ns
tAW
Address Set-Up to Write End
10
12
ns
tHA
Address Hold from Write End
0
0
ns
tSA
Address Set-Up to Write Start
0
0
ns
tPWE
WE Pulse Width
10
12
ns
tSD
Data Set-Up to Write End
8
10
ns
tHD
Data Hold from Write End
0
0
ns
tHZWE
WE LOW to High Z[9]
7
7
ns
tLZWE
WE HIGH to Low Z[7]
3
3
ns
Data Retention Characteristics (Over the Operating Range - L version only)
Parameter
Description
Conditions
Min.
Max.
Unit
VDR
VCC for Data Retention
2.0
V
ICCDR
Data Retention Current
Com’l
VCC = VDR = 2.0V,
CE > VCC – 0.3V,
VIN > VCC – 0.3V or
VIN < 0.3V
0
20
µA
tCDR
Chip Deselect to Data
Retention Time
0
ns
tR
Operation Recovery Time
tRC
ns


Similar Part No. - CY7C1399BL-15ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399BL-15ZC CYPRESS-CY7C1399BL-15ZC Datasheet
151Kb / 10P
   32K x 8 3.3V Static RAM
More results

Similar Description - CY7C1399BL-15ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com