Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1399B-20ZC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1399B-20ZC
Description  256K(32K x 8) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1399B-20ZC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1399B-20ZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1399B-20ZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1399B-20ZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1399B-20ZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1399B-20ZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1399B-20ZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1399B-20ZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1399B-20ZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1399B-20ZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
256K(32K x 8) Static RAM
CY7C1399B
Cypress Semiconductor Corporation
• 3901 North First Street
• San Jose
, CA 95134
408-943-2600
Document #: 38-05071 Rev. *D
Revised July 11, 2005
Features
• Single 3.3V power supply
• Ideal for low-voltage cache memory applications
•High speed
— 10/12/15 ns
• Low active power
— 216 mW (max.)
• Low-power alpha immune 6T cell
• Plastic SOJ and TSOP packaging
Functional Description[1]
The CY7C1399B is a high-performance 3.3V CMOS Static
RAM organized as 32,768 words by 8 bits. Easy memory
expansion is provided by an active LOW Chip Enable (CE) and
active LOW Output Enable (OE) and three-state drivers. The
device has an automatic power-down feature, reducing the
power consumption by more than 95% when deselected.
An active LOW Write Enable signal (WE) controls the
writing/reading operation of the memory. When CE and WE
inputs are both LOW, data on the eight data input/output pins
(I/O0 through I/O7) is written into the memory location
addressed by the address present on the address pins (A0
through A14). Reading the device is accomplished by selecting
the device and enabling the outputs, CE and OE active LOW,
while WE remains inactive or HIGH. Under these conditions,
the contents of the location addressed by the information on
address pins is present on the eight data input/output pins.
The input/output pins remain in a high-impedance state unless
the chip is selected, outputs are enabled, and Write Enable
(WE) is HIGH. The CY7C1399B is available in 28-pin standard
300-mil-wide SOJ and TSOP Type I packages.
Note:
1. For guidelines on SRAM system design, please refer to the ‘System Design Guidelines’ Cypress application note, available on the internet at www.cypress.com.
Logic Block Diagram
Pin Configurations
1
2
3
4
5
6
7
8
9
10
11
14
15
16
20
19
18
17
21
24
23
22
Top View
SOJ
12
13
25
28
27
26
GND
A6
A7
A8
A9
A10
A11
A12
A13
WE
VCC
A4
A3
A2
A1
I/O7
I/O6
I/O5
I/O4
A14
A5
I/O 0
I/O1
I/O2
CE
OE
A0
I/O3
A1
A2
A3
A4
A5
A6
A7
A8
COLUMN
DECODER
INPUT BUFFER
POWER
DOWN
WE
OE
I/O0
CE
I/O1
I/O2
I/O3
32K x 8
ARRAY
I/O7
I/O6
I/O5
I/O4
A9
A0
Selection Guide
1399B-10
1399B-12
1399B-15
1399B-20
Unit
Maximum Access Time
10
12
15
20
ns
Maximum Operating Current
60
55
50
45
mA
Maximum CMOS Standby Current
500
500
500
500
µA
L50
50
50
50
µA


Similar Part No. - CY7C1399B-20ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B-20ZC CYPRESS-CY7C1399B-20ZC Datasheet
151Kb / 10P
   32K x 8 3.3V Static RAM
More results

Similar Description - CY7C1399B-20ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com