Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1399DL-15ZXC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1399DL-15ZXC
Description  256K (32K x 8) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1399DL-15ZXC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1399DL-15ZXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1399DL-15ZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1399DL-15ZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1399DL-15ZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1399DL-15ZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1399DL-15ZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1399DL-15ZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1399DL-15ZXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1399DL-15ZXC Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PRELIMINARY
CY7C1399D
Document #: 38-05467 Rev. *C
Page 6 of 10
Data Retention Characteristics (Over the Operating Range)
Parameter
Description
Conditions
Min.
Max.
Unit
VDR
VCC for Data Retention
2.0
V
ICCDR
Data Retention Current
Non-L, Com’l / Ind’l
VCC = VDR = 2.0V,
CE > VCC – 0.3V,
VIN > VCC – 0.3V or
VIN < 0.3V
3mA
L-Version Only
1.2
mA
tCDR
[5]
Chip Deselect to Data Retention Time
0
ns
tR
[12]
Operation Recovery Time
tRC
ns
Data Retention Waveform
Switching Waveforms
Read Cycle No. 1[13, 14]
Read Cycle No. 2[14, 15]
Notes:
12. Full device operation requires linear VCC ramp from VDR to VCC(min.) > 50 µs or stable at VCC(min.) > 50 µs.
13. Device is continuously selected. OE, CE = VIL.
14. WE is HIGH for read cycle.
15. Address valid prior to or coincident with CE transition LOW.
3.0V
3.0V
tCDR
VDR > 2V
DATA RETENTION MODE
tR
CE
VCC
ADDRESS
DATA OUT
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
50%
50%
DATA VALID
tRC
tACE
tDOE
tLZOE
tLZCE
tPU
DATA OUT
HIGH IMPEDANCE
IMPEDANCE
ICC
ISB
tHZOE
tHZCE
tPD
OE
CE
HIGH
VCC
SUPPLY
CURRENT


Similar Part No. - CY7C1399DL-15ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399 CYPRESS-CY7C1399 Datasheet
234Kb / 8P
   32K x 8 3.3V Static RAM
CY7C1399-12VC CYPRESS-CY7C1399-12VC Datasheet
234Kb / 8P
   32K x 8 3.3V Static RAM
CY7C1399-12VI CYPRESS-CY7C1399-12VI Datasheet
234Kb / 8P
   32K x 8 3.3V Static RAM
CY7C1399-12ZC CYPRESS-CY7C1399-12ZC Datasheet
234Kb / 8P
   32K x 8 3.3V Static RAM
CY7C1399-12ZI CYPRESS-CY7C1399-12ZI Datasheet
234Kb / 8P
   32K x 8 3.3V Static RAM
More results

Similar Description - CY7C1399DL-15ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com