Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1441AV25-100BZXI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1441AV25-100BZXI
Description  36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1441AV25-100BZXI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1441AV25-100BZXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1441AV25-100BZXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1441AV25-100BZXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1441AV25-100BZXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1441AV25-100BZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1441AV25-100BZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1441AV25-100BZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1441AV25-100BZXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1441AV25-100BZXI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
CY7C1441AV25
CY7C1443AV25
CY7C1447AV25
Document #: 38-05349 Rev. *F
Page 6 of 31
Pin Configurations (continued)
209-ball FBGA (14 x 22 x 1.76 mm) Pinout
CY7C1447AV25 (512K × 72)
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
123456789
11
10
DQG
DQG
DQG
DQG
DQG
DQG
DQG
DQG
DQC
DQC
DQC
DQC
NC
DQPG
DQH
DQH
DQH
DQH
DQD
DQD
DQD
DQD
DQPD
DQPC
DQC
DQC
DQC
DQC
NC
DQH
DQH
DQH
DQH
DQPH
DQD
DQD
DQD
DQD
DQB
DQB
DQB
DQB
DQB
DQB
DQB
DQB
DQF
DQF
DQF
DQF
NC
DQPF
DQA
DQA
DQA
DQA
DQE
DQE
DQE
DQE
DQPA
DQPB
DQF
DQF
DQF
DQF
NC
DQA
DQA
DQA
DQA
DQPE
DQE
DQE
DQE
DQE
A
ADSP
ADV
A
NC
NC
NC/72M
AA
A
A
AA
AA
A
A1
A0
A
AA
AA
A
NC/144M
NC/288M
NC/576M
GW
NC
NC
BWSB
BWSF
BWSE
BWSA
BWSC
BWSG
BWSD
BWSH
TMS
TDI
TDO
TCK
NC
NC
MODE
NC
VSS
VSS
NC
CLK
NC
VSS
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC/1G
VDD
NC
OE
CE3
CE1
CE2
ADSC
BW
VSS
VSS
VSS
VSS
VSS
VSS
VSS
ZZ
VSS
VSS
VSS
VSS
NC
VDDQ
VSS
VSS
NC
VSS
VSS
VSS
VSS
VSS
VSS
NC
VSS
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ


Similar Part No. - CY7C1441AV25-100BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441AV25-100BZXI CYPRESS-CY7C1441AV25-100BZXI Datasheet
572Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
More results

Similar Description - CY7C1441AV25-100BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441AV33 CYPRESS-CY7C1441AV33 Datasheet
572Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1461AV25 CYPRESS-CY7C1461AV25 Datasheet
459Kb / 29P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1481V25 CYPRESS-CY7C1481V25 Datasheet
1Mb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
CY7C1481V33 CYPRESS-CY7C1481V33_07 Datasheet
1Mb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1440AV33 CYPRESS-CY7C1440AV33_06 Datasheet
581Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1381D CYPRESS-CY7C1381D_07 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381DV25 CYPRESS-CY7C1381DV25 Datasheet
1Mb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1440AV33 CYPRESS-CY7C1440AV33 Datasheet
392Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com