Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C4205V-15AC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C4205V-15AC
Description  64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4205V-15AC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C4205V-15AC Datasheet HTML 4Page - Cypress Semiconductor CY7C4205V-15AC Datasheet HTML 5Page - Cypress Semiconductor CY7C4205V-15AC Datasheet HTML 6Page - Cypress Semiconductor CY7C4205V-15AC Datasheet HTML 7Page - Cypress Semiconductor CY7C4205V-15AC Datasheet HTML 8Page - Cypress Semiconductor CY7C4205V-15AC Datasheet HTML 9Page - Cypress Semiconductor CY7C4205V-15AC Datasheet HTML 10Page - Cypress Semiconductor CY7C4205V-15AC Datasheet HTML 11Page - Cypress Semiconductor CY7C4205V-15AC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
CY7C4225V/4205V/4215V
CY7C4425V/4235V/4245V
Document #: 38-06029 Rev. *C
Page 8 of 20
Maximum Ratings[4]
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature
....................................−65
°C to +150°C
Ambient Temperature with
Power Applied
.................................................−55
°C to +125°C
Supply Voltage to Ground Potential
.................−0.5V to +5.0V
DC Voltage Applied to Outputs
in High-Z State
............................................. −0.5V to VCC+0.5V
DC Input Voltage
.................................................... −0.5V to +5V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage ........................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-up Current...................................................... >200 mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0
°C to +70°C
3.3V ± 300 mV
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
7C42X5V-15
7C42X5V-25
7C42X5V-35
Unit
Min.
Max.
Min.
Max.
Min.
Max.
VOH
Output HIGH Voltage
VCC = Min.,
IOH = −2.0 mA
2.4
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min.,
IOL = 8.0 mA
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
Low = 2.0V
High = VCC +0.5V
2.0
5.0
2.0
5.0
2.0
5.0
V
VIL[5]
Input LOW Voltage
Low =
−3.0V
High = 0.8 V
−0.5
0.8
−0.5
0.8
−0.5
0.8
V
IIX
Input Leakage Current
VCC = Max.
−10
10
−10
10
−10
10
µA
IOZL
IOZH
Output OFF,
High Z Current
OE > VIH,
VSS < VO < VCC
−10
+10
−10
+10
−10
+10
µA
ICC[6]
Operating Current
VCC = Max.,
IOUT = 0 mA
Com’l
30
30
30
mA
ISB[7]
Standby Current
VCC = Max.,
IOUT = 0 mA
Com’l
6
6
6
mA
Capacitance[8]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
5pF
COUT
Output Capacitance
7
pF
Notes:
4. The Voltage on any input or I/O pin cannot exceed the power pin during power-up
5. The VIH and VIL specifications apply for all inputs except WXI, RXI. The WXI, RXI pin is not a TTL input. It is connected to either RXO, WXO of the previous
device or VSS.
6. Input signals switch from 0V to 3V with a rise/fall time less than 3 ns, clocks and clock enables switch at 20 MHz, while the data inputs switch at 10 MHz. Outputs
are unloaded.
7. All inputs = VCC − 0.2V, except WCLK and RCLK, which are switching at 20 MHz.
8. Tested initially and after any design or process changes that may affect these parameters


Similar Part No. - CY7C4205V-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4205 CYPRESS-CY7C4205 Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
CY7C4205-10AC CYPRESS-CY7C4205-10AC Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4205-10AI CYPRESS-CY7C4205-10AI Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4205-10ASC CYPRESS-CY7C4205-10ASC Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
More results

Similar Description - CY7C4205V-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com