Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C4205V-15AC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C4205V-15AC
Description  64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4205V-15AC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C4205V-15AC Datasheet HTML 5Page - Cypress Semiconductor CY7C4205V-15AC Datasheet HTML 6Page - Cypress Semiconductor CY7C4205V-15AC Datasheet HTML 7Page - Cypress Semiconductor CY7C4205V-15AC Datasheet HTML 8Page - Cypress Semiconductor CY7C4205V-15AC Datasheet HTML 9Page - Cypress Semiconductor CY7C4205V-15AC Datasheet HTML 10Page - Cypress Semiconductor CY7C4205V-15AC Datasheet HTML 11Page - Cypress Semiconductor CY7C4205V-15AC Datasheet HTML 12Page - Cypress Semiconductor CY7C4205V-15AC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
CY7C4225V/4205V/4215V
CY7C4425V/4235V/4245V
Document #: 38-06029 Rev. *C
Page 9 of 20
AC Test Loads and Waveforms[9, 10]
3.0V
3.3V
OUTPUT
R1 = 330
R2 = 510
CL
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
≤ 3 ns
OUTPUT
Vth = 2.0V
Equivalent to:
THÉVENIN EQUIVALENT
Rth = 200
ALL INPUT PULSES
≤ 3 ns
Switching Characteristics Over the Operating Range
Parameter
Description
7C42X5V-15
7C42X5V-25
7C42X5V-35
Unit
Min.
Max.
Min.
Max.
Min.
Max.
tS
Clock Cycle Frequency
66.7
40
28.6
MHz
tA
Data Access Time
2
11
2
15
2
20
ns
tCLK
Clock Cycle Time
15
25
35
ns
tCLKH
Clock HIGH Time
6
10
14
ns
tCLKL
Clock LOW Time.
6
10
14
ns
tDS
Data Set-up Time
4
6
7
ns
tDH
Data Hold Time
1
2
2
ns
tENS
Enable Set-up Time
4
6
7
ns
tENH
Enable Hold Time
1
2
2
ns
tRS
Reset Pulse Width[11]
15
25
35
ns
tRSR
Reset Recovery Time
10
15
20
ns
tRSF
Reset to Flag and Output Time
18
25
35
ns
tPRT
Retransmit Pulse Width
15
25
35
ns
tRTR
Retransmit Recovery Time
15
25
35
ns
tOLZ
Output Enable to Output in Low Z[12]
0
0
0
ns
tOE
Output Enable to Output Valid
3
8
3
12
3
15
ns
tOHZ
Output Enable to Output in High Z[12]
3
8
3
12
3
15
ns
tWFF
Write Clock to Full Flag
11
15
20
ns
tREF
Read Clock to Empty Flag
11
15
20
ns
tPAFasynch
Clock to Programmable Almost-Full Flag[13]
(Asynchronous mode, VCC/SMODE tied to VCC)
18
22
25
ns
tPAFsynch
Clock to Programmable Almost-Full Flag
(Synchronous mode, VCC/SMODE tied to VSS)
11
15
20
ns
tPAEasynch
Clock to Programmable Almost-Empty Flag[13]
(Asynchronous mode, VCC/SMODE tied to VCC)
18
22
25
ns
tPAEsynch
Clock to Programmable Almost-Full Flag
(Synchronous mode, VCC/SMODE tied to VSS)
11
15
20
ns
tHF
Clock to Half-Full Flag
16
20
25
ns
Notes:
9. CL = 30 pF for all AC parameters except for tOHZ.
10. CL = 5 pF for tOHZ.
11. Pulse widths less than minimum values are not allowed.
12. Values guaranteed by design, not currently tested.
13. tPAFasynch, tPAEasynch, after program register write will not be valid until 5 ns + tPAF(E).


Similar Part No. - CY7C4205V-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4205 CYPRESS-CY7C4205 Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
CY7C4205-10AC CYPRESS-CY7C4205-10AC Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4205-10AI CYPRESS-CY7C4205-10AI Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4205-10ASC CYPRESS-CY7C4205-10ASC Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
More results

Similar Description - CY7C4205V-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com