Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C4271V Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C4271V
Description  16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4271V Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C4271V Datasheet HTML 1Page - Cypress Semiconductor CY7C4271V Datasheet HTML 2Page - Cypress Semiconductor CY7C4271V Datasheet HTML 3Page - Cypress Semiconductor CY7C4271V Datasheet HTML 4Page - Cypress Semiconductor CY7C4271V Datasheet HTML 5Page - Cypress Semiconductor CY7C4271V Datasheet HTML 6Page - Cypress Semiconductor CY7C4271V Datasheet HTML 7Page - Cypress Semiconductor CY7C4271V Datasheet HTML 8Page - Cypress Semiconductor CY7C4271V Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CY7C4261V/CY7C4271V
CY7C4281V/CY7C4291V
Document #: 38-06013 Rev. *B
Page 5 of 16
Width-Expansion Configuration
Word width may be increased simply by connecting the corre-
sponding input controls signals of multiple devices. A
composite flag should be created for each of the end-point
status flags (EF and FF). The partial status flags (PAE and
PAF) can be detected from any one device. Figure 2 demon-
strates a 18-bit word width by using two CY7C42x1Vs. Any
word width can be attained by adding additional CY7C42x1Vs.
When the CY7C42x1V is in a Width-Expansion Configuration,
the Read Enable (REN2) control input can be grounded (see
Figure 2). In this configuration, the Write Enable 2/Load
(WEN2/LD) pin is set to LOW at Reset so that the pin operates
as a control to load and read the programmable flag offsets.
Flag Operation
The CY7C4261/71/81/91V devices provide five flag pins to
indicate the condition of the FIFO contents. Empty, Full, PAE,
and PAF are synchronous.
Full Flag
The Full Flag (FF) will go LOW when the device is full. Write
operations are inhibited whenever FF is LOW regardless of the
state of WEN1 and WEN2/LD. FF is synchronized to WCLK,
i.e., it is exclusively updated by each rising edge of WCLK.
Empty Flag
The Empty Flag (EF) will go LOW when the device is empty.
Read operations are inhibited whenever EF is LOW,
regardless of the state of REN1 and REN2. EF is synchronized
to RCLK, i.e., it is exclusively updated by each rising edge of
RCLK.
Notes:
2. n = Empty Offset (n = 7 default value).
3. m = Full Offset (m = 7 default value).
Table 2. Status Flags
Number of Words in FIFO
FF PAF PAE EF
CY7C4261V
CY7C4271V
CY7C4281V
CY7C4291V
00
0
0
H
H
L
L
1 to n[2]
1 to n[2]
1 to n[2]
1 to n[2]
HH
L
H
(n + 1) to (1638
− (m + 1)) (n + 1) to (32768 − (m + 1)) (n + 1) to (65536 − (m + 1)) (n + 1) to (131072 −
(m + 1))
HH
H
H
(16384
− m)[3] to 16383 (32768 − m)[3] to 32767
(65536
− m)[3] to 65535
(131072
− m)[3] to 131071 H
L
H
H
16384
32768
65536
131072
L
L
H
H
Figure 2. Block Diagram of 16k/32k/64k/128k x 9 Low-Voltage Deep Sync FIFO Memory
Used in a Width-Expansion Configuration
FF
FF
EF
EF
WRITECLOCK (WCLK)
WRITE ENABLE 1(WEN1)
WRITE ENABLE 2/LOAD
(WEN2/LD)
PROGRAMMABLE(PAF)
FULL FLAG (FF)# 1
CY7C4261V
9
18
DATAIN (D)
RESET (RS)
9
RESET(RS)
READ CLOCK (RCLK)
READ ENABLE 1 (REN1)
OUTPUT ENABLE (OE)
PROGRAMMABLE(PAE)
EMPTY FLAG (EF) #1
9
DATA OUT (Q)
918
Read Enable 2 (REN2)
EMPTY FLAG (EF) #2
FULL FLAG (FF)# 2
Read Enable 2 (REN2)
CY7C4271V
CY7C4281V
CY7C4291V
CY7C4261V
CY7C4271V
CY7C4281V
CY7C4291V


Similar Part No. - CY7C4271V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4271V CYPRESS-CY7C4271V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4271V CYPRESS-CY7C4271V Datasheet
727Kb / 22P
   16 K / 32 K / 64 K / 128 K x 9 Low-Voltage Deep Sync FIFOs
CY7C4271V-10JC CYPRESS-CY7C4271V-10JC Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4271V-10JXC CYPRESS-CY7C4271V-10JXC Datasheet
727Kb / 22P
   16 K / 32 K / 64 K / 128 K x 9 Low-Voltage Deep Sync FIFOs
CY7C4271V-15JC CYPRESS-CY7C4271V-15JC Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
More results

Similar Description - CY7C4271V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261 CYPRESS-CY7C4261 Datasheet
278Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261 CYPRESS-CY7C4261_05 Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4291 CYPRESS-CY7C4291 Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4281 CYPRESS-CY7C4281_05 Datasheet
430Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4282V CYPRESS-CY7C4282V_03 Datasheet
219Kb / 15P
   64K/128K x 9 Low-Voltage Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4292 CYPRESS-CY7C4292 Datasheet
207Kb / 16P
   64K/128K x 9 Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4255V CYPRESS-CY7C4255V_02 Datasheet
289Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
CY7C4255V CYPRESS-CY7C4255V Datasheet
283Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_09 Datasheet
655Kb / 23P
   8K/16K x 18 Deep Sync FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com