Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C4282V Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C4282V
Description  64K/128K x 9 Low-Voltage Deep Sync FIFOs with Retransmit and Depth Expansion
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4282V Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C4282V_03 Datasheet HTML 2Page - Cypress Semiconductor CY7C4282V_03 Datasheet HTML 3Page - Cypress Semiconductor CY7C4282V_03 Datasheet HTML 4Page - Cypress Semiconductor CY7C4282V_03 Datasheet HTML 5Page - Cypress Semiconductor CY7C4282V_03 Datasheet HTML 6Page - Cypress Semiconductor CY7C4282V_03 Datasheet HTML 7Page - Cypress Semiconductor CY7C4282V_03 Datasheet HTML 8Page - Cypress Semiconductor CY7C4282V_03 Datasheet HTML 9Page - Cypress Semiconductor CY7C4282V_03 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CY7C4282V
CY7C4292V
Document #: 38-06014 Rev. *B
Page 6 of 15
Depth Expansion Configuration
The CY7C4282V/92V can easily be adapted to applications
requiring more than 64K/128K words of buffering. Figure 3
shows Depth Expansion using three CY7C4282V/92Vs.
Maximum depth is limited only by signal loading. Follow these
steps:
1. The first device must be designated by grounding the First
Load (FL) control input.
2. All other devices must have FL in the HIGH state.
3. The Expansion Out (XO) pin of each device must be tied to
the Expansion In (XI) pin of the next device.
4. EF and FF composite flags are created by ORing together
each individual respective flag.
Figure 3. Block Diagram of 64Kx9/128Kx9 Low-Voltage Deep Sync FIFO Memory
with Programmable Flags used in Depth Expansion Configuration
WRITECLOCK (WCLK)
WRITEENABLE (WEN)
RESET (RS)
FF
FF
EF
EF
XI
FIRST LOAD (FL)
READ CLOCK (RCLK)
READ ENABLE (REN)
OUTPUTENABLE (OE)
XO
FF
EF
XI
XO
VCC
FL
FF
EF
XI
XO
7C4282V
7C4292V
VCC
FL
DATA IN (D)
DATA OUT (Q)
WCLK
WEN
RS
RCLK
REN
OE
DQ
7C4282V
7C4292V
WCLK
WEN
RS
RCLK
REN
OE
DQ
WCLK
WEN
RS
D
RCLK
REN
OE
Q
FL
7C4282V
7C4292V


Similar Part No. - CY7C4282V_03

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4282V-10ASC CYPRESS-CY7C4282V-10ASC Datasheet
240Kb / 15P
   64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion
CY7C4282V-15ASC CYPRESS-CY7C4282V-15ASC Datasheet
240Kb / 15P
   64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion
CY7C4282V-15ASI CYPRESS-CY7C4282V-15ASI Datasheet
240Kb / 15P
   64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion
CY7C4282V-25ASC CYPRESS-CY7C4282V-25ASC Datasheet
240Kb / 15P
   64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion
More results

Similar Description - CY7C4282V_03

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4292 CYPRESS-CY7C4292 Datasheet
207Kb / 16P
   64K/128K x 9 Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4282V CYPRESS-CY7C4282V Datasheet
240Kb / 15P
   64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion
CY7C4291 CYPRESS-CY7C4291 Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4281 CYPRESS-CY7C4281_05 Datasheet
430Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V_05 Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
CY7C4261 CYPRESS-CY7C4261 Datasheet
278Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261 CYPRESS-CY7C4261_05 Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4255V CYPRESS-CY7C4255V_02 Datasheet
289Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
CY7C4255V CYPRESS-CY7C4255V Datasheet
283Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com