Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C6435X Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C6435X
Description  enCoRe??V Full-Speed USB Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C6435X Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C6435X Datasheet HTML 4Page - Cypress Semiconductor CY7C6435X Datasheet HTML 5Page - Cypress Semiconductor CY7C6435X Datasheet HTML 6Page - Cypress Semiconductor CY7C6435X Datasheet HTML 7Page - Cypress Semiconductor CY7C6435X Datasheet HTML 8Page - Cypress Semiconductor CY7C6435X Datasheet HTML 9Page - Cypress Semiconductor CY7C6435X Datasheet HTML 10Page - Cypress Semiconductor CY7C6435X Datasheet HTML 11Page - Cypress Semiconductor CY7C6435X Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
PRELIMINARY
CY7C6435x
CY7C64345, CY7C6431x
Document Number: 001-12394 Rev. *D
Page 8 of 26
22
IO
P2[4]
Digital IO
23
IO
P2[6]
Digital IO
24
IOH
P0[0]
Digital IO
25
IOH
P0[2]
Digital IO
26
IOH
P0[4]
Digital IO
27
IOH
P0[6]
Digital IO
28
Power
Vdd
Supply voltage
29
IOH
P0[7]
Digital IO
30
IOH
P0[5]
Digital IO
31
IOH
P0[3]
Digital IO
32
Power
Vss
Ground
CP
Power
Vss
Ensure the center pad is connected to ground
LEDGEND I = Input, O = Outpit, OH = 5 mA High Output Drive, R = Regulated Output.
Table 2. 32-Pin Part Pinout (QFN) (continued)
Pin No.
Type
Name
Description
[+] Feedback


Similar Part No. - CY7C6435X

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C6435X CYPRESS-CY7C6435X Datasheet
806Kb / 29P
   enCoRe??V Full-Speed USB Controller
CY7C6435x CYPRESS-CY7C6435x Datasheet
711Kb / 28P
   enCoRe V Full Speed USB Controller
CY7C6435X CYPRESS-CY7C6435X Datasheet
928Kb / 32P
   enCoRe V Full Speed USB Controller
CY7C6435X CYPRESS-CY7C6435X Datasheet
1Mb / 37P
   enCoRe V Full Speed USB Controller
CY7C6435x CYPRESS-CY7C6435x Datasheet
1Mb / 40P
   enCoRe??V Full Speed USB Controller
More results

Similar Description - CY7C6435X

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C6431X CYPRESS-CY7C6431X_11 Datasheet
1Mb / 37P
   enCoRe V Full Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X_13 Datasheet
1Mb / 40P
   enCoRe??V Full Speed USB Controller
CY7C6431X_09 CYPRESS-CY7C6431X_09_09 Datasheet
928Kb / 32P
   enCoRe V Full Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X Datasheet
806Kb / 29P
   enCoRe??V Full-Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X_09 Datasheet
711Kb / 28P
   enCoRe V Full Speed USB Controller
CY7C64215 CYPRESS-CY7C64215 Datasheet
637Kb / 26P
   enCoRe??III Full Speed USB Controller
CY7C64215 CYPRESS-CY7C64215_08 Datasheet
953Kb / 30P
   enCoRe??III Full Speed USB Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com