Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C09159AV-9AXC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C09159AV-9AXC
Description  3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09159AV-9AXC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C09159AV-9AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C09159AV-9AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C09159AV-9AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C09159AV-9AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C09159AV-9AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C09159AV-9AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C09159AV-9AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C09159AV-9AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C09159AV-9AXC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CY7C09159AV
CY7C09169AV
Document #: 38-06053 Rev. *B
Page 6 of 16
Switching Characteristics Over the Operating Range
Parameter
Description
CY7C09159AV
Unit
-9
-12
Min.
Max.
Min.
Max.
fMAX1
fMax Flow-Through
40
33
MHz
fMAX2
fMax Pipelined
67
50
MHz
tCYC1
Clock Cycle Time - Flow-Through
25
30
ns
tCYC2
Clock Cycle Time - Pipelined
15
20
ns
tCH1
Clock HIGH Time - Flow-Through
12
12
ns
tCL1
Clock LOW Time - Flow-Through
12
12
ns
tCH2
Clock HIGH Time - Pipelined
6
8
ns
tCL2
Clock LOW Time - Pipelined
6
8
ns
tR
Clock Rise Time
3
3
ns
tF
Clock Fall Time
3
3
ns
tSA
Address Set-up Time
4
4
ns
tHA
Address Hold Time
1
1
ns
tSC
Chip Enable Set-up Time
4
4
ns
tHC
Chip Enable Hold Time
1
1
ns
tSW
R/W Set-up Time
4
4
ns
tHW
R/W Hold Time
1
1
ns
tSD
Input Data Set-up Time
4
4
ns
tHD
Input Data Hold Time
1
1
ns
tSAD
ADS Set-up Time
4
4
ns
tHAD
ADS Hold Time
1
1
ns
tSCN
CNTEN Set-up Time
4
4
ns
tHCN
CNTEN Hold Time
1
1
ns
tSRST
CNTRST Set-up Time
4
4
ns
tHRST
CNTRST Hold Time
1
1
ns
tOE
Output Enable to Data Valid
10
12
ns
tOLZ
OE to Low Z
2
2
ns
tOHZ
OE to High Z
1
7
1
7
ns
tCD1
Clock to Data Valid - Flow-Through
20
25
ns
tCD2
Clock to Data Valid - Pipelined
9
12
ns
tDC
Data Output Hold After Clock HIGH
2
2
ns
tCKHZ
Clock HIGH to Output High Z
2
9
2
9
ns
tCKLZ
Clock HIGH to Output Low Z
2
2
ns
Port to Port Delays
tCWDD
Write Port Clock High to Read Data Delay
40
40
ns
tCCS
Clock to Clock Set-up Time
15
15
ns


Similar Part No. - CY7C09159AV-9AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09159AV-9AXC CYPRESS-CY7C09159AV-9AXC Datasheet
434Kb / 19P
   3.3-V 8 K 횞 9 Synchronous Dual Port Static RAM
More results

Similar Description - CY7C09159AV-9AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09159AV CYPRESS-CY7C09159AV Datasheet
320Kb / 17P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C09159A CYPRESS-CY7C09159A Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159 CYPRESS-CY7C09159 Datasheet
452Kb / 15P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C144AV CYPRESS-CY7C144AV Datasheet
592Kb / 21P
   3.3V 8K/16K x 8 Dual-Port Static RAM
CY7C138AV CYPRESS-CY7C138AV Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024V CYPRESS-CY7C024V Datasheet
248Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_05 Datasheet
247Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C09349AV CYPRESS-CY7C09349AV Datasheet
321Kb / 16P
   3.3V 4K/8K x 18 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com