Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C4205V Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C4205V
Description  64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4205V Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C4205V Datasheet HTML 1Page - Cypress Semiconductor CY7C4205V Datasheet HTML 2Page - Cypress Semiconductor CY7C4205V Datasheet HTML 3Page - Cypress Semiconductor CY7C4205V Datasheet HTML 4Page - Cypress Semiconductor CY7C4205V Datasheet HTML 5Page - Cypress Semiconductor CY7C4205V Datasheet HTML 6Page - Cypress Semiconductor CY7C4205V Datasheet HTML 7Page - Cypress Semiconductor CY7C4205V Datasheet HTML 8Page - Cypress Semiconductor CY7C4205V Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
CY7C4225V/4205V/4215V
CY7C4425V/4235V/4245V
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-06029 Rev. *C
Revised September 7, 2005
Features
• 3.3V operation for low power consumption and easy
integration into low-voltage systems
• High-speed, low-power, first-in first-out (FIFO)
memories
• 64 x 18 (CY7C4425V)
• 256 x 18 (CY7C4205V)
• 512 x 18 (CY7C4215V)
• 1K x 18 (CY7C4225V)
• 2K x 18 (CY7C4235V)
• 4K x 18 (CY7C4245V)
•0.65µ CMOS
• High-speed 67-MHz operation (15-ns read/write cycle
times)
•Low power
—ICC = 30 mA
• 5V tolerant inputs (VIH MAX = 5V)
• Fully asynchronous and simultaneous read and write
operation
• Empty, Full, Half Full, and programmable Almost Empty
and Almost Full status flags
• TTL-compatible
• Retransmit function
• Output Enable (OE) pin
• Independent read and write enable pins
• Supports free-running 50% duty cycle clock inputs
• Width-Expansion Capability
• Depth-Expansion Capability
• 64-pin 14 × 14 TQFP and 64-pin 10 × 10 STQFP
• Pb-Free packages available
Functional Description
The CY7C42X5V are high-speed, low-power, first-in first-out
(FIFO) memories with clocked read and write interfaces. All
are 18 bits wide. The CY7C42X5V can be cascaded to
increase FIFO depth. Programmable features include Almost
Full/Almost Empty flags. These FIFOs provide solutions for a
wide variety of data buffering needs, including high-speed data
acquisition, multiprocessor interfaces, and communications
buffering.
These FIFOs have 18-bit input and output ports that are
controlled by separate clock and enable signals. The input port
is controlled by a Free-Running Clock (WCLK) and a Write
Enable pin (WEN).
When WEN is asserted, data is written into the FIFO on the
rising edge of the WCLK signal. While WEN is held active, data
is continually written into the FIFO on each cycle. The output
port is controlled in a similar manner by a Free-Running Read
Clock (RCLK) and a Read Enable pin (REN). In addition, the
CY7C42X5V have an Output Enable pin (OE). The read and
write clocks may be tied together for single-clock operation or
the two clocks may be run independently for asynchronous
read/write applications. Clock frequencies up to 66 MHz are
achievable.
Retransmit and Synchronous Almost Full/Almost Empty flag
features are available on these devices.
Depth expansion is possible using the Cascade Input (WXI,
RXI), Cascade Output (WXO, RXO), and First Load (FL) pins.
The WXO and RXO pins are connected to the WXI and RXI
pins of the next device, and the WXO and RXO pins of the last
device should be connected to the WXI and RXI pins of the
first device. The FL pin of the first device is tied to VSS and the
FL pin of all the remaining devices should be tied to VCC.
The CY7C42X5V provides five status pins. These pins are
decoded to determine one of five states: Empty, Almost Empty,
Half Full, Almost Full, and Full (see Table 2). The Half Full flag
shares the WXO pin. This flag is valid in the stand-alone and
width-expansion configurations. In the depth expansion, this
pin provides the expansion out (WXO) information that is used
to signal the next FIFO when it will be activated.
The Empty and Full flags are synchronous, i.e., they change
state relative to either the Read Clock (RCLK) or the write
clock (WCLK). When entering or exiting the Empty states, the
flag is updated exclusively by the RCLK. The flag denoting Full
states is updated exclusively by WCLK. The synchronous flag
architecture guarantees that the flags will remain valid from
one clock cycle to the next. As mentioned previously, the
Almost Empty/Almost Full flags become synchronous if the
VCC/SMODE is tied to VSS. All configurations are fabricated
using an advanced 0.65
µ P-Well CMOS technology. Input
ESD protection is greater than 2001V, and latch-up is
prevented by the use of guard rings.
CY7C4425V /4205V/4215V CY7C4225V /4235V/4245V64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs


Similar Part No. - CY7C4205V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4205 CYPRESS-CY7C4205 Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
CY7C4205-10AC CYPRESS-CY7C4205-10AC Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4205-10AI CYPRESS-CY7C4205-10AI Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4205-10ASC CYPRESS-CY7C4205-10ASC Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
More results

Similar Description - CY7C4205V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com