Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C4425V Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C4425V
Description  64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4425V Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C4425V Datasheet HTML 2Page - Cypress Semiconductor CY7C4425V Datasheet HTML 3Page - Cypress Semiconductor CY7C4425V Datasheet HTML 4Page - Cypress Semiconductor CY7C4425V Datasheet HTML 5Page - Cypress Semiconductor CY7C4425V Datasheet HTML 6Page - Cypress Semiconductor CY7C4425V Datasheet HTML 7Page - Cypress Semiconductor CY7C4425V Datasheet HTML 8Page - Cypress Semiconductor CY7C4425V Datasheet HTML 9Page - Cypress Semiconductor CY7C4425V Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
CY7C4225V/4205V/4215V
CY7C4425V/4235V/4245V
Document #: 38-06029 Rev. *C
Page 6 of 20
Width Expansion Configuration
The CY7C42X5V can be expanded in width to provide word
widths greater than 18 in increments of 18. During width
expansion mode all control line inputs are common and all
flags are available. Empty (Full) flags should be created by
ANDing the Empty (Full) flags of every FIFO. This technique
will avoid ready data from the FIFO that is “staggered” by one
clock cycle due to the variations in skew between RCLK and
WCLK. Figure 2 demonstrates a 36-word width by using two
CY7C42X5V.
Depth Expansion Configuration (with Program-
mable Flags)
The CY7C42X5V can easily be adapted to applications
requiring more than 64/256/512/1024/2048/4096 words of
buffering. Figure 2 shows Depth Expansion using three
CY7C42X5Vs. Maximum depth is limited only by signal
loading. Follow these steps:
1. The first device must be designated by grounding the First
Load (FL) control input.
2. All other devices must have FL in the HIGH state.
3. The Write Expansion Out (WXO) pin of each device must
be tied to the Write Expansion In (WXI) pin of the next
device.
4. The Read Expansion Out (RXO) pin of each device must
be tied to the Read Expansion In (RXI) pin of the next
device.
5. All Load (LD) pins are tied together.
6. The Half-Full Flag (HF) is not available in the Depth
Expansion Configuration.
7. EF, FF, PAE, and PAF are created with composite flags by
ORing together these respective flags for monitoring. The
composite PAE and PAF flags are not precise.
Figure 1. Block Diagram of Low-Voltage Synchronous FIFO Memories Used in a Width Expansion Configuration
FF
FF
EF
EF
WRITE CLOCK (WCLK)
WRITE ENABLE (WEN)
LOAD (LD)
PROGRAMMABLE(PAE)
HALF FULL FLAG (HF)
FULL FLAG (FF)
7C4425V
7C4205V
7C4215V
7C4225V
7C4235V
7C4245V
7C4425V
7C4205V
7C4215V
7C4225V
7C4235V
7C4245V
18
36
DATAIN (D)
RESET(RS)
18
RESET (RS)
READ CLOCK (RCLK)
READ ENABLE (REN)
OUTPUT ENABLE(OE)
PROGRAMMABLE(PAF)
EMPTYFLAG (EF)
18
DATA OUT (Q)
18
36
FIRSTLOAD (FL)
WRITE EXPANSION IN (WXI)
READ EXPANSION IN (RXI)


Similar Part No. - CY7C4425V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4425 CYPRESS-CY7C4425 Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4425-10AC CYPRESS-CY7C4425-10AC Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4425-10AI CYPRESS-CY7C4425-10AI Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4425-10ASC CYPRESS-CY7C4425-10ASC Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4425-10ASI CYPRESS-CY7C4425-10ASI Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
More results

Similar Description - CY7C4425V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com