Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C4221-15JXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C4221-15JXC
Description  64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4221-15JXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C4221-15JXC Datasheet HTML 5Page - Cypress Semiconductor CY7C4221-15JXC Datasheet HTML 6Page - Cypress Semiconductor CY7C4221-15JXC Datasheet HTML 7Page - Cypress Semiconductor CY7C4221-15JXC Datasheet HTML 8Page - Cypress Semiconductor CY7C4221-15JXC Datasheet HTML 9Page - Cypress Semiconductor CY7C4221-15JXC Datasheet HTML 10Page - Cypress Semiconductor CY7C4221-15JXC Datasheet HTML 11Page - Cypress Semiconductor CY7C4221-15JXC Datasheet HTML 12Page - Cypress Semiconductor CY7C4221-15JXC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
CY7C4421/4201/4211/4221
CY7C4231/4241/4251
Document #: 38-06016 Rev. *C
Page 9 of 19
Switching Waveforms
Write Cycle Timing
Read Cycle Timing
Notes:
15. tSKEW1 is the minimum time between a rising RCLK edge and a rising WCLK edge to guarantee that FF will go HIGH during the current clock cycle. If the time
between the rising edge of RCLK and the rising edge of WCLK is less than tSKEW1, then FF may not change state until the next WCLK rising edge.
16. tSKEW1 is the minimum time between a rising WCLK edge and a rising RCLK edge to guarantee that EF will go HIGH during the current clock cycle. It the time
between the rising edge of WCLK and the rising edge of RCLK is less than tSKEW1, then EF may not change state until the next RCLK rising edge.
tCLKH
tCLKL
NO OPERATION
tDS
tSKEW1
tENS
WEN1
tCLK
tDH
tWFF
tWFF
tENH
WCLK
D0 –D8
FF
REN1,REN2
RCLK
NO OPERATION
WEN2
(if applicable)
[15]
REN1,REN2
tCLKH
tCLKL
NO OPERATION
tSKEW1
WEN1
tCKL
tOHZ
tREF
tREF
RCLK
Q0 –Q8
EF
WCLK
OE
tOE
tENS
tOLZ
tA
tENH
VALID DATA
WEN2
[16]


Similar Part No. - CY7C4221-15JXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4221-15JXC CYPRESS-CY7C4221-15JXC Datasheet
622Kb / 22P
   1 K / 2 K 횞 9 Synchronous FIFOs
More results

Similar Description - CY7C4221-15JXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4225V CYPRESS-CY7C4225V Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com