Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4017 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4017
Description  High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4017 Datasheet(HTML) 4 Page - Texas Instruments

  CD74HC4017 Datasheet HTML 1Page - Texas Instruments CD74HC4017 Datasheet HTML 2Page - Texas Instruments CD74HC4017 Datasheet HTML 3Page - Texas Instruments CD74HC4017 Datasheet HTML 4Page - Texas Instruments CD74HC4017 Datasheet HTML 5Page - Texas Instruments CD74HC4017 Datasheet HTML 6Page - Texas Instruments CD74HC4017 Datasheet HTML 7Page - Texas Instruments CD74HC4017 Datasheet HTML 8Page - Texas Instruments CD74HC4017 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Prerequisite for Switching Specifications
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Maximum Clock
Frequency
fMAX
-
2
6-
-5-4-
MHz
4.5
30
-
-
35
-
20
-
MHz
6
35
-
-
49
-
23
-
MHz
CP Pulse Width
tW
-
2
80
-
-
100
-
120
-
ns
4.5
16
-
-
20
-
24
-
ns
6
14-
-17-20
-
ns
MR Pulse Width
tW
-
2
80
-
-
100
-
120
-
ns
4.5
16
-
-
20
-
24
-
ns
6
14-
-17-20
-
ns
Set-up Time,
CE to CP
tSU
-
2
75
-
-
95
-
110
-
ns
4.5
15
-
-
19
-
22
-
ns
6
13-
-16-19
-
ns
Hold Time,
CE to CP
tH
-
2
0-
-0-0-
ns
4.5
0-
-0-0-
ns
6
0
-
-
0-0-
ns
MR Removal Time
tREM
-
2
5-
-5-5-
ns
4.5
5-
-5-5-
ns
6
5
-
-
5-5-
ns
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO
85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Propagation Delay
tPLH,
tPHL
CL = 50pF
2
-
-
230
-
290
-
345
ns
CP to any Dec. Out
CL = 50pF
4.5
-
-
46
-
58
-
69
ns
CL = 15pF
5
-
19
-
-
-
-
-
ns
CL = 50pF
6
-
-
39
-
49
-
59
ns
CP to TC
tPLH,
tPHL
CL = 50pF
2
-
-
230
-
290
-
345
ns
CL = 50pF
4.5
-
-
46
-
58
-
69
ns
CL = 15pF
5
-
19
-
-
-
-
-
ns
CL = 50pF
6
-
-
39
-
49
-
59
ns
CE to any Dec. Out
tPLH,
tPHL
CL = 50pF
2
-
-
250
-
315
-
375
ns
CL = 50pF
4.5
-
-
50
-
63
-
75
ns
CL = 15pF
5
-
21
-
-
-
-
-
ns
CL = 50pF
6
-
-
43
-
54
-
64
ns
CE to TC
tPLH,
tPHL
CL = 50pF
2
-
-
250
-
315
-
375
ns
CL = 50pF
4.5
-
-
50
-
63
-
75
ns
CL = 15pF
5
-
21
-
-
-
-
-
ns
CL = 50pF
6
-
-
43
-
54
-
64
ns
CD54HC4017, CD74HC4017


Similar Part No. - CD74HC4017

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4017 TI-CD74HC4017 Datasheet
48Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD74HC4017 TI-CD74HC4017 Datasheet
347Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD74HC4017 TI-CD74HC4017 Datasheet
497Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD74HC4017-EP TI1-CD74HC4017-EP Datasheet
618Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER WITH 10 DECODED OUTPUTS
CD74HC4017-Q1 TI1-CD74HC4017-Q1 Datasheet
320Kb / 14P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER WITH 10 DECODED OUTPUTS
More results

Similar Description - CD74HC4017

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4017-EP TI1-CD74HC4017-EP Datasheet
618Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER WITH 10 DECODED OUTPUTS
CD54HC4017 TI-CD54HC4017_07 Datasheet
497Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD74HC4017-Q1 TI1-CD74HC4017-Q1 Datasheet
320Kb / 14P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER WITH 10 DECODED OUTPUTS
CD54HC4017 TI-CD54HC4017 Datasheet
347Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD74HC4017 TI-CD74HC4017 Datasheet
48Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
logo
National Semiconductor ...
MM54HC4017 NSC-MM54HC4017 Datasheet
126Kb / 6P
   Decade Counter/Divider with 10 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC Datasheet
77Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs . Divide-by-8 Counter/Divider with 8 Decoded Outputs
CD4017BC FAIRCHILD-CD4017BC_04 Datasheet
79Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
National Semiconductor ...
CD4017BM NSC-CD4017BM Datasheet
165Kb / 8P
   Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_V01 Datasheet
81Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs • Divide-by-8 Counter/Divider with 8 Decoded Outputs
Revised January 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com