Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9724B Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9724B
Description  60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9724B Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9724B Datasheet HTML 3Page - Maxim Integrated Products MAX9724B Datasheet HTML 4Page - Maxim Integrated Products MAX9724B Datasheet HTML 5Page - Maxim Integrated Products MAX9724B Datasheet HTML 6Page - Maxim Integrated Products MAX9724B Datasheet HTML 7Page - Maxim Integrated Products MAX9724B Datasheet HTML 8Page - Maxim Integrated Products MAX9724B Datasheet HTML 9Page - Maxim Integrated Products MAX9724B Datasheet HTML 10Page - Maxim Integrated Products MAX9724B Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
60mW, DirectDrive, Stereo Headphone Amplifier
with Low RF Susceptibility and Shutdown
_______________________________________________________________________________________
7
0
-120
10
100
10k
100k
CROSSTALK vs. FREQUENCY
-100
-80
-40
-60
-20
FREQUENCY (Hz)
1k
RIGHT TO LEFT
LEFT TO RIGHT
POUT = 15mW
RL = 16Ω
20
40
30
60
50
70
80
0
100
150
50
OUTPUT POWER vs. LOAD RESISTANCE AND
CHARGE-PUMP CAPACITOR SIZE (TQFN)
LOAD RESISTANCE (Ω)
VDD = 5V
fIN = 1kHz
THD+N = 1%
C1 = C2 = 2.2μF
C1 = C2 = 1μF
C1 = C2 = 0.47μF
0
40
30
20
10
60
50
70
80
0
100
150
50
OUTPUT POWER vs. LOAD RESISTANCE AND
CHARGE-PUMP CAPACITOR SIZE (UCSP)
LOAD RESISTANCE (Ω)
VDD = 5V
fIN = 1kHz
THD+N = 1%
C1 = C2 = 2.2μF
C1 = C2 = 1μF
C1 = C2 = 0.47μF
-140
-110
-130
-70
-90
-50
-120
-80
-100
-60
-40
0
5
10
15
20
OUTPUT SPECTRUM vs. FREQUENCY
FREQUENCY (kHz)
RL = 32Ω
VDD = 3V
fIN = 1kHz
VOUT = -60dBV
2.8
3.1
2.9
3.3
3.0
3.4
3.2
3.5
2.5
3.0
4.0
3.5
4.5
5.0
5.5
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
NO LOAD
INPUTS
GROUND
SHUTDOWN CURRENT
vs. SUPPLY VOLTAGE (TQFN)
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
20
40
60
80
100
120
140
0
2.5
5.5
NO LOAD INPUTS GND
Typical Operating Characteristics (continued)
(VDD = 5V, PGND = SGND = 0V, SHDN = VDD, C1 = C2 = 1µF, RL = ∞, gain = -1.5V/V (RIN = 20kΩ, RF = 30kΩ for the MAX9724A),
THD+N measurement bandwidth = 22Hz to 22kHz, both outputs driven in phase, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX9724B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9724B MAXIM-MAX9724B Datasheet
418Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 6; 3/09
MAX9724B MAXIM-MAX9724B Datasheet
115Kb / 4P
   Fully Assembled and Tested
Rev 0; 1/08
MAX9724BEBC+T MAXIM-MAX9724BEBC+T Datasheet
777Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 3; 3/07
MAX9724BEBC+TG45 MAXIM-MAX9724BEBC+TG45 Datasheet
418Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 6; 3/09
MAX9724BETC++ MAXIM-MAX9724BETC+ Datasheet
777Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 3; 3/07
More results

Similar Description - MAX9724B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9724A MAXIM-MAX9724A Datasheet
777Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 3; 3/07
MAX9724A MAXIM-MAX9724A_09 Datasheet
418Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 6; 3/09
MAX9724C MAXIM-MAX9724C Datasheet
350Kb / 19P
   Low RF Susceptibility DirectDrive Stereo Headphone Amplifier with 1.8V Compatible Shutdown
Rev 0; 5/08
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
MAX9877 MAXIM-MAX9877 Datasheet
498Kb / 30P
   Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 7/08
MAX9875 MAXIM-MAX9875 Datasheet
544Kb / 30P
   Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 3/09
MAX9720 MAXIM-MAX9720 Datasheet
508Kb / 21P
   50mW, DirectDrive, Stereo Headphone Amplifier with SmartSense and Shutdown
Rev 0; 4/03
MAX9877AERP MAXIM-MAX9877AERP Datasheet
557Kb / 31P
   Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com