Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9724B Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9724B
Description  60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9724B Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9724B Datasheet HTML 2Page - Maxim Integrated Products MAX9724B Datasheet HTML 3Page - Maxim Integrated Products MAX9724B Datasheet HTML 4Page - Maxim Integrated Products MAX9724B Datasheet HTML 5Page - Maxim Integrated Products MAX9724B Datasheet HTML 6Page - Maxim Integrated Products MAX9724B Datasheet HTML 7Page - Maxim Integrated Products MAX9724B Datasheet HTML 8Page - Maxim Integrated Products MAX9724B Datasheet HTML 9Page - Maxim Integrated Products MAX9724B Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
60mW, DirectDrive, Stereo Headphone Amplifier
with Low RF Susceptibility and Shutdown
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = 5V, PGND = SGND = 0V, SHDN = VDD, C1 = C2 = 1µF, RL = ∞, gain = -1.5V/V (RIN = 20kΩ, RF = 30kΩ for the MAX9724A),
THD+N measurement bandwidth = 22Hz to 22kHz, both outputs driven in phase, TA = +25°C, unless otherwise noted.)
0
40
20
80
60
100
120
2.5
3.5
4.0
3.0
4.5
5.0
5.5
OUTPUT POWER
vs. SUPPLY VOLTAGE (TQFN)
SUPPLY VOLTAGE (V)
fIN = 1kHz
RL = 32Ω
1% THD+N
10% THD+N
0
40
20
80
60
100
120
2.5
3.5
4.0
3.0
4.5
5.0
5.5
OUTPUT POWER
vs. SUPPLY VOLTAGE (UCSP)
SUPPLY VOLTAGE (V)
fIN = 1kHz
RL = 32Ω
1% THD+N
10% THD+N
35
0
10
100
1000
OUTPUT POWER
vs. LOAD RESISTANCE (TQFN)
5
LOAD RESISTANCE (Ω)
15
10
20
25
30
VDD = 3V
fIN = 1kHz
1% THD+N
10% THD+N
35
0
10
100
1000
OUTPUT POWER
vs. LOAD RESISTANCE (UCSP)
5
LOAD RESISTANCE (Ω)
15
10
20
25
30
VDD = 3V
fIN = 1kHz
THD+N = 1%
THD+N = 10%
100
0
10
100
OUTPUT POWER
vs. LOAD RESISTANCE (TQFN)
10
LOAD RESISTANCE (Ω)
30
20
50
70
90
40
60
80
THD+N = 1%
VDD = 5V
fIN = 1kHz
THD+N = 10%
100
0
10
100
OUTPUT POWER
vs. LOAD RESISTANCE (UCSP)
10
LOAD RESISTANCE (Ω)
30
20
50
70
90
40
60
80
THD+N = 1%
VDD = 5V
fIN = 1kHz
THD+N = 10%
0
50
150
100
200
250
POWER DISSIPATION
vs. OUTPUT POWER (TQFN)
OUTPUT POWER (mW)
040
20
60
80
VDD = 3V
fIN = 1kHz
POUT = POUTL + POUTR
OUTPUTS IN PHASE
RL = 16Ω
RL = 32Ω
0
20
100
80
60
40
120
140
160
POWER DISSIPATION
vs. OUTPUT POWER (UCSP)
OUTPUT POWER (mW)
010 15
20 25
30
540 45
35
50
VDD = 3V
fIN = 1kHz
POUT = POUTL + POUTR
OUTPUTS IN PHASE
RL = 16Ω
RL = 32Ω
0
-120
10
100
10k
100k
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
-100
-80
-40
-60
-20
FREQUENCY (Hz)
1k
VDD = 5V
VDD = 3V
RL = 32Ω


Similar Part No. - MAX9724B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9724B MAXIM-MAX9724B Datasheet
418Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 6; 3/09
MAX9724B MAXIM-MAX9724B Datasheet
115Kb / 4P
   Fully Assembled and Tested
Rev 0; 1/08
MAX9724BEBC+T MAXIM-MAX9724BEBC+T Datasheet
777Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 3; 3/07
MAX9724BEBC+TG45 MAXIM-MAX9724BEBC+TG45 Datasheet
418Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 6; 3/09
MAX9724BETC++ MAXIM-MAX9724BETC+ Datasheet
777Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 3; 3/07
More results

Similar Description - MAX9724B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9724A MAXIM-MAX9724A Datasheet
777Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 3; 3/07
MAX9724A MAXIM-MAX9724A_09 Datasheet
418Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 6; 3/09
MAX9724C MAXIM-MAX9724C Datasheet
350Kb / 19P
   Low RF Susceptibility DirectDrive Stereo Headphone Amplifier with 1.8V Compatible Shutdown
Rev 0; 5/08
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
MAX9877 MAXIM-MAX9877 Datasheet
498Kb / 30P
   Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 7/08
MAX9875 MAXIM-MAX9875 Datasheet
544Kb / 30P
   Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 3/09
MAX9720 MAXIM-MAX9720 Datasheet
508Kb / 21P
   50mW, DirectDrive, Stereo Headphone Amplifier with SmartSense and Shutdown
Rev 0; 4/03
MAX9877AERP MAXIM-MAX9877AERP Datasheet
557Kb / 31P
   Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com