Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC4024 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4024
Description  High-Speed CMOS Logic 7-Stage Binary Ripple Counter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4024 Datasheet(HTML) 4 Page - Texas Instruments

  CD54HC4024 Datasheet HTML 1Page - Texas Instruments CD54HC4024 Datasheet HTML 2Page - Texas Instruments CD54HC4024 Datasheet HTML 3Page - Texas Instruments CD54HC4024 Datasheet HTML 4Page - Texas Instruments CD54HC4024 Datasheet HTML 5Page - Texas Instruments CD54HC4024 Datasheet HTML 6Page - Texas Instruments CD54HC4024 Datasheet HTML 7Page - Texas Instruments CD54HC4024 Datasheet HTML 8Page - Texas Instruments CD54HC4024 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
HCT TYPES
High Level Input
Voltage
VIH
-
-
4.5 to
5.5
2-
-
2
-
2
-
V
Low Level Input
Voltage
VIL
-
-
4.5 to
5.5
-
-
0.8
-
0.8
-
0.8
V
High Level Output
Voltage
CMOS Loads
VOH
VIH or VIL
-0.02
4.5
4.4
-
-
4.4
-
4.4
-
V
High Level Output
Voltage
TTL Loads
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
Low Level Output
Voltage
CMOS Loads
VOL
VIH or VIL
0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
Low Level Output
Voltage
TTL Loads
4
4.5
-
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC and
GND
0
5.5
-
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
5.5
-
-
8
-
80
-
160
µA
Additional Quiescent
Device Current Per
Input Pin: 1 Unit Load
∆ICC
(Note 2)
VCC
-2.1
-
4.5 to
5.5
-
100
360
-
450
-
490
µA
NOTE:
2. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC -55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HCT Input Loading Table
INPUT
UNIT LOADS
CP, MR
0.5
NOTE: Unit Load is
∆ICC limit specified in DC Electrical Table, e.g.,
360
µA max at 25oC.
Prerequisite for Switching Specifications
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
HC TYPES
Maximum Input Pulse
Frequency
fMAX
2
6
-
5
-
4
-
MHz
4.5
30
-
24
-
20
-
MHz
6
35
-
29
-
24
-
MHz
Input Pulse Width
tW
2
80
-
100
-
120
-
ns
4.5
16
-
20
-
24
-
ns
6
14
-
17
-
20
-
ns
Reset Removal Time
tREM
2
50
-
65
-
75
-
ns
4.5
10
-
13
-
15
-
ns
6
9
-
11
-
13
-
ns
CD54HC4024, CD74HC4024, CD54HCT4024, CD74HCT4024


Similar Part No. - CD54HC4024

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC4024 TI-CD54HC4024 Datasheet
283Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD54HC4024 TI-CD54HC4024 Datasheet
440Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD54HC4024F TI-CD54HC4024F Datasheet
290Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD54HC4024F TI-CD54HC4024F Datasheet
440Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD54HC4024F3A TI-CD54HC4024F3A Datasheet
283Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
More results

Similar Description - CD54HC4024

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC4024 TI-CD54HC4024_07 Datasheet
440Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD54HC4024 TI-CD54HC4024_06 Datasheet
290Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HC4024 TI-CD74HC4024 Datasheet
40Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 7-Stage Binary Ripple Counter
CD54HC4024 TI-CD54HC4024 Datasheet
283Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
logo
NXP Semiconductors
74HC4024N PHILIPS-74HC4024N Datasheet
99Kb / 18P
   7-stage binary ripple counter
Rev. 03-12 November 2004
74HC4024 PHILIPS-74HC4024 Datasheet
42Kb / 7P
   7-stage binary ripple counter
December 1990
logo
Nexperia B.V. All right...
74HC4024-Q100 NEXPERIA-74HC4024-Q100 Datasheet
219Kb / 13P
   7-stage binary ripple counter
74HC4024 NEXPERIA-74HC4024 Datasheet
218Kb / 13P
   7-stage binary ripple counter
Rev. 10 - 23 November 2018
logo
National Semiconductor ...
CD4024BC NSC-CD4024BC Datasheet
114Kb / 6P
   7-Stage Ripple Carry Binary Counter
logo
Texas Instruments
CD74HCT4040 TI-CD74HCT4040_07 Datasheet
399Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 12-Stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com