Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C20234 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY8C20234
Description  PSoC짰 Mixed-Signal Array
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20234 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY8C20234 Datasheet HTML 4Page - Cypress Semiconductor CY8C20234 Datasheet HTML 5Page - Cypress Semiconductor CY8C20234 Datasheet HTML 6Page - Cypress Semiconductor CY8C20234 Datasheet HTML 7Page - Cypress Semiconductor CY8C20234 Datasheet HTML 8Page - Cypress Semiconductor CY8C20234 Datasheet HTML 9Page - Cypress Semiconductor CY8C20234 Datasheet HTML 10Page - Cypress Semiconductor CY8C20234 Datasheet HTML 11Page - Cypress Semiconductor CY8C20234 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
CY8C20534, CY8C20434
CY8C20334, CY8C20234
Document Number: 001-05356 Rev. *D
Page 8 of 34
24-Pin Part Pinout
Figure 5. CY8C20334 24-Pin PSoC Device
QFN
(Top View)
AI, P2[5]
AI, I2C SCL, SPI SS, P1[7]
AI, I2C SDA, SPI MISO, P1[5]
AI, SPI CLK, P1[3]
1
2
3
4
5
6
18
17
16
15
14
13
P0[2], AI
P0[0], AI
P0[4], AI
AI, P2[3]
AI, P2[1]
P1[6], AI
XRES
P2[0], AI
Table 2. 24-Pin Part Pinout (QFN [2])
Pin No.
Type
Name
Description
Digital
Analog
1
IO
I
P2[5]
2
IO
I
P2[3]
3
IO
I
P2[1]
4
IOH
I
P1[7]
I2C SCL, SPI SS.
5
IOH
I
P1[5]
I2C SDA, SPI MISO.
6
IOH
I
P1[3]
SPI CLK.
7
IOH
I
P1[1]
CLK[1], I2C SCL, SPI MOSI.
8
NC
No connection.
9
Power
Vss
Ground connection.
10
IOH
I
P1[0]
DATA[1], I2C SDA.
11
IOH
I
P1[2]
12
IOH
I
P1[4]
Optional external clock input (EXTCLK).
13
IOH
I
P1[6]
14
Input
XRES
Active high external reset with internal pull down.
15
IO
I
P2[0]
16
IO
I
P0[0]
17
IO
I
P0[2]
18
IO
I
P0[4]
19
IO
I
P0[6]
Analog bypass.
20
Power
Vdd
Supply voltage.
21
IO
I
P0[7]
22
IO
I
P0[5]
23
IO
I
P0[3]
Integrating input.
24
IO
I
P0[1]
CP
Power
Vss
Center pad is connected to ground.
A = Analog, I = Input, O = Output, OH = 5 mA High Output Drive
[+] Feedback


Similar Part No. - CY8C20234

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20234 CYPRESS-CY8C20234 Datasheet
469Kb / 32P
   PSoC짰 Mixed-Signal Array
CY8C20234 CYPRESS-CY8C20234 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C20234 CYPRESS-CY8C20234 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C20234 CYPRESS-CY8C20234 Datasheet
637Kb / 30P
   Automotive PSoC Programmable System-on-Chip
CY8C20234-12LKXA CYPRESS-CY8C20234-12LKXA Datasheet
637Kb / 30P
   Automotive PSoC Programmable System-on-Chip
More results

Similar Description - CY8C20234

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21234 CYPRESS-CY8C21234_08 Datasheet
1Mb / 43P
   PSoC짰 Mixed-Signal Array
CY8C24223A CYPRESS-CY8C24223A_06 Datasheet
492Kb / 33P
   PSoC짰 Mixed-Signal Array
CY8C20234 CYPRESS-CY8C20234 Datasheet
469Kb / 32P
   PSoC짰 Mixed-Signal Array
CY8C29466 CYPRESS-CY8C29466_07 Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C27143 CYPRESS-CY8C27143_06 Datasheet
809Kb / 51P
   PSoC짰 Mixed-Signal Array
CY8C21234 CYPRESS-CY8C21234_07 Datasheet
612Kb / 42P
   PSoC짰 Mixed-Signal Array
CY8C21634 CYPRESS-CY8C21634 Datasheet
1Mb / 42P
   PSoC짰 Mixed-Signal Array
CY8C21323 CYPRESS-CY8C21323_08 Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
CY8C27243 CYPRESS-CY8C27243_06 Datasheet
510Kb / 34P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com