Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C20334-12LQXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY8C20334-12LQXI
Description  PSoC짰 Mixed-Signal Array
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20334-12LQXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY8C20334-12LQXI Datasheet HTML 7Page - Cypress Semiconductor CY8C20334-12LQXI Datasheet HTML 8Page - Cypress Semiconductor CY8C20334-12LQXI Datasheet HTML 9Page - Cypress Semiconductor CY8C20334-12LQXI Datasheet HTML 10Page - Cypress Semiconductor CY8C20334-12LQXI Datasheet HTML 11Page - Cypress Semiconductor CY8C20334-12LQXI Datasheet HTML 12Page - Cypress Semiconductor CY8C20334-12LQXI Datasheet HTML 13Page - Cypress Semiconductor CY8C20334-12LQXI Datasheet HTML 14Page - Cypress Semiconductor CY8C20334-12LQXI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
CY8C20534, CY8C20434
CY8C20334, CY8C20234
Document Number: 001-05356 Rev. *D
Page 11 of 34
48-Pin OCD Part Pinout
The 48-Pin QFN part table and pin diagram is for the CY8C20000 On-Chip Debug (OCD) PSoC device. This part is only used for
in-circuit debugging. It is NOT available for production.
Figure 8. CY8C20000 OCD PSoC Device
28
Power
Vdd
Supply voltage.
29
IO
I
P0[7]
30
IO
I
P0[5]
31
IO
I
P0[3]
Integrating input.
32
Power
Vss
Ground connection.
CP
Power
Vss
Center pad is connected to ground.
A = Analog, I = Input, O = Output, OH = 5 mA High Output Drive.
Table 4. 32-Pin Part Pinout (QFN [2]) (continued)
OCD
QFN
(Top View)
10
11
12
NC
AI, P0[1]
AI, P2[7]
AI, P2[5]
AI, P2[3]
AI, P2[1]
AI, P3[3]
AI, P3[1]
AI, I2C SCL, SPI SS, P1[7]
AI, I2C SDA, SPI MISO, P1[5]
NC
NC
35
34
33
32
31
30
29
28
27
26
25
36
P0[2], AI
P0[0], AI
P2[6], AI
P2[4], AI
P2[2], AI
P2[0], AI
P3[2], AI
P3[0], AI
XRES
P1[6], AI
P1[4], EXTCLK, AI
P0[4], AI
1
2
3
4
5
6
7
8
9
Table 5. 48-Pin OCD Part Pinout (QFN [2])
Pin No.
Digital
Analog
Name
Description
1
NC
No connection.
2
IO
I
P0[1]
3
IO
I
P2[7]
4
IO
I
P2[5]
5
IO
I
P2[3]
6
IO
I
P2[1]
7
IO
I
P3[3]
8
IO
I
P3[1]
9
IOH
I
P1[7]
I2C SCL, SPI SS.
10
IOH
I
P1[5]
I2C SDA, SPI MISO.
[+] Feedback


Similar Part No. - CY8C20334-12LQXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20334-12LQXI CYPRESS-CY8C20334-12LQXI Datasheet
1Mb / 34P
   PSoC Programmable System-0n-Chip
CY8C20334-12LQXI CYPRESS-CY8C20334-12LQXI Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C20334-12LQXI CYPRESS-CY8C20334-12LQXI Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C20334-12LQXIT CYPRESS-CY8C20334-12LQXIT Datasheet
1Mb / 34P
   PSoC Programmable System-0n-Chip
CY8C20334-12LQXIT CYPRESS-CY8C20334-12LQXIT Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C20334-12LQXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21234 CYPRESS-CY8C21234_08 Datasheet
1Mb / 43P
   PSoC짰 Mixed-Signal Array
CY8C24223A CYPRESS-CY8C24223A_06 Datasheet
492Kb / 33P
   PSoC짰 Mixed-Signal Array
CY8C20234 CYPRESS-CY8C20234 Datasheet
469Kb / 32P
   PSoC짰 Mixed-Signal Array
CY8C29466 CYPRESS-CY8C29466_07 Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C27143 CYPRESS-CY8C27143_06 Datasheet
809Kb / 51P
   PSoC짰 Mixed-Signal Array
CY8C21234 CYPRESS-CY8C21234_07 Datasheet
612Kb / 42P
   PSoC짰 Mixed-Signal Array
CY8C21634 CYPRESS-CY8C21634 Datasheet
1Mb / 42P
   PSoC짰 Mixed-Signal Array
CY8C21323 CYPRESS-CY8C21323_08 Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
CY8C27243 CYPRESS-CY8C27243_06 Datasheet
510Kb / 34P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com