Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C41123 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY8C41123
Description  Linear Power PSoC??Devices
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C41123 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY8C41123 Datasheet HTML 4Page - Cypress Semiconductor CY8C41123 Datasheet HTML 5Page - Cypress Semiconductor CY8C41123 Datasheet HTML 6Page - Cypress Semiconductor CY8C41123 Datasheet HTML 7Page - Cypress Semiconductor CY8C41123 Datasheet HTML 8Page - Cypress Semiconductor CY8C41123 Datasheet HTML 9Page - Cypress Semiconductor CY8C41123 Datasheet HTML 10Page - Cypress Semiconductor CY8C41123 Datasheet HTML 11Page - Cypress Semiconductor CY8C41123 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
CY8C41123 and CY8C41223
PRELIMINARY
Document 001-00360 Rev. *A
Page 8 of 36
6.1.3
32-Pin QFN Part Pinouts
The 32-pin QFN part is for the CY8C41000 On-Chip Debug (OCD) PSoC device.
Note This part is only used for in-circuit debugging. It is NOT available for production.
Important Note For information on the preferred dimensions for mounting QFN packages, see the following Application Note at
http://www.amkor.com/products/notes_papers/MLFAppNote.pdf.
32-Pin OCD Part Pinout (QFN**)
Pin
No.
Name
Description
CY8C41000 OCD PSoC Device
Not for Production
1
NC
No Connection
2
NC
No Connection
3OCD
HCLK
On-Chip Debug Clock
4OCD
CCLK
On-Chip Debug Clock
5
IO
I
P0[7]
I2C Clock
6
IO
I
P0[5]
I2C Data
7
IO
I
P0[3]
8
IO
I
P0[1]
9
NC
No Connection
10
NC
No Connection
11
IO
I
P1[1]
I2C Clock*
12
Power
Vss
13
IO
I
P1[0]
I2C Data*
14
NC
No Connection
15
NC
No Connection
16
NC
No Connection
17
IO
I
P0[0]
18
IO
I
P0[2]
Optional External CLK Input (EXTCLK)
19
IO
I
P0[4]
20
IO
I
P0[6]
21
I
XRES
External Reset
22
OCD
OCDO On-Chip Debug Data
23
OCD
OCDE On-Chip Debug Data
24
NC
No Connection
25
DNU
Do Not Use
26
HVI
VS0
High Voltage Sense 0
27
HVO
HVO
GD0
High Side Gate Driver 0
28
Power
HVdd
Supply Voltage
29
Power
HVdd
Supply Voltage
30
HVO
HVO
GD1
High Side Gate Driver 1
31
HVI
VS1
High Voltage Sense 1
32
NC
No Connection
CP
Power
Vss
Center Pad Must be Connected to Ground
LEGEND I = Input 5V Only, O = Output 5V Only, HV = High Voltage, NC = No Connection, OCD = On-Chip Debug.
* These are the ISSP pins, which are not HighZ at POR (Power On Reset). See the Power PSoC Mixed-Signal Array Technical Reference Manual for details.
** The QFN package has a center pad that must be connected to ground (Vss).
NC
NC
HCLK
CCLK
P0[7]
P0[5]
QFN
(T op View)
(CP)
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
P0[3]
P0[1]
NC
OCDE
P0[2]
P0[0]
OCDO
XRES
P0[6]
P0[4]


Similar Part No. - CY8C41123

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C4124AXI-443 CYPRESS-CY8C4124AXI-443 Datasheet
987Kb / 43P
   Programmable System-on-Chip (PSoC짰)
CY8C4124AXQ-443 CYPRESS-CY8C4124AXQ-443 Datasheet
987Kb / 43P
   Programmable System-on-Chip (PSoC짰)
CY8C4124AZI-443 CYPRESS-CY8C4124AZI-443 Datasheet
987Kb / 43P
   Programmable System-on-Chip (PSoC짰)
CY8C4124FNI-443 CYPRESS-CY8C4124FNI-443 Datasheet
987Kb / 43P
   Programmable System-on-Chip (PSoC짰)
CY8C4124LQI-443 CYPRESS-CY8C4124LQI-443 Datasheet
987Kb / 43P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C41123

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C42123 CYPRESS-CY8C42123 Datasheet
959Kb / 42P
   Power PSoC??Devices
CY3217 CYPRESS-CY3217 Datasheet
62Kb / 1P
   PSoC MiniProg
logo
Infineon Technologies A...
CY8C41XX INFINEON-CY8C41XX Datasheet
880Kb / 59P
   PSoC™ 4 MCU: PSoC™ 4100S Max
Rev. E 2022-10-14
CY8C62X6 INFINEON-CY8C62X6 Datasheet
1Mb / 77P
   PSoC 62 MCU
06/22/2020 Revision J
logo
Cypress Semiconductor
CY8C22113 CYPRESS-CY8C22113_04 Datasheet
754Kb / 36P
   PSoC??Mixed Signal Array
CY8C21123 CYPRESS-CY8C21123 Datasheet
330Kb / 33P
   PSoC??Mixed-Signal Array
CY8C24123A CYPRESS-CY8C24123A Datasheet
499Kb / 47P
   PSoC Mixed-Signal Array
CY8C22213 CYPRESS-CY8C22213 Datasheet
2Mb / 304P
   PSoC Mixed Signal Array
CY8C24123 CYPRESS-CY8C24123 Datasheet
632Kb / 41P
   PSoC Mixed Signal Array
CY8C27143 CYPRESS-CY8C27143 Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com