Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1585C Datasheet(PDF) 5 Page - STMicroelectronics

Part # LD1585C
Description  5A LOW DROPOUT FAST RESPONSE POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1585C Datasheet(HTML) 5 Page - STMicroelectronics

  LD1585C Datasheet HTML 1Page - STMicroelectronics LD1585C Datasheet HTML 2Page - STMicroelectronics LD1585C Datasheet HTML 3Page - STMicroelectronics LD1585C Datasheet HTML 4Page - STMicroelectronics LD1585C Datasheet HTML 5Page - STMicroelectronics LD1585C Datasheet HTML 6Page - STMicroelectronics LD1585C Datasheet HTML 7Page - STMicroelectronics LD1585C Datasheet HTML 8Page - STMicroelectronics LD1585C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LD1585C SERIES
5/17
ELECTRICAL CHARACTERISTICS OF LD1585#25 (VI=5.5V, CI =CO =10µF, TJ = 0 to 125°C, unless
otherwise specified.)
NOTE 1: See short-circuit current curve for available output current at fixed dropout.
ELECTRICAL CHARACTERISTICS OF LD1585#285 (VI=5.85V, CI =CO =10µF, TJ = 0 to 125°C, unless
otherwise specified.)
NOTE 1: See short-circuit current curve for available output current at fixed dropout.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO =0mA
TJ = 25°C
2.475
2.5
2.525
V
IO =0to 5A VI = 4 to 25V (note 1)
2.45
2.5
2.55
V
∆V
O
Line Regulation
IO =0mA
VI =4to16V
TJ = 25°C
0.005
0.2
mV
IO =0mA
VI = 4 to 16V
0.005
0.2
∆V
O
Load Regulation
IO =0to 5A TJ = 25°C
0.05
0.3
mV
IO = 0 to 5A
0.05
0.5
Vd
Dropout Voltage
IO =5 A
1.2
1.4
V
Iq
Quiescent Current
VI ≤ 25V
5
10
mA
Isc
Short Circuit Current
VI -VO = 5.5V
5.5
7
A
Termal Regulation
TJ = 25°C, 30ms pulse
0.004
0.02
%/W
SVR
Supply Voltage Rejection
f = 120 Hz,
CO =25 µF, IO =5A
VI -VO =3 ± 1V
60
75
dB
eN
RMS Output Noise Voltage
(% of VO)
TJ = 25°C
f =10Hz to 10KHz
0.003
%
S
Temperature Stability
0.5
%
S
Long Term Stability
TJ = 125°C
1000Hrs
0.03
1
%
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO =0mA
TJ = 25°C
2.821
2.85
2.879
V
IO =0to 5A VI = 4.5 to 30V (note 1)
2.793
2.85
2.907
V
∆V
O
Line Regulation
IO =0mA
VI = 4.5 to 18V TJ = 25°C
0.005
0.2
mV
IO =0mA
VI = 4.5 to 18V
0.005
0.2
∆V
O
Load Regulation
IO =0to 5A TJ = 25°C
0.05
0.3
mV
IO = 0 to 5A
0.05
0.5
Vd
Dropout Voltage
IO =5 A
1.2
1.4
V
Iq
Quiescent Current
VI ≤ 25V
5
10
mA
Isc
Short Circuit Current
VI -VO = 5.5V
5.5
7
A
Termal Regulation
TJ = 25°C, 30ms pulse
0.004
0.02
%/W
SVR
Supply Voltage Rejection
f = 120 Hz,
CO =25 µF, IO =5A
VI -VO =3 ± 1V
60
75
dB
eN
RMS Output Noise Voltage
(% of VO)
TJ = 25°C
f =10Hz to 10KHz
0.003
%
S
Temperature Stability
0.5
%
S
Long Term Stability
TJ = 125°C
1000Hrs
0.03
1
%


Similar Part No. - LD1585C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1585C STMICROELECTRONICS-LD1585C Datasheet
439Kb / 25P
   5A Low dropout fast response positive voltage regulator adjustable and fixed
LD1585CD2M-R STMICROELECTRONICS-LD1585CD2M-R Datasheet
439Kb / 25P
   5A Low dropout fast response positive voltage regulator adjustable and fixed
LD1585CD2M15R STMICROELECTRONICS-LD1585CD2M15R Datasheet
439Kb / 25P
   5A Low dropout fast response positive voltage regulator adjustable and fixed
LD1585CD2M18R STMICROELECTRONICS-LD1585CD2M18R Datasheet
439Kb / 25P
   5A Low dropout fast response positive voltage regulator adjustable and fixed
LD1585CD2M25R STMICROELECTRONICS-LD1585CD2M25R Datasheet
439Kb / 25P
   5A Low dropout fast response positive voltage regulator adjustable and fixed
More results

Similar Description - LD1585C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LT1585A ONSEMI-LT1585A Datasheet
152Kb / 9P
   5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR
1999 Rev 0
logo
STMicroelectronics
LD1585C STMICROELECTRONICS-LD1585C_05 Datasheet
439Kb / 25P
   5A Low dropout fast response positive voltage regulator adjustable and fixed
logo
Anpec Electronics Corop...
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1084 ANPEC-APL1084 Datasheet
241Kb / 12P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
Linear Technology
LT1585A-3.3 LINER-LT1585A-3.3_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A Datasheet
253Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
Sipex Corporation
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Exar Corporation
SPX1585AT-L EXAR-SPX1585AT-L Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com